Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT24C256N-10SU-2.7 Datasheet(PDF) 14 Page - ATMEL Corporation

Part # AT24C256N-10SU-2.7
Description  Two-wire Serial EEPROMs
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT24C256N-10SU-2.7 Datasheet(HTML) 14 Page - ATMEL Corporation

Back Button AT24C256N-10SU-2.7 Datasheet HTML 10Page - ATMEL Corporation AT24C256N-10SU-2.7 Datasheet HTML 11Page - ATMEL Corporation AT24C256N-10SU-2.7 Datasheet HTML 12Page - ATMEL Corporation AT24C256N-10SU-2.7 Datasheet HTML 13Page - ATMEL Corporation AT24C256N-10SU-2.7 Datasheet HTML 14Page - ATMEL Corporation AT24C256N-10SU-2.7 Datasheet HTML 15Page - ATMEL Corporation AT24C256N-10SU-2.7 Datasheet HTML 16Page - ATMEL Corporation AT24C256N-10SU-2.7 Datasheet HTML 17Page - ATMEL Corporation AT24C256N-10SU-2.7 Datasheet HTML 18Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
14
AT24C128/256
0670T–SEEPR–3/07
Notes:
1. This device is not recommended for new design. Please refer to AT24C256B datasheet. For 2.7V devices used in the 4.5V to
5.5V range, please refer to performance values in the AC and DC characteristics tables.
2. “U” designates Green Package + RoHS compliant.
3. Available in waffle pack and wafer form; order as SL788 for wafer form. Bumped die available upon request. Please contact
Serial EEPROM Marketing.
AT24C256 Ordering Information(1)
Ordering Code
Package
Operation Range
AT24C256-10PU-2.7(2)
AT24C256-10PU-1.8(2)
AT24C256N-10SU-2.7(2)
AT24C256N-10SU-1.8(2)
AT24C256W-10SU-2.7(2)
AT24C256W-10SU-1.8(2)
AT24C256-10TU-2.7(2)
AT24C256-10TU-1.8(2)
AT24C256U2-10UU-1.8(2)
AT24C256Y1-10YU-1.8(2)
AT24C256Y4-10YU-1.8(2)
8P3
8P3
8S1
8S1
8S2
8S2
8A2
8A2
8U2-1
8Y1
8Y4
Lead-free/Halogen-free/
Industrial Temperature
(–40
° C to 85° C)
AT24C256-W1.8-11(3)
Die Sale
Industrial Temperature
(–40
° C to 85° C)
Package Type
8P3
8-lead, 0.300" Wide, Plastic Dual Inline Package (PDIP)
8S1
8-lead, 0.150" Wide, Plastic Gull Wing Small Outline Package (JEDEC SOIC)
8S2
8-lead, 0.200" Wide, Plastic Gull Wing Small Outline Package (EIAJ SOIC)
8U2-1
8-ball, die Ball Grid Array Package (dBGA2)
8Y1
8-lead, 4.90 mm x 3.00 mm Body, Dual Footprint, Non-leaded, Miniature Array Package (MAP)
8Y4
8-lead, 6.00 mm x 4.90 mm Body, Dual Footprint, Non-leaded, Small Array Package (SAP)
8A2
8-lead, 4.4 mm Body, Plastic Thin Shrink Small Outline Package (TSSOP)
Options
–2.7
Low-voltage (2.7V to 5.5V)
–1.8
Low-voltage (1.8V to 3.6V)


Similar Part No. - AT24C256N-10SU-2.7

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24C256N-10SU-2.7 ATMEL-AT24C256N-10SU-2.7 Datasheet
367Kb / 23P
Two-wire Serial EEPROMs
More results

Similar Description - AT24C256N-10SU-2.7

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24C128 ATMEL-AT24C128 Datasheet
225Kb / 15P
2-Wire Serial EEPROMs
AT59C11 ATMEL-AT59C11 Datasheet
131Kb / 13P
4-Wire Serial EEPROMs
AT93C46 ATMEL-AT93C46 Datasheet
154Kb / 15P
3-Wire Serial EEPROMs
AT93C46 ATMEL-AT93C46_05 Datasheet
371Kb / 21P
Three-wire Serial EEPROMs
AT24C128 ATMEL-AT24C128_06 Datasheet
397Kb / 23P
Two-wire Serial EEPROMs
AT24C128 ATMEL-AT24C128_07 Datasheet
410Kb / 17P
Two-wire Automotive Temperature Serial EEPROMs
logo
GTM CORPORATION
GSC24BC01 GTM-GSC24BC01 Datasheet
284Kb / 9P
2-WIRE SERIAL EEPROMS
GSC93BC46-66 GTM-GSC93BC46-66 Datasheet
276Kb / 8P
2-WIRE SERIAL EEPROMS
logo
ATMEL Corporation
AT24C128 ATMEL-AT24C128_03 Datasheet
208Kb / 20P
2-wire Serial EEPROMs
AT24C256W-10SU-2.7 ATMEL-AT24C256W-10SU-2.7 Datasheet
367Kb / 23P
Two-wire Serial EEPROMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com