Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CL21C100CBANNNC Datasheet(PDF) 32 Page - Samsung semiconductor

Part # CL21C100CBANNNC
Description  Multilayer Ceramic Capacitor
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

CL21C100CBANNNC Datasheet(HTML) 32 Page - Samsung semiconductor

Back Button CL21C100CBANNNC Datasheet HTML 27Page - Samsung semiconductor CL21C100CBANNNC Datasheet HTML 28Page - Samsung semiconductor CL21C100CBANNNC Datasheet HTML 29Page - Samsung semiconductor CL21C100CBANNNC Datasheet HTML 30Page - Samsung semiconductor CL21C100CBANNNC Datasheet HTML 31Page - Samsung semiconductor CL21C100CBANNNC Datasheet HTML 32Page - Samsung semiconductor CL21C100CBANNNC Datasheet HTML 33Page - Samsung semiconductor CL21C100CBANNNC Datasheet HTML 34Page - Samsung semiconductor CL21C100CBANNNC Datasheet HTML 35Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 32 / 35 page
background image
Multilayer Ceramic Capacitor - General
- 31 -
■ CROSS REFERENCE
P/N
COMPANY
SAMSUNG
AVX
JOHANSON
KEMET
KYOCERA
MURATA
NOVACAP
PANASONIC
ROHM
TAIYO
- YUDEN
TDK
VITRAMON
① COMPANY MODEL(MLCC)
CL
-
-
C
CM
GRM
-
ECJ
MCH
MK
C
VJ
② SIZE
(EIA/JIS)
0201(0603)
03
-
-
-
03
33
-
Z
-
063
0603
-
0402(1005)
05
0402
R07
0402
05
36
0402
0
15
105
1005
0402
0603(1608)
10
0603
R14
0603
105
39
0603
1
18
107
1608
0603
0805(2012)
21
0805
R15
0805
21
40
0805
2
21
212
2012
0805
1206(3216)
31
1206
R18
1206
316
42-6
1206
3
31
316
3216
1206
1210(3225)
32
1210
S41
1210
32
42-2
1210
4
32
325
3225
1210
1808(4520)
42
1808
R29
1808
42
-
1808
-
-
-
4520
1808
1812(4532)
43
1812
S43
1812
43
43-2
1812
-
43
432
4532
1812
2220(5750)
55
-
-
2220
55
44-1
2221
-
-
550
5650
-
TEMPERATURE
CHARACTERISTIC
COG(NPO)
C
A
N
G
CG
COG/CH
N
C
A
C
COG/CH
A
P2H(N150)
P
S
-
-
P
P2H
-
P
-
P
PH
-
R2H(N220)
R
1
-
-
R
R2H
-
R
-
R
RH
-
S2H(N330)
S
3
-
-
S
S2H
-
S
-
S
SH
-
T2H(N470)
T
O
-
-
T
T2H
-
T
-
T
TH
-
U2J(N750)
U
Z
-
-
U
U2J
-
U
UJ
U
UJ
-
S2L
L
Y
-
-
SL
SL
-
G
SL
SL
SL
-
X7R
B
C
W
R(X)
X7R
X7R
B
B
C
BJ
X7R(B)
Y(X)
Z5U
E
E
Z
U
-
Z5U
Z
-
E
-
Z5U
U
Y5V
F
G
Y
V
Y5V
Y5V
Y
F
F
F
Y5V
-
④ NOMINAL CAPACITANCE
EX) 103=10,000㎊
221=220㎊
225=2,200,000㎊=2.2㎌
1R5=1.5㎊
010=1㎊
⑤ CAPACITANCE TOLERANCE
B:±0.1㎊
C:±0.25㎊
D:±0.5㎊
F:±1%
G:±2%
J:±5%
K:±10%
M:±20%
Z:-20~+80%
⑥ RATED
VOLTAGE
6.3V
Q
6
-
9
06
6.3
-
0J
-
J
0J
-
10 V
P
Z
100
8
10
10
-
1A
4
L
1A
-
16 V
O
Y
160
4
16
16
160
1C
3
E
1C
J
25 V
A
3
250
3
25
25
250
1E
2
T
1E
X
50 V
B
5
500
5
50
50
500
1H
5
U
1H
A
100 V
C
1
101
1
100
100
101
2A
1
-
2A
B
200V
D
2
201
2
200
200
201
2D
-
-
-
C
250V
E
V
-
-
250
250
251
-
-
-
2E
-
500V
G
7
501
-
500
500
501
-
-
-
-
E
630V
H
-
-
-
630
630
-
-
-
-
2J
-
1000V
I
A
102
-
1000
1K
102
-
-
-
3A
G
2000V
J
G
202
-
2000
2K
202
-
-
-
3D
-
3000V
K
H
302
-
3000
3K
302
-
-
-
3F
H
4000V
-
J
-
4000
-
402
-
-
-
-
-
⑦ TERMINATION
NICKEL BARRIER
N
T
V
C
A
(GRM)
N
-
(MCH)
-
-
X
Ag/Pd
P
1
-
-
B
(GR)
P
-
(MC)
-
-
F
⑧ PACKAGE
BULK(VINYL)
B
9
(NONE)
-
B
PB
*
X
-
B
B
B
PAPER TAPING
C
2, 4
T, R
-
T, L
PT
T
E,V,W
K, L
T
T
C, P
PLASTIC TAPING
E
1, 3
E, U
-
H, N
PT
-
F, Y
P, Q
T
-
T, R
BULK CASE
P
7
-
-
C
PC
-
C
C
-
-
G


Similar Part No. - CL21C100CBANNNC

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
CL21C100JBANNN SAMSUNG-CL21C100JBANNN Datasheet
242Kb / 17P
Wide temperature compensation and voltage range
More results

Similar Description - CL21C100CBANNNC

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
CL21C220 SAMSUNG-CL21C220 Datasheet
552Kb / 35P
Multilayer Ceramic Capacitor
logo
EPCOS
X7R EPCOS-X7R Datasheet
432Kb / 19P
Multilayer ceramic capacitor
B37941X EPCOS-B37941X Datasheet
413Kb / 14P
Multilayer ceramic capacitor
B37931K5104K0 EPCOS-B37931K5104K0 Datasheet
64Kb / 5P
Multilayer ceramic capacitor
logo
Samsung semiconductor
CL03C101JA3ANNC SAMSUNG-CL03C101JA3ANNC Datasheet
620Kb / 35P
Multilayer Ceramic Capacitor
CL10B101KB8NNNC SAMSUNG-CL10B101KB8NNNC Datasheet
620Kb / 35P
Multilayer Ceramic Capacitor
CL31B104KCFNNNF SAMSUNG-CL31B104KCFNNNF Datasheet
620Kb / 35P
Multilayer Ceramic Capacitor
CL10C180JB8NNNC SAMSUNG-CL10C180JB8NNNC Datasheet
620Kb / 35P
Multilayer Ceramic Capacitor
CL05B104KONC SAMSUNG-CL05B104KONC Datasheet
549Kb / 35P
Multilayer Ceramic Capacitor
logo
Murata Manufacturing Co...
GRM31CF11H475ZA01L MURATA1-GRM31CF11H475ZA01L Datasheet
47Kb / 1P
Capacitor Ceramic Multilayer
2015/01/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com