Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CL21C100CBANNNC Datasheet(PDF) 24 Page - Samsung semiconductor

Part # CL21C100CBANNNC
Description  Multilayer Ceramic Capacitor
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

CL21C100CBANNNC Datasheet(HTML) 24 Page - Samsung semiconductor

Back Button CL21C100CBANNNC Datasheet HTML 20Page - Samsung semiconductor CL21C100CBANNNC Datasheet HTML 21Page - Samsung semiconductor CL21C100CBANNNC Datasheet HTML 22Page - Samsung semiconductor CL21C100CBANNNC Datasheet HTML 23Page - Samsung semiconductor CL21C100CBANNNC Datasheet HTML 24Page - Samsung semiconductor CL21C100CBANNNC Datasheet HTML 25Page - Samsung semiconductor CL21C100CBANNNC Datasheet HTML 26Page - Samsung semiconductor CL21C100CBANNNC Datasheet HTML 27Page - Samsung semiconductor CL21C100CBANNNC Datasheet HTML 28Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 35 page
background image
Multilayer Ceramic Capacitor - General
- 23 -
*
THE INITIAL VALUE OF HIGH DIELECTRIC CONSTANT SERIES SHALL BE MEASURED
AFTER THE HEAT TREATMENT OF 150 +0/-10℃, 1Hr AND SITTING OF 48±4hr AT ROOM TEMPERATURE & ROOM HUMIDITY.
NO
ITEM
PERFORMANCE
TEST CONDITION
11
SOLDERABILITY
MORE THAN 75% OF THE TERMINAL
SURFACEISTOBESOLDEREDNEWLY,
SO METAL PART DOES NOT COME
OUT OR DISSOLVE
IN PB--FREE PART, MORE THAN 95%
OF THE TERMINAL SURFACE IS TO BE
SOLDERED NEWLY
SOLDER TEMPERATURE : 230±5℃
DIP TIME : 3±1Sec
SOLDER
: H63A
FLUX
: RMA TYPE
*PB-FREE
SOLDER TEMPERATURE : 260±5℃
SOLDER : Sn96.5-3Ag-0.5Cu
Flux : RMA TYPE
DIPTIME:3±0.1Sec
* PRE-HEATING : AT 80~120℃ FOR
10~30SEC.
12
RESISTANCE
TO
SOLDERING
HEAT
APPEARANCE
NO MECHANICAL DAMAGE
SHALL OCCUR
DIP : SOLDER TEMPERATURE OF
270±5℃
DIPTIME:10±1 SEC.
EACH TERMINATION SHALL BE FULLY
IMMERSED AND PREHEATED
AS FOLLOWING:
MEASURE AT ROOM TEMP. AFTER
COOLING FOR
CLASSⅠ :24 ± 2 HOURS
CLASSⅡ :48 ± 4 HOURS
CAPACITANCE
CHARACTERISTIC
CAP. CHANGE
CLASSⅠ
WITHIN ±2.5% OR
±
0.25㎊ WHICHEVER
IS LARGER
CLASSⅡ
A,B
WITHIN ±7.5%
F
WITHIN ±20%
Q
CLASS Ⅰ
30㎊ AND OVER : Q≥ 1000
LESS THAN 30㎊ :Q≥ 400+20×C
Tanδ
CLASS Ⅱ
TO SATISFY THE SPECIFIED
INITIAL VALUE
INSULATION
RESISTANCE
TO SATISFY THE SPECIFIED
INITIAL VALUE
WITHSTANDING
VOLTAGE
TO SATISFY THE SPECIFIED
INITIAL VALUE
13
VIBRATION
TEST
APPEARANCE
NO MECHANICAL DAMAGE SHALL
OCCUR.
BENDING SHALL BE APPLIED TO
THE LIMIT(1mm) WITH 0.3mm/SEC.
KEEP THE TEST BOARD AT THE LIMIT
POINT IN 5 SEC., THEN MEASURE
CAPACITANCE.
THE ENTIRE FREQUENCY RANGE, FROM 10
TO 55Hz AND RETURN TO 10Hz, SHALL BE
TRAVERSED IN 1 MINUTE.
THIS CYCLE SHALL BE PERFORMED 2
HOURS IN EACH THERE MUTUALLY
PERPENDICULAR DIRECTION,
FOR TOTAL PERIOD OF 6 HOURS.
CAPACITANCE
CHARACTERISTIC
CAP. CHANGE
CLASS Ⅰ
WITHIN ±2.5% OR
±
0.25㎊
WHICHEVER
IS LARGER
CLASS
A,B
WITHIN ±5%
F
WITHIN ±20%
Q
CLASS Ⅰ
30㎊ AND OVER : Q≥ 1000
LESS THAN 30㎊ :Q≥ 400+20×C
Tanδ
CLASS Ⅱ
TO SATISFY THE SPECIFIED
INITIAL VALUE
INSULATION
RESISTANCE
TO SATISFY THE SPECIFIED
INITIAL VALUE
STEP
TEMP.(℃)
TIME
(SEC.)
1
80~100
60
2
150~180
60
CHAR.
FREQUENCY RANGE
A,B,C,F
10Hz → 55Hz → 10Hz
CHAR.
TRAVERSED TIME
A,B,C,F
1min


Similar Part No. - CL21C100CBANNNC

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
CL21C100JBANNN SAMSUNG-CL21C100JBANNN Datasheet
242Kb / 17P
Wide temperature compensation and voltage range
More results

Similar Description - CL21C100CBANNNC

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
CL21C220 SAMSUNG-CL21C220 Datasheet
552Kb / 35P
Multilayer Ceramic Capacitor
logo
EPCOS
X7R EPCOS-X7R Datasheet
432Kb / 19P
Multilayer ceramic capacitor
B37941X EPCOS-B37941X Datasheet
413Kb / 14P
Multilayer ceramic capacitor
B37931K5104K0 EPCOS-B37931K5104K0 Datasheet
64Kb / 5P
Multilayer ceramic capacitor
logo
Samsung semiconductor
CL03C101JA3ANNC SAMSUNG-CL03C101JA3ANNC Datasheet
620Kb / 35P
Multilayer Ceramic Capacitor
CL10B101KB8NNNC SAMSUNG-CL10B101KB8NNNC Datasheet
620Kb / 35P
Multilayer Ceramic Capacitor
CL31B104KCFNNNF SAMSUNG-CL31B104KCFNNNF Datasheet
620Kb / 35P
Multilayer Ceramic Capacitor
CL10C180JB8NNNC SAMSUNG-CL10C180JB8NNNC Datasheet
620Kb / 35P
Multilayer Ceramic Capacitor
CL05B104KONC SAMSUNG-CL05B104KONC Datasheet
549Kb / 35P
Multilayer Ceramic Capacitor
logo
Murata Manufacturing Co...
GRM31CF11H475ZA01L MURATA1-GRM31CF11H475ZA01L Datasheet
47Kb / 1P
Capacitor Ceramic Multilayer
2015/01/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com