Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BLM21PG220SN1D Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd.

Part # BLM21PG220SN1D
Description  EMIFIL (Inductor type) Chip Ferrite Bead
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

BLM21PG220SN1D Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd.

  BLM21PG220SN1D Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. BLM21PG220SN1D Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. BLM21PG220SN1D Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. BLM21PG220SN1D Datasheet HTML 4Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Data Sheet
!Note:
1. This datasheet is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our
products in it may be discontinued without advance notice. Please check with our sales representatives or product engineers before ordering.
2. This datasheet has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product
specifications or transact the approval sheet for product specifications before ordering.
http://www.murata.com/
1
Noise Suppression Products/EMI Suppression Filters > EMIFIL
r (Inductor type) > Chip Ferrite Bead
2011.11.2
oThis data sheet is applied for CHIP FERRITE BEAD used for General Electronics equipment for your design.
EMIFIL
r (Inductor type) Chip Ferrite Bead
BLM21P Series (0805 Size)
c Dimensions
2.0±0.2
0.5±0.2
1.25±0.2
EIA CODE : 0805
(in mm)
: Electrode
c Equivalent Circuit
(Resistance element becomes dominant
at high frequencies.)
c Packaging
Code
Packaging
Minimum Quantity
D
180mm Paper Tape
4000
J
330mm Paper Tape
10000
B
Bulk(Bag)
1000
c Rated Value (p: packaging code)
Part Number
Impedance
(at 100MHz/20°C)
Impedance
(at 1GHz/20°C)
Rated Current
DC Resistance
Operating
Temperature Range
BLM21PG220SN1
p
22ohm ±25%
-
6000mA
0.009ohm max.
-55 to +125°C
BLM21PG300SN1
p
30ohm (Typ.)
-
4000mA
0.014ohm max.
-55 to +125°C
BLM21PG600SN1
p
60ohm ±25%
-
3500mA
0.02ohm max.
-55 to +125°C
BLM21PG121SN1
p
120ohm ±25%
-
3000mA
0.03ohm max.
-55 to +125°C
BLM21PG221SN1
p
220ohm ±25%
-
2000mA
0.045ohm max.
-55 to +125°C
BLM21PG331SN1
p
330ohm ±25%
-
1500mA
0.07ohm max.
-55 to +125°C
Number of Circuits: 1
Continued on the following page.


Similar Part No. - BLM21PG220SN1D

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
BLM21PG220SN1D MURATA1-BLM21PG220SN1D Datasheet
288Kb / 4P
The chip ferrite beads BLM series is designed to function nearly as a resistor at noise frequencies, which greatly reduces the possibility of resonance and leaves signal wave forms undistorted.
Last updated07/15/2022
BLM21PG220SN1D MURATA1-BLM21PG220SN1D Datasheet
330Kb / 10P
Chip Ferrite Bead
BLM21PG220SN1D MURATA1-BLM21PG220SN1D Datasheet
330Kb / 10P
Chip Ferrite Bead BLM21
More results

Similar Description - BLM21PG220SN1D

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
BLM18EG101TN1D MURATA-BLM18EG101TN1D Datasheet
152Kb / 4P
EMIFIL (Inductor type) Chip Ferrite Bead for GHz Noise
BLM18RK102SN1D MURATA-BLM18RK102SN1D Datasheet
81Kb / 3P
EMIFIL (Inductor type) Chip Ferrite Bead
BLM15AX100SN1 MURATA-BLM15AX100SN1 Datasheet
106Kb / 3P
EMIFIL (Inductor type) Chip Ferrite Bead
BLM15HG601SN1 MURATA-BLM15HG601SN1 Datasheet
182Kb / 3P
EMIFIL (Inductor type) Chip Ferrite Bead for GHz Noise
BLM18BD470SN1 MURATA-BLM18BD470SN1 Datasheet
253Kb / 8P
EMIFIL (Inductor type) Chip Ferrite Bead
BLM18RK121SN1 MURATA-BLM18RK121SN1 Datasheet
75Kb / 3P
EMIFIL (Inductor type) Chip Ferrite Bead
BLM18TG121TN1 MURATA-BLM18TG121TN1 Datasheet
104Kb / 2P
EMIFIL (Inductor type) Chip Ferrite Bead
BLM03AX MURATA-BLM03AX Datasheet
90Kb / 3P
EMIFIL (Inductor type) Chip Ferrite Bead
BLM15H MURATA-BLM15H Datasheet
187Kb / 3P
EMIFIL (Inductor type) Chip Ferrite Bead for GHz Noise
logo
Murata Manufacturing Co...
BLM15AG601AN1B MURATA1-BLM15AG601AN1B Datasheet
56Kb / 2P
EMIFIL (Inductor type) Chip Ferrite Bead
2011.5.12
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com