Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI8441AB-D-IS Datasheet(PDF) 27 Page - Silicon Laboratories

Part # SI8441AB-D-IS
Description  LOW-POWER QUAD-CHANNEL DIGITAL ISOLATOR
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI8441AB-D-IS Datasheet(HTML) 27 Page - Silicon Laboratories

Back Button SI8441AB-D-IS Datasheet HTML 23Page - Silicon Laboratories SI8441AB-D-IS Datasheet HTML 24Page - Silicon Laboratories SI8441AB-D-IS Datasheet HTML 25Page - Silicon Laboratories SI8441AB-D-IS Datasheet HTML 26Page - Silicon Laboratories SI8441AB-D-IS Datasheet HTML 27Page - Silicon Laboratories SI8441AB-D-IS Datasheet HTML 28Page - Silicon Laboratories SI8441AB-D-IS Datasheet HTML 29Page - Silicon Laboratories SI8441AB-D-IS Datasheet HTML 30Page - Silicon Laboratories SI8441AB-D-IS Datasheet HTML 31Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 38 page
background image
Si8440/41/42/45
Rev. 1.5
27
5. Ordering Guide
Revision D devices are recommended for all new designs.
Table 15. Ordering Guide for Valid OPNs1
Ordering Part
Number (OPN)
Number of
Inputs VDD1
Side
Number of
Inputs VDD2
Side
Maximum
Data Rate
(Mbps)
Isolation
Rating
Temp Range
Package Type
Revision D Devices2
Si8440AA-D-IS1
4
0
1
1 kVrms
–40 to 125 °C
NB SOIC-161
Si8440BA-D-IS1
4
0
150
Si8441AA-D-IS1
3
1
1
Si8441BA-D-IS1
3
1
150
Si8442AA-D-IS1
2
2
1
Si8442BA-D-IS1
2
2
150
Si8445BA-D-IS1
4
0
150
Si8440AB-D-IS
4
0
1
2.5 kVrms
–40 to 125 °C
WB SOIC-161,3
Si8440BB-D-IS
4
0
150
Si8441AB-D-IS
3
1
1
Si8441BB-D-IS
3
1
150
Si8442AB-D-IS
2
2
1
Si8442BB-D-IS
2
2
150
Si8445BB-D-IS
4
0
150
Si8440AB-D-IS1
4
0
1
2.5 kVrms
–40 to 125 °C
NB SOIC-161
Si8440BB-D-IS1
4
0
150
Si8441AB-D-IS1
3
1
1
Si8441BB-D-IS1
3
1
150
Si8442AB-D-IS1
2
2
1
Si8442BB-D-IS1
2
2
150
Si8445BB-D-IS1
4
0
150
Notes:
1. All packages are RoHS-compliant with peak reflow temperatures of 260 °C according to the JEDEC industry standard
classifications and peak solder temperatures.
Moisture sensitivity level is MSL2A for wide-body SOIC-16 packages.
Moisture sensitivity level is MSL2A for narrow-body SOIC-16 packages.
2. Revision C devices are supported for existing designs, but Revision D is recommended for all new designs.
3. AEC-Q100 qualified.


Similar Part No. - SI8441AB-D-IS

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SI8441AB-D-IS SKYWORKS-SI8441AB-D-IS Datasheet
1Mb / 36P
   LOW-POWER QUAD-CHANNEL DIGITAL ISOLATOR
August 11, 2021
SI8441AB-D-IS1 SKYWORKS-SI8441AB-D-IS1 Datasheet
1Mb / 36P
   LOW-POWER QUAD-CHANNEL DIGITAL ISOLATOR
August 11, 2021
More results

Similar Description - SI8441AB-D-IS

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI8441BB-C-IS SILABS-SI8441BB-C-IS Datasheet
517Kb / 38P
   LOW-POWER QUAD-CHANNEL DIGITAL ISOLATOR
logo
List of Unclassifed Man...
SI8441AA ETC2-SI8441AA Datasheet
522Kb / 38P
   LOW-POWER QUAD-CHANNEL DIGITAL ISOLATOR
logo
STMicroelectronics
SI8641BD-B-IS STMICROELECTRONICS-SI8641BD-B-IS Datasheet
517Kb / 44P
   LOW-POWER QUAD-CHANNEL DIGITAL ISOLATOR
logo
Silicon image
SI8442BA-D-IS1 SILICONIMAGE-SI8442BA-D-IS1 Datasheet
517Kb / 38P
   LOW-POWER QUAD-CHANNEL DIGITAL ISOLATOR
logo
Silicon Laboratories
SI8440 SILABS-SI8440 Datasheet
591Kb / 24P
   QUAD-CHANNEL DIGITAL ISOLATOR
logo
Texas Instruments
ISO7142CC-Q1 TI1-ISO7142CC-Q1 Datasheet
998Kb / 26P
[Old version datasheet]   Small-Footprint and Low-Power Quad Channel Digital Isolator
ISO7142CC TI-ISO7142CC_15 Datasheet
954Kb / 26P
[Old version datasheet]   VPK Small-Footprint and Low-Power Quad Channel Digital Isolator
logo
Silicon Laboratories
SI8431BB-C-IS SILABS-SI8431BB-C-IS Datasheet
498Kb / 38P
   LOW-POWER TRIPLE-CHANNEL DIGITAL ISOLATOR
logo
Skyworks Solutions Inc.
SI866X SKYWORKS-SI866X Datasheet
990Kb / 42P
   Low Power Six-Channel Digital Isolator
July 26, 2022
SI843X SKYWORKS-SI843X Datasheet
1Mb / 36P
   LOW-POWER TRIPLE-CHANNEL DIGITAL ISOLATOR
Rev. 1.7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com