Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI8441AB-D-IS Datasheet(PDF) 23 Page - Silicon Laboratories

Part # SI8441AB-D-IS
Description  LOW-POWER QUAD-CHANNEL DIGITAL ISOLATOR
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI8441AB-D-IS Datasheet(HTML) 23 Page - Silicon Laboratories

Back Button SI8441AB-D-IS Datasheet HTML 19Page - Silicon Laboratories SI8441AB-D-IS Datasheet HTML 20Page - Silicon Laboratories SI8441AB-D-IS Datasheet HTML 21Page - Silicon Laboratories SI8441AB-D-IS Datasheet HTML 22Page - Silicon Laboratories SI8441AB-D-IS Datasheet HTML 23Page - Silicon Laboratories SI8441AB-D-IS Datasheet HTML 24Page - Silicon Laboratories SI8441AB-D-IS Datasheet HTML 25Page - Silicon Laboratories SI8441AB-D-IS Datasheet HTML 26Page - Silicon Laboratories SI8441AB-D-IS Datasheet HTML 27Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 38 page
background image
Si8440/41/42/45
Rev. 1.5
23
2.5. Typical Performance Characteristics
The typical performance characteristics depicted in the following diagrams are for information purposes only. Refer
to Tables 3, 4, and 5 for actual specification limits.
Figure 9. Si8440/45 Typical VDD1 Supply
Current vs. Data Rate 5, 3.3, and 2.70 V
Operation
Figure 10. Si8441 Typical VDD1 Supply Current
vs. Data Rate 5, 3.3, and 2.70 V Operation
Figure 11. Si8442 Typical VDD1 or VDD2 Supply
Current vs. Data Rate 5, 3.3, and 2.70 V
Operation (15 pF Load)
Figure 12. Si8440/45 Typical VDD2 Supply
Current vs. Data Rate 5, 3.3, and 2.70 V
Figure 13. Si8441 Typical VDD2 Supply Current
vs. Data Rate 5, 3.3, and 2.70 V Operation
(15 pF Load)
Figure 14. Propagation Delay vs. Temperature
0
5
10
15
20
25
30
0
10 20
30 40
50
60 70
80 90 100 110 120 130 140 150
Data Rate (Mbps)
5V
2.70V
3.3V
0
5
10
15
20
25
30
0
10 20
30 40
50
60 70
80 90 100 110 120 130 140 150
Data Rate (Mbps)
5V
3.3V
2.70V
0
5
10
15
20
25
30
0
10 20
30 40
50
60 70
80 90 100 110 120 130 140 150
Data Rate (Mbps)
5V
3.3V
2.70V
0
5
10
15
20
25
30
0
10 20304050 60708090 100 110 120 130 140 150
Data Rate (Mbps)
5V
3.3V
2.70V
0
5
10
15
20
25
30
0
10 20304050 60708090 100 110 120 130 140 150
Data Rate (Mbps)
5V
3.3V
2.70V
5
6
7
8
9
10
-40
-20
0
20
40
60
80
100
120
Temperature (Degrees C)
Rising Edge
Falling Edge


Similar Part No. - SI8441AB-D-IS

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SI8441AB-D-IS SKYWORKS-SI8441AB-D-IS Datasheet
1Mb / 36P
   LOW-POWER QUAD-CHANNEL DIGITAL ISOLATOR
August 11, 2021
SI8441AB-D-IS1 SKYWORKS-SI8441AB-D-IS1 Datasheet
1Mb / 36P
   LOW-POWER QUAD-CHANNEL DIGITAL ISOLATOR
August 11, 2021
More results

Similar Description - SI8441AB-D-IS

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI8441BB-C-IS SILABS-SI8441BB-C-IS Datasheet
517Kb / 38P
   LOW-POWER QUAD-CHANNEL DIGITAL ISOLATOR
logo
List of Unclassifed Man...
SI8441AA ETC2-SI8441AA Datasheet
522Kb / 38P
   LOW-POWER QUAD-CHANNEL DIGITAL ISOLATOR
logo
STMicroelectronics
SI8641BD-B-IS STMICROELECTRONICS-SI8641BD-B-IS Datasheet
517Kb / 44P
   LOW-POWER QUAD-CHANNEL DIGITAL ISOLATOR
logo
Silicon image
SI8442BA-D-IS1 SILICONIMAGE-SI8442BA-D-IS1 Datasheet
517Kb / 38P
   LOW-POWER QUAD-CHANNEL DIGITAL ISOLATOR
logo
Silicon Laboratories
SI8440 SILABS-SI8440 Datasheet
591Kb / 24P
   QUAD-CHANNEL DIGITAL ISOLATOR
logo
Texas Instruments
ISO7142CC-Q1 TI1-ISO7142CC-Q1 Datasheet
998Kb / 26P
[Old version datasheet]   Small-Footprint and Low-Power Quad Channel Digital Isolator
ISO7142CC TI-ISO7142CC_15 Datasheet
954Kb / 26P
[Old version datasheet]   VPK Small-Footprint and Low-Power Quad Channel Digital Isolator
logo
Silicon Laboratories
SI8431BB-C-IS SILABS-SI8431BB-C-IS Datasheet
498Kb / 38P
   LOW-POWER TRIPLE-CHANNEL DIGITAL ISOLATOR
logo
Skyworks Solutions Inc.
SI866X SKYWORKS-SI866X Datasheet
990Kb / 42P
   Low Power Six-Channel Digital Isolator
July 26, 2022
SI843X SKYWORKS-SI843X Datasheet
1Mb / 36P
   LOW-POWER TRIPLE-CHANNEL DIGITAL ISOLATOR
Rev. 1.7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com