Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI8441AB-D-IS Datasheet(PDF) 22 Page - Silicon Laboratories

Part # SI8441AB-D-IS
Description  LOW-POWER QUAD-CHANNEL DIGITAL ISOLATOR
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI8441AB-D-IS Datasheet(HTML) 22 Page - Silicon Laboratories

Back Button SI8441AB-D-IS Datasheet HTML 18Page - Silicon Laboratories SI8441AB-D-IS Datasheet HTML 19Page - Silicon Laboratories SI8441AB-D-IS Datasheet HTML 20Page - Silicon Laboratories SI8441AB-D-IS Datasheet HTML 21Page - Silicon Laboratories SI8441AB-D-IS Datasheet HTML 22Page - Silicon Laboratories SI8441AB-D-IS Datasheet HTML 23Page - Silicon Laboratories SI8441AB-D-IS Datasheet HTML 24Page - Silicon Laboratories SI8441AB-D-IS Datasheet HTML 25Page - Silicon Laboratories SI8441AB-D-IS Datasheet HTML 26Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 38 page
background image
Si8440/41/42/45
22
Rev. 1.5
2.4. Layout Recommendations
To ensure safety in the end user application, high voltage circuits (i.e., circuits with >30 VAC) must be physically
separated from the safety extra-low voltage circuits (SELV is a circuit with <30 VAC) by a certain distance
(creepage/clearance). If a component, such as a digital isolator, straddles this isolation barrier, it must meet those
creepage/clearance requirements and also provide a sufficiently large high-voltage breakdown protection rating
(commonly referred to as working voltage protection). Table 6 on page 15 and Table 7 on page 15 detail the
working voltage and creepage/clearance capabilities of the Si84xx. These tables also detail the component
standards (UL1577, IEC60747, CSA 5A), which are readily accepted by certification bodies to provide proof for
end-system specifications requirements. Refer to the end-system specification (61010-1, 60950-1, etc.)
requirements before starting any design that uses a digital isolator.
The following sections detail the recommended bypass and decoupling components necessary to ensure robust
overall performance and reliability for systems using the Si84xx digital isolators.
2.4.1. Supply Bypass
Digital integrated circuit components typically require 0.1 µF (100 nF) bypass capacitors when used in electrically
quiet environments. However, digital isolators are commonly used in hazardous environments with excessively
noisy power supplies. To counteract these harsh conditions, it is recommended that an additional 1 µF bypass
capacitor be added between VDD and GND on both sides of the package. The capacitors should be placed as
close as possible to the package to minimize stray inductance. If the system is excessively noisy, it is
recommended that the designer add 50 to 100
 resistors in series with the VDD supply voltage source and 50 to
300
 resistors in series with the digital inputs/outputs (see Figure 8). For more details, see "3. Errata and Design
Migration Guidelines" on page 25.
All components upstream or downstream of the isolator should be properly decoupled as well. If these components
are not properly decoupled, their supply noise can couple to the isolator inputs and outputs, potentially causing
damage if spikes exceed the maximum ratings of the isolator (6 V). In this case, the 50 to 300
 resistors protect
the isolator's inputs/outputs (note that permanent device damage may occur if the absolute maximum ratings are
exceeded). Functional operation should be restricted to the conditions specified in Table 1, “Recommended
Operating Conditions,” on page 4.
2.4.2. Pin Connections
No connect pins are not internally connected. They can be left floating, tied to VDD, or tied to GND.
2.4.3. Output Pin Termination
The nominal output impedance of an isolator driver channel is approximately 85
, ±40%, which is a combination
of the value of the on-chip series termination resistor and channel resistance of the output driver FET. When driving
loads where transmission line effects will be a factor, output pins should be appropriately terminated with controlled
impedance PCB traces. The series termination resistor values should be scaled appropriately while keeping in
mind the recommendations described in “2.4.1. Supply Bypass” above.
Figure 8. Recommended Bypass Components for the Si84xx Digital Isolator Family
VDD1
VDD2
GND1
GND2
50 – 300
50 – 300
Input/Output
Input/Output
C2
C3
1
F
1
F
R1 (50 – 100
)
V Source 1
A1
B1
50 – 300
50 – 300
Ax
Bx
C1
R2 (50 – 100
)
V Source 2
C4
0.1
F
0.1
F


Similar Part No. - SI8441AB-D-IS

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SI8441AB-D-IS SKYWORKS-SI8441AB-D-IS Datasheet
1Mb / 36P
   LOW-POWER QUAD-CHANNEL DIGITAL ISOLATOR
August 11, 2021
SI8441AB-D-IS1 SKYWORKS-SI8441AB-D-IS1 Datasheet
1Mb / 36P
   LOW-POWER QUAD-CHANNEL DIGITAL ISOLATOR
August 11, 2021
More results

Similar Description - SI8441AB-D-IS

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI8441BB-C-IS SILABS-SI8441BB-C-IS Datasheet
517Kb / 38P
   LOW-POWER QUAD-CHANNEL DIGITAL ISOLATOR
logo
List of Unclassifed Man...
SI8441AA ETC2-SI8441AA Datasheet
522Kb / 38P
   LOW-POWER QUAD-CHANNEL DIGITAL ISOLATOR
logo
STMicroelectronics
SI8641BD-B-IS STMICROELECTRONICS-SI8641BD-B-IS Datasheet
517Kb / 44P
   LOW-POWER QUAD-CHANNEL DIGITAL ISOLATOR
logo
Silicon image
SI8442BA-D-IS1 SILICONIMAGE-SI8442BA-D-IS1 Datasheet
517Kb / 38P
   LOW-POWER QUAD-CHANNEL DIGITAL ISOLATOR
logo
Silicon Laboratories
SI8440 SILABS-SI8440 Datasheet
591Kb / 24P
   QUAD-CHANNEL DIGITAL ISOLATOR
logo
Texas Instruments
ISO7142CC-Q1 TI1-ISO7142CC-Q1 Datasheet
998Kb / 26P
[Old version datasheet]   Small-Footprint and Low-Power Quad Channel Digital Isolator
ISO7142CC TI-ISO7142CC_15 Datasheet
954Kb / 26P
[Old version datasheet]   VPK Small-Footprint and Low-Power Quad Channel Digital Isolator
logo
Silicon Laboratories
SI8431BB-C-IS SILABS-SI8431BB-C-IS Datasheet
498Kb / 38P
   LOW-POWER TRIPLE-CHANNEL DIGITAL ISOLATOR
logo
Skyworks Solutions Inc.
SI866X SKYWORKS-SI866X Datasheet
990Kb / 42P
   Low Power Six-Channel Digital Isolator
July 26, 2022
SI843X SKYWORKS-SI843X Datasheet
1Mb / 36P
   LOW-POWER TRIPLE-CHANNEL DIGITAL ISOLATOR
Rev. 1.7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com