Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D4015L Datasheet(PDF) 5 Page - Littelfuse

Part # D4015L
Description  Silicon rectifiers that are excellent for DC phase control applications with motor loads.
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

D4015L Datasheet(HTML) 5 Page - Littelfuse

  D4015L Datasheet HTML 1Page - Littelfuse D4015L Datasheet HTML 2Page - Littelfuse D4015L Datasheet HTML 3Page - Littelfuse D4015L Datasheet HTML 4Page - Littelfuse D4015L Datasheet HTML 5Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
351
Revised: November 1, 2010 05:04 PM
©2010 Littelfuse, Inc
Teccor® brand Thyristors
Specifications are subject to change without notice.
Please refer to http://www.littelfuse.com for current information.
15 / 20 / 25 Amp Rectifiers
Dxx15L & Dxx20L & Dxx25L Series
Packing Options
Part Number
Marking
Weight
Packing Mode
Base Quantity
Dxx15L
Dxx15L
2.2 g
Bulk
500
Dxx15LTP
Dxx15L
2.2 g
Tube
500 (50 per tube)
Dxx20L
Dxx20L
2.2 g
Bulk
500
Dxx20LTP
Dxx20L
2.2 g
Tube
500 (50 per tube)
Dxx25L
Dxx25L
2.2 g
Bulk
500
Dxx25LTP
Dxx25L
2.2 g
Tube
500 (50 per tube)
Note: xx = Voltage
Product Selector
Part Number
Voltage
Type
Package
400V
600V
800V
1000V
Dxx15L
X
X
X
X
Rectifier
TO-220L
Dxx20L
X
X
X
X
Rectifier
TO-220L
Dxx25L
X
X
X
X
Rectifier
TO-220L
Note: xx = Voltage
Part Marking System
Part Numbering System
D 60 15 L 59
DEVICE TYPE
D: Rectifier
VOLTAGE RATING
40: 400V
60: 600V
80: 800V
K0: 1000V
CURRENT RATING
15: 15A
20: 20A
25: 25A
PACKAGE TYPE
L: TO-220 (Isolated)
LEAD FORM DIMENSIONS
xx: Lead Form Option
MY
D6015L
TO-220AB (L Package)
®
A
K
not
used


Similar Part No. - D4015L

ManufacturerPart #DatasheetDescription
logo
Littelfuse
D4015L LITTELFUSE-D4015L Datasheet
103Kb / 4P
   Teccor manufactures 15 A rms to 25 A rms rectifiers with voltages rated from 200V to 1000V
D4015L LITTELFUSE-D4015L Datasheet
109Kb / 4P
   Teccor manufactures 15 A rms to 25 A rms rectifiers
D4015L52 LITTELFUSE-D4015L52 Datasheet
151Kb / 10P
   Lead Form Dimensions
D4015L56 LITTELFUSE-D4015L56 Datasheet
109Kb / 4P
   Teccor manufactures 15 A rms to 25 A rms rectifiers
D4015L59 LITTELFUSE-D4015L59 Datasheet
598Kb / 5P
   Teccor brand Thyristors 15 / 20 / 25 Amp Rectifiers
More results

Similar Description - D4015L

ManufacturerPart #DatasheetDescription
logo
Littelfuse
DXX15L LITTELFUSE-DXX15L Datasheet
598Kb / 5P
   Silicon rectifiers that are excellent for DC phase control applications with motor loads.
SXX15L LITTELFUSE-SXX15L Datasheet
988Kb / 8P
   Excellent unidirectional switches for phase control applications
SXX55R LITTELFUSE-SXX55R Datasheet
257Kb / 9P
   Excellent unidirectional switches for phase control applications
SXX65K LITTELFUSE-SXX65K Datasheet
207Kb / 8P
   Excellent unidirectional switches for phase control applications
SXX04DS1 LITTELFUSE-SXX04DS1 Datasheet
329Kb / 8P
   Excellent unidirectional switches for phase control applications
SXX08RS2 LITTELFUSE-SXX08RS2 Datasheet
411Kb / 11P
   Excellent unidirectional switches for phase control applications
SXX20L LITTELFUSE-SXX20L Datasheet
1,003Kb / 9P
   Excellent unidirectional switches for phase control applications
SXX35K LITTELFUSE-SXX35K Datasheet
195Kb / 7P
   Excellent unidirectional switches for phase control applications
SXX06RS2 LITTELFUSE-SXX06RS2 Datasheet
417Kb / 11P
   Excellent unidirectional switches for phase control applications
SXX12R LITTELFUSE-SXX12R Datasheet
351Kb / 8P
   Excellent unidirectional switches for phase control applications
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com