Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FS6S0965RCB Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FS6S0965RCB
Description  Fairchild Power Switch(FPS)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FS6S0965RCB Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FS6S0965RCB Datasheet HTML 1Page - Fairchild Semiconductor FS6S0965RCB Datasheet HTML 2Page - Fairchild Semiconductor FS6S0965RCB Datasheet HTML 3Page - Fairchild Semiconductor FS6S0965RCB Datasheet HTML 4Page - Fairchild Semiconductor FS6S0965RCB Datasheet HTML 5Page - Fairchild Semiconductor FS6S0965RCB Datasheet HTML 6Page - Fairchild Semiconductor FS6S0965RCB Datasheet HTML 7Page - Fairchild Semiconductor FS6S0965RCB Datasheet HTML 8Page - Fairchild Semiconductor FS6S0965RCB Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
©2003 Fairchild Semiconductor Corporation
www.fairchildsemi.com
Rev.1.0.1
Features
• Wide Operating Frequency Range up to 150kHz
• Lowest Cost SMPS Solution
• Lowest External Components
• Low Start up Current (Max:170uA)
• Low Operating Current (Max:15mA)
• Internal High Voltage SenseFET
• Built-in Auto Restart Circuit
• Over Voltage Protection (Auto Restart Mode)
• Over Load Protection (Auto Restart Mode)
• Over Current Protection (Auto Restart Mode)
• Internal Thermal Protection(Auto Restart Mode)
• Pulse By Pulse Over Current Limiting
• Internal Burst Mode Controller for Stand-by Mode
• Under Voltage Lockout With Hysteresis
• External Sync. Terminal
Application
• Monitor SMPS
Description
The Fairchild Power Switch(FPS) product family are
specially designed for an off line SMPS with minimal
external components. The Fairchild Power Switch(FPS)
consists of a high voltage power SenseFET and a current
mode PWM IC. Included PWM controller features the
integrated fixed oscillator, the under voltage lockout, the
optimized gate turn on/turn off driver, the thermal shut
down protection, the over voltage protection, and the
temperature compensated precision current sources for the
loop compensation and the fault protection circuitry.
Compared to a discrete MOSFET and a controller or a RCC
switching converter solution, a Fairchild Power Switch(FPS)
can reduce the total component count, design size, and
weight and at the same time increase efficiency,
productivity, and system reliability. It has a basic platform
well suited for the cost effective monitor power supply.
TO-220-5L
1
1. Drain 2. Gnd 3. VCC 4. Feedback 5. Sync
Internal Block Diagram
S
R
Q
S
R
Q
TSD
(Tj=160 ℃ )
Ifb
1
1
1
1
3
3
3
3
5
5
5
5
4
4
4
4
2
2
2
2
Vref
Rsenese
2.5R
R
Vref
Internal
Bias
Vref
UVLO
Ron
Roff
PWM
OCL
Burst mode
controller
Filter
(130nsec)
UVLO Reset
(Vcc=9V)
OLP
OVP
Vth=7.5V
Vcc
Vth=30V
Vth=1V
Vfb Offset
Idelay
Vcc
Vfb
Vth=1V
Vcc
Vth=11V/12V
OSC
Vref
Vpp=5.8/7.2V
Drain
Drain
Drain
Drain
Vcc
Vcc
Vcc
Vcc
SoftStart
SoftStart
SoftStart
SoftStart
& Sync
& Sync
& Sync
& Sync
Feedback
Feedback
Feedback
Feedback
GND
GND
GND
GND
FS6S0965RCB
Fairchild Power Switch(FPS)


Similar Part No. - FS6S0965RCB

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FS6S0965RC FAIRCHILD-FS6S0965RC Datasheet
135Kb / 12P
   Fairchild Power Switch(SPS)
FS6S0965RC-TU FAIRCHILD-FS6S0965RC-TU Datasheet
135Kb / 12P
   Fairchild Power Switch(SPS)
FS6S0965RC-YDTU FAIRCHILD-FS6S0965RC-YDTU Datasheet
135Kb / 12P
   Fairchild Power Switch(SPS)
More results

Similar Description - FS6S0965RCB

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA1M0265R FAIRCHILD-KA1M0265R Datasheet
89Kb / 10P
   Fairchild Power Switch(FPS)
KA1M0680B FAIRCHILD-KA1M0680B Datasheet
144Kb / 12P
   Fairchild Power Switch(FPS)
KA5X0165RXX FAIRCHILD-KA5X0165RXX Datasheet
102Kb / 12P
   Fairchild Power Switch(FPS)
FS6X1220R FAIRCHILD-FS6X1220R Datasheet
471Kb / 16P
   Fairchild Power Switch (FPS)
KA1M0880BF FAIRCHILD-KA1M0880BF Datasheet
95Kb / 10P
   Fairchild Power Switch(FPS)
KA5Q0740RT FAIRCHILD-KA5Q0740RT_04 Datasheet
292Kb / 12P
   Fairchild Power Switch(FPS)
FS8S0765RCB FAIRCHILD-FS8S0765RCB_06 Datasheet
1Mb / 19P
   Fairchild Power Switch (FPS??
FS6X0420R FAIRCHILD-FS6X0420R Datasheet
732Kb / 15P
   Fairchild Power Switch (FPS)
KA1M0565RYDTU FAIRCHILD-KA1M0565RYDTU Datasheet
94Kb / 10P
   Fairchild Power Switch(FPS)
KA5M0965Q FAIRCHILD-KA5M0965Q_03 Datasheet
729Kb / 12P
   Fairchild Power Switch(FPS)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com