Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE-53112NL Datasheet(PDF) 2 Page - Pulse A Technitrol Company

Part # PE-53112NL
Description  Inductors Designed for National?셲 50 kHz Simple Switcher?
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

PE-53112NL Datasheet(HTML) 2 Page - Pulse A Technitrol Company

  PE-53112NL Datasheet HTML 1Page - Pulse A Technitrol Company PE-53112NL Datasheet HTML 2Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
P596.E (3/13)
2
pulseelectronics.com
Inductors Designed for National’s 50 kHz
Simple Switcher
Power Beads - PA3790.XXXHL Series
Pulse Jack
E l e c t r o n i c s
.600
15,24
1
2
(No Internal
Connections)
3
SCHEMATIC
.800 MAX
20,32
.900
22,86
1.44 MAX
36,57
PE-53121/2
DATE CODE
COUNTRY OF ORIGIN
.020
5,08
1.44 MAX
36,57
.900
22,86
.600
15,24
.095
2,41
.055
1,40
1
2
3
SUGGESTED PAD
LAYOUT
PAD DIA.
HOLE DIA.
Low Profile Series
Case Series
KlipMount Series
.460 MAX
11,68
.150 ±.020
3,81 0,51
.600 ±.010
15,24 0,25
.710 MAX
18,03
INDEX MARK
PE-XXXXX
DATE CODE
COUNTRY OF ORIGIN
.400 ±.010
10,16 0,25
.710 MAX
18,03
.600
15,24
.400
10,16
.070
1,78
.045
1,14
SUGGESTED PAD LAYOUT
2
1
1
SCHEMATIC
PKG
A
B
C
D
E
KM-2.0
.450
.650
.700
.325
.150
11,43
16,51
17,78
8,26
3,81
KM-3.0
.450
.830
.950
.415
.150
11,43
21,08
24,13
10,54
3,81
KM-4.0
.610
.970
1.10
.475
.225
15,50
24,64
27,94
12,07
5,72
KM-5.0
.700
1.30
1.40
.625
.250
17,78
33,02
35,56
15,88
6,35
Dimensions: Inches
mm
Unless otherwise specified,
all tolerances are ± .010
0,25
.460 MAX
11,68
.150 ±.020
3,81 0,51
.600 ±.010
15,24 0,25
.710 MAX
18,03
INDEX MARK
PE-XXXXX
DATE CODE
COUNTRY OF ORIGIN
.400 ±.010
10,16 0,25
.710 MAX
18,03
.600
15,24
.400
10,16
.070
1,78
.045
1,14
SUGGESTED PAD LAYOUT
2
1
1
SCHEMATIC
1
2
No Internal
Connections
3
.600
15,24
.400
10,16
.070
1,78
.045
1,14
SUGGESTED PAD LAYOUT
2
1
1
SCHEMATIC
Mechanicals
Schematic
For More Information
Pulse Worldwide
Headquarters
12220 World Trade Drive
San Diego, CA 92128
U.S.A.
Tel: 858 674 8100
Fax: 858 674 8262
Pulse Europe
Zeppelinstrasse 15
71083 Herrenberg
Germany
Tel: 49 7032 7806 0
Fax: 49 7032 7806 12
Pulse China Headquarters
B402, Shenzhen Academy of
Aerospace Technology Bldg.
10th Kejinan Road
High-Tech Zone
Nanshan District
Shenzen, PR China 518057
Tel: 86 755 33966678
Fax: 86 755 33966700
Pulse North China
Room 2704/2705
Super Ocean Finance Ctr.
2067 Yan An Road West
Shanghai 200336
China
Tel: 86 21 62787060
Fax: 86 2162786973
Pulse South Asia
135 Joo Seng Road
#03-02
PM Industrial Bldg.
Singapore 368363
Tel: 65 6287 8998
Fax: 65 6287 8998
Pulse North Asia
3F, No. 198
Zhongyuan Road
Zhongli City
Taoyuan County 320
Taiwan R. O. C.
Tel: 886 3 4356768
Fax: 886 3 4356823 (Pulse)
Fax: 886 3 4356820 (FRE)
Performance warranty of products offered on this data sheet is limited to the parameters specified. Data is subject to change without notice. Other brand and product names mentioned herein may be
trademarks or registered trademarks of their respective owners. © Copyright, 2013. Pulse Electronics, Inc. All rights reserved.
LEAD DIA.
HOLE DIA.
PAD DIA.
.025
.035
.060
.025 SQ.
.048
.074
.032
.045
.070
.040
.056
.080


Similar Part No. - PE-53112NL

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PE-53112NL PULSE-PE-53112NL Datasheet
381Kb / 2P
Inductors Designed for National?셲 50 kHz Simple Switcher
More results

Similar Description - PE-53112NL

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
P596 PULSE-P596 Datasheet
381Kb / 2P
Inductors Designed for National?셲 50 kHz Simple Switcher
PE-52629 PULSE-PE-52629 Datasheet
373Kb / 2P
inductors designed for national?셲 50 kHz simple switcher
logo
Filtran LTD
6985 FILTRAN-6985 Datasheet
61Kb / 1P
Inductors National?셲 150 KHz SIMPLE SWITCHER
logo
Pulse A Technitrol Comp...
PE-53801NL PULSE-PE-53801NL Datasheet
97Kb / 2P
Toroid - Designed for National?셲 150kHz Simple Switcher
P0849 PULSE-P0849 Datasheet
126Kb / 2P
Toroid - Designed for National?셲 260kHz Simple Switcher
PE-53933SNLT PULSE-PE-53933SNLT Datasheet
97Kb / 2P
Toroid - Designed for National?셲 150kHz Simple Switcher?
PE-53116NL PULSE-PE-53116NL Datasheet
630Kb / 2P
Inductors Designed for Nationals 50 kHz Simple Switcher
PE-53113NL PULSE-PE-53113NL Datasheet
630Kb / 2P
Inductors Designed for Nationals 50 kHz Simple Switcher
PE-53819 PULSE-PE-53819 Datasheet
97Kb / 2P
THT/SMT POWER INDUCTORS Toroid - Designed for National?셲 150kHz Simple Switcher?
PE-54037S PULSE-PE-54037S Datasheet
120Kb / 2P
THT/SMT POWER INDUCTORS Toroid - Designed for National?셲 150kHz Simple Switcher?
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com