Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MY4IN-D2 Datasheet(PDF) 9 Page - Omron Electronics LLC

Part # MY4IN-D2
Description  Versatile and Function-filled Miniature Power Relay for Sequence Control and Power Switching Applications
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

MY4IN-D2 Datasheet(HTML) 9 Page - Omron Electronics LLC

Back Button MY4IN-D2 Datasheet HTML 5Page - Omron Electronics LLC MY4IN-D2 Datasheet HTML 6Page - Omron Electronics LLC MY4IN-D2 Datasheet HTML 7Page - Omron Electronics LLC MY4IN-D2 Datasheet HTML 8Page - Omron Electronics LLC MY4IN-D2 Datasheet HTML 9Page - Omron Electronics LLC MY4IN-D2 Datasheet HTML 10Page - Omron Electronics LLC MY4IN-D2 Datasheet HTML 11Page - Omron Electronics LLC MY4IN-D2 Datasheet HTML 12Page - Omron Electronics LLC MY4IN-D2 Datasheet HTML 13Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
General-purpose Relay
MY New model
9
Socket for MY
Track-mounted (DIN Track) Socket
Conforms to VDE 0106, Part 100
• Snap into position along continuous sections of any mount-
ing track.
• Facilitates sheet metal design by standardized mounting di-
mensions.
• Design with sufficient dielectric separation between termi-
nals eliminates the need of any insulating sheet.
■ Safety Standards for Sockets
Back-connecting Sockets
■ Specifications
Note: 1. The values given above are initial values.
2. The values for insulation resistance were measured at 500 V at the same place as the dielectric strength.
3. The maximum operating ambient temperature for the PYF08A-N and PYF14A-N is 55
°C.
4. When using the PYF08A-N or PYF14A-N at an operating ambient temperature exceeding 40
°C, reduce the current to 60%.
5. The MY2(S) can be used at 70
°C with a carry current of 7 A.
Model
Standards
File No.
PYF08A-E, PYF08A-N
PYF14A-E, PYF14A-N
UL508
E87929
CSA22.2
LR31928
Item
Pole
Model
Carry current
Dielectric withstand
voltage
Insulation resistance
(see note 2)
Screwless Clamp
Terminal Socket
2
PYF08S
10 A
2,000 VAC, 1 min
Less than 1,000 M
4
PYF14S
5 A
Track-mounted
Socket
2
PYF08A-E
7 A
2,000 VAC, 1 min
1,000 M
Ω min.
PYF08A-N (see note 3)
7 A (see note 4)
4
PYF14A-E
5 A
PYF14A-N (see note 3)
5 A (see note 4)
Back-connecting
Socket
2
PY08(-Y1)
7 A
1,500 VAC, 1 min
100 M
Ω min.
PY08QN(-Y1)
PY08-02
4
PY14(-Y1)
3 A
PY14QN(-Y1)
PY14-02


Similar Part No. - MY4IN-D2

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
MY4IN-D2 OMRON-MY4IN-D2 Datasheet
1Mb / 20P
   General-purpose Relay
More results

Similar Description - MY4IN-D2

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
PY08-02 OMRON-PY08-02 Datasheet
590Kb / 16P
   Versatile and Function-filled Miniature Power
logo
Toshiba Semiconductor
SF0R3G42 TOSHIBA-SF0R3G42 Datasheet
305Kb / 6P
   LOW POWER SWITCHING AND CONTROL APPLICATIONS
SFOR3G42 TOSHIBA-SFOR3G42 Datasheet
307Kb / 5P
   LOW POWER SWITCHING AND CONTROL APPLICATIONS
1966-12-02
RSF05G1-1P TOSHIBA-RSF05G1-1P Datasheet
311Kb / 6P
   LOW POWER SWITCHING AND CONTROL APPLICATIONS
USF05G49 TOSHIBA-USF05G49 Datasheet
351Kb / 6P
   LOW POWER SWITCHING AND CONTROL APPLICATIONS
logo
GE Solid State
BTA20 GESS-BTA20 Datasheet
238Kb / 5P
   6-A Silicon Triacs For Power-Control and Power-Switching Applications
logo
Omron Electronics LLC
G2A-434A-NAC115 OMRON-G2A-434A-NAC115 Datasheet
678Kb / 10P
   Highly Reliable, 4-pole Miniature Relay Ideal for Sequence Control
G2A OMRON-G2A Datasheet
678Kb / 10P
   Highly Reliable, 4-pole Miniature Relay Ideal for Sequence Control
CJ1G-CPU4XP OMRON-CJ1G-CPU4XP Datasheet
578Kb / 10P
    Integrated Loop Control and Sequence
logo
Boca Semiconductor Corp...
TIP120 BOCA-TIP120 Datasheet
28Kb / 2P
   Power Darlingtons for Linear and Switching Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com