Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN6863WTY Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FAN6863WTY
Description  Low Standby Power: Under 0.1W
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN6863WTY Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FAN6863WTY Datasheet HTML 1Page - Fairchild Semiconductor FAN6863WTY Datasheet HTML 2Page - Fairchild Semiconductor FAN6863WTY Datasheet HTML 3Page - Fairchild Semiconductor FAN6863WTY Datasheet HTML 4Page - Fairchild Semiconductor FAN6863WTY Datasheet HTML 5Page - Fairchild Semiconductor FAN6863WTY Datasheet HTML 6Page - Fairchild Semiconductor FAN6863WTY Datasheet HTML 7Page - Fairchild Semiconductor FAN6863WTY Datasheet HTML 8Page - Fairchild Semiconductor FAN6863WTY Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
May 2012
© 2011 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN6863W • Rev. 1.0.1
FAN6863W
Highly Integrated Green-Mode PWM Controller
Features
Low Standby Power: Under 0.1W
Low Startup Current: 8µA
Low Operating Current in Green Mode: 600µA
Peak-Current Mode Operation with Cycle-by-Cycle
Current Limiting
PWM Frequency Continuously Decreasing with
Burst Mode at Light Loads
VDD Over-Voltage Protection (OVP)
Constant Output Power Limit (Full AC Input Range)
Internal Latch Circuit (FAN6863WL) for OVP, OTP
SENSE Pin Short-Circuit Protection (SSCP)
Fixed PWM Frequency (65KHz) with Frequency
Hopping
Feedback Open-Loop Protection: 60ms Delay
GATE Output Maximum Voltage Clamp: 13.5V
Soft-Start Time: 5ms
Soft Driving for EMI Improvement
Full Range Frequency Hopping
Internal OTP Sensor with Hysteresis
Gate Driving Capability: 400mA
Applications
General-purpose switched-mode power supplies and
flyback power converters, including:
Power Adapters
Open-Frame SMPS
SMPS with Surge-Current Output, such as for
Printers, Scanners, Motor Drivers
Description
A highly integrated PWM controller, FAN6863W
provides several features to enhance the performance
of flyback converters. To minimize standby power
consumption, a proprietary Green Mode provides off-
time modulation to continuously decrease the switching
frequency under light-load conditions. Under zero-load
conditions, the power supply enters Burst Mode, which
completely shuts off PWM output. Output restarts just
before the supply voltage drops below the UVLO lower
limit. Green Mode enables power supplies to meet
international power conservation requirements.
The FAN6863W is designed for SMPS and integrates a
frequency-hopping function that helps to reduce EMI
emission of a power supply with minimum line filters. To
compensate the power limit variation over universal
input range, a current limit (VLIMIT) adaptively keeps the
power limit substantially constant. The gate output is
clamped at 13.5V to protect the external MOSFET from
over-voltage damage.
Other protection functions include SENSE pin Short-
Circuit Protection (SSCP), VDD Over-Voltage Protection
(OVP), and Over-Temperature Protection (OTP). For
OTP, an external NTC thermistor can be applied to
sense the ambient temperature. When VDD OVP or OTP
is activated, an internal latch circuit latches off the
controller. Protection types are shown in Table 1.
Table 1. Protection Type
Part Number
OVP OLP OTP / OTP2 SSCP
FAN6863W
Latch
A/R
Latch
A/R
FAN6863WL
Latch Latch
Latch
A/R
FAN6863WR
A/R
A/R
A/R
A/R
Ordering Information
Part Number
Operating
Temperature Range
Package
Packing Method
FAN6863WTY
-40 to +105°C
6-Lead, SuperSOT™-6, JEDEC M0-193,
1.6mm Wide
Tape & Reel
FAN6863WLTY
FAN6863WRTY


Similar Part No. - FAN6863WTY

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN6863WTY FAIRCHILD-FAN6863WTY Datasheet
1Mb / 16P
   Highly Integrated Green-Mode PWM Controller
More results

Similar Description - FAN6863WTY

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
TAD100 P-DUKE-TAD100 Datasheet
2Mb / 5P
   LOW STANDBY POWER CONSUMPTION UNDER 0.3 WATT
MAD100 P-DUKE-MAD100 Datasheet
2Mb / 5P
   LOW STANDBY POWER CONSUMPTION UNDER 0.3 WATT
logo
Micross Components
AS5C2568 MICROSS-AS5C2568 Datasheet
217Kb / 17P
   Low power standby
logo
Diodes Incorporated
AL1788 DIODES-AL1788 Datasheet
398Kb / 13P
   LOW STANDBY POWER PFC CONTROLLER
logo
DIWELL Electronics Co.,...
AUS-0.1W DIWELL-AUS-0.1W Datasheet
349Kb / 5P
   0.1W UNREGULATED
2019/12/24
logo
ON Semiconductor
NCP1225 ONSEMI-NCP1225 Datasheet
44Kb / 6P
   Low Standby Power SMPS Controller
November, 2003 ??Rev. P0
logo
Recom International Pow...
RACD04 RECOM-RACD04 Datasheet
460Kb / 4P
   low Standby Power, ErP conform
RACV04 RECOM-RACV04 Datasheet
1Mb / 4P
   low Standby Power, ErP conform
logo
MORNSUN Science& Techno...
LO15-26D1305-03 MORNSUN-LO15-26D1305-03 Datasheet
1Mb / 4P
   Low ripple & noise, Low standby power consumption
LO10-26D0512-04L MORNSUN-LO10-26D0512-04L Datasheet
947Kb / 4P
   Low ripple & noise, Low standby power consumption
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com