Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN6863WTY Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # FAN6863WTY
Description  Low Standby Power: Under 0.1W
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN6863WTY Datasheet(HTML) 6 Page - Fairchild Semiconductor

Back Button FAN6863WTY Datasheet HTML 2Page - Fairchild Semiconductor FAN6863WTY Datasheet HTML 3Page - Fairchild Semiconductor FAN6863WTY Datasheet HTML 4Page - Fairchild Semiconductor FAN6863WTY Datasheet HTML 5Page - Fairchild Semiconductor FAN6863WTY Datasheet HTML 6Page - Fairchild Semiconductor FAN6863WTY Datasheet HTML 7Page - Fairchild Semiconductor FAN6863WTY Datasheet HTML 8Page - Fairchild Semiconductor FAN6863WTY Datasheet HTML 9Page - Fairchild Semiconductor FAN6863WTY Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
© 2011 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN6863W • Rev. 1.0.1
6
Electrical Characteristics (Continued)
VDD = 15 and TA = 25°C, unless otherwise noted.
Symbol
Parameter
Condition
Min.
Typ.
Max.
Unit
Oscillator Section
fOSC
Normal PWM Frequency
Center Frequency VFB > VFB-N
60
65
68
kHz
Hopping Range
VFB
≥ VFB-N
±
4.0
VFB = VFB-G
±
2.9
thop-1
Hopping Period 1
VFB
≥ VFB-N
4.4
ms
thop-3
Hopping Period 3
VFB = VFB-G
11.5
ms
fOSC-G
Green Mode Minimum Frequency
18
22
26
kHz
VFB-N
FB Threshold Voltage for Frequency
Reduction
2.4
2.5
2.6
V
VFB-G
FB Voltage at fOSC-G
2.1
2.2
2.3
V
VFB-ZDC
FB Threshold Voltage for Zero-Duty
1.6
V
VFB-ZDCR -
VFB-ZDC
ZDC Hysteresis
0.15
V
fDV
Frequency Variation vs. VDD Deviation
VDD = 7.5V to 21V
0.5
2.0
%
fDT
Frequency Variation vs. Temperature
Deviation
TA = -40 to +105°C
2
%
Continued on following page…
Figure 5. PWM Frequency
PWM Frequency
fOSC
fOSC-G
VFB-N
VFB-G
VFB-ZDC
VFB
VFB-ZDCR


Similar Part No. - FAN6863WTY

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN6863WTY FAIRCHILD-FAN6863WTY Datasheet
1Mb / 16P
Highly Integrated Green-Mode PWM Controller
More results

Similar Description - FAN6863WTY

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1225 ONSEMI-NCP1225 Datasheet
44Kb / 6P
Low Standby Power SMPS Controller
November, 2003 ??Rev. P0
logo
Power Mate Technology C...
MAD100 P-DUKE-MAD100 Datasheet
2Mb / 5P
LOW STANDBY POWER CONSUMPTION UNDER 0.3 WATT
TAD100 P-DUKE-TAD100 Datasheet
2Mb / 5P
LOW STANDBY POWER CONSUMPTION UNDER 0.3 WATT
logo
Recom International Pow...
RACD04 RECOM-RACD04 Datasheet
460Kb / 4P
low Standby Power, ErP conform
RACV04 RECOM-RACV04 Datasheet
1Mb / 4P
low Standby Power, ErP conform
logo
Micross Components
AS5C2568 MICROSS-AS5C2568 Datasheet
217Kb / 17P
Low power standby
logo
MORNSUN Science& Techno...
LO10-26D0512-04L MORNSUN-LO10-26D0512-04L Datasheet
947Kb / 4P
Low ripple & noise, Low standby power consumption
LO15-26D1305-03 MORNSUN-LO15-26D1305-03 Datasheet
1Mb / 4P
Low ripple & noise, Low standby power consumption
logo
Diodes Incorporated
AL1788 DIODES-AL1788 Datasheet
398Kb / 13P
LOW STANDBY POWER PFC CONTROLLER
logo
DIWELL Electronics Co.,...
AUS-0.1W DIWELL-AUS-0.1W Datasheet
349Kb / 5P
0.1W UNREGULATED
2019/12/24
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com