Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN6863WTY Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # FAN6863WTY
Description  Low Standby Power: Under 0.1W
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN6863WTY Datasheet(HTML) 5 Page - Fairchild Semiconductor

  FAN6863WTY Datasheet HTML 1Page - Fairchild Semiconductor FAN6863WTY Datasheet HTML 2Page - Fairchild Semiconductor FAN6863WTY Datasheet HTML 3Page - Fairchild Semiconductor FAN6863WTY Datasheet HTML 4Page - Fairchild Semiconductor FAN6863WTY Datasheet HTML 5Page - Fairchild Semiconductor FAN6863WTY Datasheet HTML 6Page - Fairchild Semiconductor FAN6863WTY Datasheet HTML 7Page - Fairchild Semiconductor FAN6863WTY Datasheet HTML 8Page - Fairchild Semiconductor FAN6863WTY Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
© 2011 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN6863W • Rev. 1.0.1
5
Electrical Characteristics
VDD = 15V and TA = 25°C, unless otherwise noted.
Symbol
Parameter
Condition
Min.
Typ.
Max.
Unit
VDD Section
VDD-OP
Continuously Operating Voltage
20
V
VDD-ON
Turn-On Threshold Voltage
15
16
17
V
VDD-OFF
Turn-Off Voltage
6.5
7.0
7.5
V
VDD-LH
Threshold Voltage for Latch-Off Release
4
V
IDD-ST
Startup Current
VDD-ON – 0.16V
8
15
µA
IDD-OP1
Operating Supply Current in PWM Operation
VDD = 20V,
VFB = 3V Gate Open
2
mA
IDD-OP2
Operating Supply Current when VFB < VFB-ZDC
VDD = 15V,
VFB < VFB-ZDC
600
µA
VDD-OVP
VDD Over-Voltage Protection
FAN6863WL-Latch,
FAN6863WR-Auto
Restart
21.2
22.2
23.2
V
tD-VDDOVP
VDD OVP Debounce Time
50
µs
IDD-LH
Latch-Off Holding Current
VDD = 5V;
FAN6863W,
FAN6863WL Only
70
80
µA
Feedback Input Section
AV
Input-Voltage to Current-Sense Attenuation
1/4.0
1/3.5
1/3.0
V/V
ZFB
Input Impedance
17
kΩ
VFB-OPEN
FB Pin Open Voltage
5.2
5.4
5.6
V
VFB-OLP
Threshold Voltage for Open-Loop Protection
4.3
4.6
4.9
V
tD-OLP
Open-Loop Protection Delay
VFB > VFB-OLP,
tON > 2.5µs,
TA = -40 to +105°C
54
60
66
ms
tD-SCP
Secondary Short-Circuit Protection Delay
FB > VFB-OLP,
tON < 2.5µs,
TA = -40 to +105°C
6
7
8
ms
tON-SCP
Short-Circuit Protection On-Time Detection
VFB>VFB-OLP,
TA = -40 to +105°C
2.5
µs
Current Sense Section
tPD
Delay to Output
100
250
ns
tLEB
Leading-Edge Blanking Time
200
250
ns
VLIMIT-H
HIGH Threshold Voltage for Current Limit
Duty>55%
0.57
0.60
0.63
V
VLIMIT-L
LOW Threshold Voltage for Current Limit
Duty = 0%
0.36
0.39
0.42
V
tSOFT-START Period During Startup Time
Startup Time
4.75
5.00
10.00
ms
VSSCP
Threshold Voltage for SENSE Short-Circuit
Protection
tON > 4.5µs,
FB < VFB-OLP,
TA = -40 to +105°C
110
mV
tON-SSCP
Detect SENSE On Time for SENSE Short-
Circuit Protection
4.4
µs
tSSCP
Debounce Time for SENSE Short-Circuit
Protection
tON > 4.5µs,
VFB < VFB-OLP,
TA = -40 to +105°C
100
µs
Continued on the following page…


Similar Part No. - FAN6863WTY

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN6863WTY FAIRCHILD-FAN6863WTY Datasheet
1Mb / 16P
   Highly Integrated Green-Mode PWM Controller
More results

Similar Description - FAN6863WTY

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
TAD100 P-DUKE-TAD100 Datasheet
2Mb / 5P
   LOW STANDBY POWER CONSUMPTION UNDER 0.3 WATT
MAD100 P-DUKE-MAD100 Datasheet
2Mb / 5P
   LOW STANDBY POWER CONSUMPTION UNDER 0.3 WATT
logo
Micross Components
AS5C2568 MICROSS-AS5C2568 Datasheet
217Kb / 17P
   Low power standby
logo
Diodes Incorporated
AL1788 DIODES-AL1788 Datasheet
398Kb / 13P
   LOW STANDBY POWER PFC CONTROLLER
logo
DIWELL Electronics Co.,...
AUS-0.1W DIWELL-AUS-0.1W Datasheet
349Kb / 5P
   0.1W UNREGULATED
2019/12/24
logo
ON Semiconductor
NCP1225 ONSEMI-NCP1225 Datasheet
44Kb / 6P
   Low Standby Power SMPS Controller
November, 2003 ??Rev. P0
logo
Recom International Pow...
RACD04 RECOM-RACD04 Datasheet
460Kb / 4P
   low Standby Power, ErP conform
RACV04 RECOM-RACV04 Datasheet
1Mb / 4P
   low Standby Power, ErP conform
logo
MORNSUN Science& Techno...
LO15-26D1305-03 MORNSUN-LO15-26D1305-03 Datasheet
1Mb / 4P
   Low ripple & noise, Low standby power consumption
LO10-26D0512-04L MORNSUN-LO10-26D0512-04L Datasheet
947Kb / 4P
   Low ripple & noise, Low standby power consumption
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com