Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN6863WTY Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # FAN6863WTY
Description  Low Standby Power: Under 0.1W
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN6863WTY Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FAN6863WTY Datasheet HTML 1Page - Fairchild Semiconductor FAN6863WTY Datasheet HTML 2Page - Fairchild Semiconductor FAN6863WTY Datasheet HTML 3Page - Fairchild Semiconductor FAN6863WTY Datasheet HTML 4Page - Fairchild Semiconductor FAN6863WTY Datasheet HTML 5Page - Fairchild Semiconductor FAN6863WTY Datasheet HTML 6Page - Fairchild Semiconductor FAN6863WTY Datasheet HTML 7Page - Fairchild Semiconductor FAN6863WTY Datasheet HTML 8Page - Fairchild Semiconductor FAN6863WTY Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
© 2011 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN6863W • Rev. 1.0.1
4
Absolute Maximum Ratings
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be
operable above the recommended operating conditions and stressing the parts to these levels is not recommended.
In addition, extended exposure to stresses above the recommended operating conditions may affect device reliability.
The absolute maximum ratings are stress ratings only. All voltage values, except differential voltages, are given with
respect to GND pin.
Symbol
Parameter
Min.
Max.
Unit
VDD
Supply Voltage
30
V
VL
Input Voltage to FB, SENSE, and RT Pins
-0.3
7.0
V
ΘJA
Thermal Resistance (Junction-to-Ambient)
244
°C/W
TJ
Operating Junction Temperature
-40
+125
°C
TSTG
Storage Temperature Range
-55
+150
°C
TL
Lead Temperature, Wave Soldering, 10 Seconds
+260
°C
ESD
Human Body Model, JESD22-A114
5.5
kV
Charge Device Model, JESD22-C101
2.0
Recommended Operating Conditions
The Recommended Operating Conditions table defines the conditions for actual device operation. Recommended
operating conditions are specified to ensure optimal performance to the datasheet specifications. Fairchild does not
recommend exceeding them or designing to Absolute Maximum Ratings.
Symbol
Parameter
Min.
Max.
Unit
TA
Operating Ambient Temperature
-40
+105
°C


Similar Part No. - FAN6863WTY

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN6863WTY FAIRCHILD-FAN6863WTY Datasheet
1Mb / 16P
   Highly Integrated Green-Mode PWM Controller
More results

Similar Description - FAN6863WTY

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
TAD100 P-DUKE-TAD100 Datasheet
2Mb / 5P
   LOW STANDBY POWER CONSUMPTION UNDER 0.3 WATT
MAD100 P-DUKE-MAD100 Datasheet
2Mb / 5P
   LOW STANDBY POWER CONSUMPTION UNDER 0.3 WATT
logo
Micross Components
AS5C2568 MICROSS-AS5C2568 Datasheet
217Kb / 17P
   Low power standby
logo
Diodes Incorporated
AL1788 DIODES-AL1788 Datasheet
398Kb / 13P
   LOW STANDBY POWER PFC CONTROLLER
logo
DIWELL Electronics Co.,...
AUS-0.1W DIWELL-AUS-0.1W Datasheet
349Kb / 5P
   0.1W UNREGULATED
2019/12/24
logo
ON Semiconductor
NCP1225 ONSEMI-NCP1225 Datasheet
44Kb / 6P
   Low Standby Power SMPS Controller
November, 2003 ??Rev. P0
logo
Recom International Pow...
RACD04 RECOM-RACD04 Datasheet
460Kb / 4P
   low Standby Power, ErP conform
RACV04 RECOM-RACV04 Datasheet
1Mb / 4P
   low Standby Power, ErP conform
logo
MORNSUN Science& Techno...
LO15-26D1305-03 MORNSUN-LO15-26D1305-03 Datasheet
1Mb / 4P
   Low ripple & noise, Low standby power consumption
LO10-26D0512-04L MORNSUN-LO10-26D0512-04L Datasheet
947Kb / 4P
   Low ripple & noise, Low standby power consumption
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com