Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN6863WTY Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FAN6863WTY
Description  Low Standby Power: Under 0.1W
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN6863WTY Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FAN6863WTY Datasheet HTML 1Page - Fairchild Semiconductor FAN6863WTY Datasheet HTML 2Page - Fairchild Semiconductor FAN6863WTY Datasheet HTML 3Page - Fairchild Semiconductor FAN6863WTY Datasheet HTML 4Page - Fairchild Semiconductor FAN6863WTY Datasheet HTML 5Page - Fairchild Semiconductor FAN6863WTY Datasheet HTML 6Page - Fairchild Semiconductor FAN6863WTY Datasheet HTML 7Page - Fairchild Semiconductor FAN6863WTY Datasheet HTML 8Page - Fairchild Semiconductor FAN6863WTY Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
© 2011 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN6863W • Rev. 1.0.1
3
Marking Information
Figure 3. Top Mark
Pin Configuration
Figure 4. Pin Configuration
Pin Definitions
Pin #
Name
Function
Description
1
GND
Ground
Ground
2
FB
Feedback
The FB pin provides the output voltage regulation signal. It provides feedback to
the internal PWM comparator, so the PWM comparator can control the duty
cycle. This pin also provides over-current protection. IF VFB is higher than the
trigger level and persists at that level, the controller stops and restarts.
3
RT
Temperature
Detection
An external NTC thermistor is connected from this pin to the GND pin. The
impedance of the NTC decreases at high temperatures. If the voltage of the RT
pin drops below the threshold, PWM output is disabled.
4
SENSE Current Sense
This pin senses the voltage across a resistor. When the voltage reaches the
internal threshold, PWM output is disabled and this activates over-current
protection. This pin also provides current amplitude information for Current
Mode control.
5
VDD
Power Supply Power supply
6
GATE
Driver Output The totem-pole output driver for driving the power MOSFET
ABx:
ABU: FAN6863WTY
ABV: FAN6863WRTY
ABW: FAN6863WLTY
TT:
Wafer Lot Code
: Year Code
_ _ _
:
Week Code


Similar Part No. - FAN6863WTY

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN6863WTY FAIRCHILD-FAN6863WTY Datasheet
1Mb / 16P
   Highly Integrated Green-Mode PWM Controller
More results

Similar Description - FAN6863WTY

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
TAD100 P-DUKE-TAD100 Datasheet
2Mb / 5P
   LOW STANDBY POWER CONSUMPTION UNDER 0.3 WATT
MAD100 P-DUKE-MAD100 Datasheet
2Mb / 5P
   LOW STANDBY POWER CONSUMPTION UNDER 0.3 WATT
logo
Micross Components
AS5C2568 MICROSS-AS5C2568 Datasheet
217Kb / 17P
   Low power standby
logo
Diodes Incorporated
AL1788 DIODES-AL1788 Datasheet
398Kb / 13P
   LOW STANDBY POWER PFC CONTROLLER
logo
DIWELL Electronics Co.,...
AUS-0.1W DIWELL-AUS-0.1W Datasheet
349Kb / 5P
   0.1W UNREGULATED
2019/12/24
logo
ON Semiconductor
NCP1225 ONSEMI-NCP1225 Datasheet
44Kb / 6P
   Low Standby Power SMPS Controller
November, 2003 ??Rev. P0
logo
Recom International Pow...
RACD04 RECOM-RACD04 Datasheet
460Kb / 4P
   low Standby Power, ErP conform
RACV04 RECOM-RACV04 Datasheet
1Mb / 4P
   low Standby Power, ErP conform
logo
MORNSUN Science& Techno...
LO15-26D1305-03 MORNSUN-LO15-26D1305-03 Datasheet
1Mb / 4P
   Low ripple & noise, Low standby power consumption
LO10-26D0512-04L MORNSUN-LO10-26D0512-04L Datasheet
947Kb / 4P
   Low ripple & noise, Low standby power consumption
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com