![]() |
Electronic Components Datasheet Search |
|
M29W800DT70N1 Datasheet(PDF) 13 Page - STMicroelectronics |
|
|
M29W800DT70N1 Datasheet(HTML) 13 Page - STMicroelectronics |
13 / 41 page ![]() 13/41 M29W800DT, M29W800DB After the program operation has completed the memory will return to the Read mode, unless an error has occurred. When an error occurs the memory will continue to output the Status Regis- ter. A Read/Reset command must be issued to re- set the error condition and return to Read mode. Note that the Program command cannot change a bit set at ’0’ back to ’1’. One of the Erase Com- mands must be used to set all the bits in a block or in the whole memory from ’0’ to ’1’. Unlock Bypass Command. The Unlock Bypass command is used in conjunction with the Unlock Bypass Program command to program the memo- ry. When the access time to the device is long (as with some EPROM programmers) considerable time saving can be made by using these com- mands. Three Bus Write operations are required to issue the Unlock Bypass command. Once the Unlock Bypass command has been is- sued the memory will only accept the Unlock By- pass Program command and the Unlock Bypass Reset command. The memory can be read as if in Read mode. Unlock Bypass Program Command. The Un- lock Bypass Program command can be used to program one address in memory at a time. The command requires two Bus Write operations, the final write operation latches the address and data in the internal state machine and starts the Pro- gram/Erase Controller. The Program operation using the Unlock Bypass Program command behaves identically to the Pro- gram operation using the Program command. A protected block cannot be programmed; the oper- ation cannot be aborted and the Status Register is read. Errors must be reset using the Read/Reset command, which leaves the device in Unlock By- pass Mode. See the Program command for details on the behavior. Unlock Bypass Reset Command. The Unlock Bypass Reset command can be used to return to Read/Reset mode from Unlock Bypass Mode. Two Bus Write operations are required to issue the Unlock Bypass Reset command. Read/Reset command does not exit from Unlock Bypass Mode. Chip Erase Command. The Chip Erase com- mand can be used to erase the entire chip. Six Bus Write operations are required to issue the Chip Erase Command and start the Program/Erase Controller. If any blocks are protected then these are ignored and all the other blocks are erased. If all of the blocks are protected the Chip Erase operation ap- pears to start but will terminate within about 100µs, leaving the data unchanged. No error condition is given when protected blocks are ignored. During the erase operation the memory will ignore all commands. It is not possible to issue any com- mand to abort the operation. Typical chip erase times are given in Table 6. All Bus Read opera- tions during the Chip Erase operation will output the Status Register on the Data Inputs/Outputs. See the section on the Status Register for more details. After the Chip Erase operation has completed the memory will return to the Read Mode, unless an error has occurred. When an error occurs the memory will continue to output the Status Regis- ter. A Read/Reset command must be issued to re- set the error condition and return to Read Mode. The Chip Erase Command sets all of the bits in un- protected blocks of the memory to ’1’. All previous data is lost. Block Erase Command. The Block Erase com- mand can be used to erase a list of one or more blocks. Six Bus Write operations are required to select the first block in the list. Each additional block in the list can be selected by repeating the sixth Bus Write operation using the address of the additional block. The Block Erase operation starts the Program/Erase Controller about 50µs after the last Bus Write operation. Once the Program/Erase Controller starts it is not possible to select any more blocks. Each additional block must therefore be selected within 50µs of the last block. The 50µs timer restarts when an additional block is selected. The Status Register can be read after the sixth Bus Write operation. See the Status Register for details on how to identify if the Program/Erase Controller has started the Block Erase operation. If any selected blocks are protected then these are ignored and all the other selected blocks are erased. If all of the selected blocks are protected the Block Erase operation appears to start but will terminate within about 100µs, leaving the data un- changed. No error condition is given when protect- ed blocks are ignored. During the Block Erase operation the memory will ignore all commands except the Erase Suspend command. Typical block erase times are given in Table 6. All Bus Read operations during the Block Erase operation will output the Status Register on the Data Inputs/Outputs. See the section on the Status Register for more details. After the Block Erase operation has completed the memory will return to the Read Mode, unless an error has occurred. When an error occurs the memory will continue to output the Status Regis- ter. A Read/Reset command must be issued to re- set the error condition and return to Read mode. The Block Erase Command sets all of the bits in the unprotected selected blocks to ’1’. All previous data in the selected blocks is lost. |
Similar Part No. - M29W800DT70N1 |
|
Similar Description - M29W800DT70N1 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |