Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MS3459L10SL-3S Datasheet(PDF) 23 Page - Amphenol Corporation

Part # MS3459L10SL-3S
Description  Amphenol MIL-DTL-5015, Matrix
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

MS3459L10SL-3S Datasheet(HTML) 23 Page - Amphenol Corporation

Back Button MS3459L10SL-3S Datasheet HTML 19Page - Amphenol Corporation MS3459L10SL-3S Datasheet HTML 20Page - Amphenol Corporation MS3459L10SL-3S Datasheet HTML 21Page - Amphenol Corporation MS3459L10SL-3S Datasheet HTML 22Page - Amphenol Corporation MS3459L10SL-3S Datasheet HTML 23Page - Amphenol Corporation MS3459L10SL-3S Datasheet HTML 24Page - Amphenol Corporation MS3459L10SL-3S Datasheet HTML 25Page - Amphenol Corporation MS3459L10SL-3S Datasheet HTML 26Page - Amphenol Corporation MS3459L10SL-3S Datasheet HTML 27Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 30 page
background image
Amphenol
Aerospace
192
ContactAmphenolAerospaceformoreinformationat800-678-0141•www.amphenol-aerospace.com
Polarizing
Keyway
H Thread
C Max.
D Min. Perf.
Thread
7.500 Max
Blue Color Band Designates
Rear Release Contact Connector
A
Dia Max.
E Dia. Max.
B Dia.
.061
.046
3 Teeth
Equally Spaced
120 Apart
˚
Adapter
Mating Face of
Receptacle Shell
Shell
Size*
A
Dia.
Max.
B
Dia.
C Max.
D
Min.
E
Dia.
Max.
H
Thread
Class 2A
Amphenol/
Matrix Part
Number for
Adapter Ring
Size
16 & 12
Contacts
Size
8, 4, 0
Contacts
8S
1 087
360
2 031
290
305
5000-20 UNF
2500-008-0X08
10S
1 224
435
2 031
290
405
6250-24 UNEF
2500-008-0X10
10SL 1 224
441
2 031
290
405
6250-24 UNEF
2500-008-0X10
12
1 355
550
2 125
290
549
7500-20 UNEF
2500-008-0X12
12S
1 355
550
2 031
290
549
7500-20 UNEF
2500-008-0X13
14
1 482
670
2 125
290
665
8750-20 UNEF
2500-008-0X14
14S
1 482
670
2 031
290
665
8750-20 UNEF
2500-008-0X15
16
1 609
800
2 125
2 500
290
790
1 0000-20 UNEF
2500-008-0X16
16S
1 609
800
2 031
290
790
1 0000-20 UNEF
2500-008-0X17
18
1 817
925
2 125
2 500
290
869
1 0625-18 UNEF
2500-008-0X18
20
1 942
1 045
2 125
2 500
290
994
1 1875-18 UNEF
2500-008-0X20
22
2 075
1 170
2 125
2 500
290
1 119
1 3125-18 UNEF
2500-008-0X22
24
2 203
1 295
2 125
2 500
290
1 244
1 4375-18 UNEF
2500-008-0X24
28
2 516
1 515
2 125
2 500
467
1 465
1 7500-18 UNS
2500-008-0X28
32
2 735
1 765
2 125
2 500
467
1 715
2 0000-18 UNS
2500-008-0X32
36
3 015
1 975
2 125
2 500
467
1 930
2 2500-16 UN
2500-008-0X36
40
3 306
2 225
2 125
2 500
467
2 145
2 5000-16 UN
2500-008-0X40
* Consult Amphenol, Sidney, NY for availability of shell sizes 44 and 48
Receptacle Adapter Ring
Required to mate the quick disconnect plug
with receptacle Not furnished with the quick
disconnect plug and must be ordered
separately
Note: Use Locktite Material on the threads for
a permanent installation to the shell
How to Order Adapter Ring
Part Number
2500-008-0 X XX
Shell Size (varies from
connector shell size
designation, see last
column of table at left)
Finish
0 - Electroless Nickel
1 - Black Anodize
2 - Cadmium/Olive Drab
3 - Stainless Steel,
Passivated
9818 Connector
9817 Connector with Lanyard
9817, 9818, MIL-DTL-5015 Crimp Rear Release
Quick Disconnect Plug, with/without Lanyard
MIL-DTL-5015 Connector
Type
Shell
Style
Service
Class
Shell Size–
Insert Arrangement
Contact
Type
Alternate
Rotation
Modification
Number
Commercial
981
7
L
16S–8
P
W
xxx
Commercial
981
8
F
16S–8
P
W
xxx
Plug Shell, Quick Disconnect, Push-pull Coupling
To complete, see how to order page 185
PART #


Similar Part No. - MS3459L10SL-3S

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
MS3459LS12S-3S AMPHENOL-MS3459LS12S-3S Datasheet
582Kb / 31P
With Crimp Rear Release, Qualified for Environmental
More results

Similar Description - MS3459L10SL-3S

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
M39029-30-218 AMPHENOL-M39029-30-218 Datasheet
582Kb / 31P
Amphenol /Matrix MS/Standard MIL-DTL-5015 Cylindrical Connectors
MS3450L18-11S AMPHENOL-MS3450L18-11S Datasheet
582Kb / 31P
Amphenol /Matrix MS/Standard MIL-DTL-5015 Cylindrical Connectors
MS3459W24-10P AMPHENOL-MS3459W24-10P Datasheet
582Kb / 31P
Amphenol /Matrix MS/Standard MIL-DTL-5015 Cylindrical Connectors
MS3456L10SL-3S AMPHENOL-MS3456L10SL-3S Datasheet
1,004Kb / 30P
Amphenol MIL-DTL-5015, Matrix
MS3456L12S-3S AMPHENOL-MS3456L12S-3S Datasheet
1,004Kb / 30P
Amphenol MIL-DTL-5015, Matrix
MS3102A12S-3S AMPHENOL-MS3102A12S-3S Datasheet
2Mb / 73P
Amphenol MIL-DTL-5015 and MIL-5015 Type Standard Cylindrical Connectors
MS3102A20-15P AMPHENOL-MS3102A20-15P Datasheet
2Mb / 73P
Amphenol MIL-DTL-5015 and MIL-5015 Type Standard
MS3102R20-27S AMPHENOL-MS3102R20-27S Datasheet
2Mb / 73P
Amphenol MIL-DTL-5015 and MIL-5015 Type Standard Cylindrical Connectors
MS3102A18-3PW AMPHENOL-MS3102A18-3PW Datasheet
2Mb / 73P
Amphenol MIL-DTL-5015 and MIL-5015
logo
Amphenol Aerospace Oper...
1928309 AAO-1928309 Datasheet
3Mb / 33P
MIL-DTL-5015, Matrix
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com