Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MS3459L10SL-3S Datasheet(PDF) 21 Page - Amphenol Corporation

Part # MS3459L10SL-3S
Description  Amphenol MIL-DTL-5015, Matrix
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

MS3459L10SL-3S Datasheet(HTML) 21 Page - Amphenol Corporation

Back Button MS3459L10SL-3S Datasheet HTML 17Page - Amphenol Corporation MS3459L10SL-3S Datasheet HTML 18Page - Amphenol Corporation MS3459L10SL-3S Datasheet HTML 19Page - Amphenol Corporation MS3459L10SL-3S Datasheet HTML 20Page - Amphenol Corporation MS3459L10SL-3S Datasheet HTML 21Page - Amphenol Corporation MS3459L10SL-3S Datasheet HTML 22Page - Amphenol Corporation MS3459L10SL-3S Datasheet HTML 23Page - Amphenol Corporation MS3459L10SL-3S Datasheet HTML 24Page - Amphenol Corporation MS3459L10SL-3S Datasheet HTML 25Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
Amphenol
Aerospace
190
ContactAmphenolAerospaceformoreinformationat800-678-0141•www.amphenol-aerospace.com
Polarizing Keyway
Blue Color Band
H Accessory Thread
J Coupling
Thread
3 Teeth
Equally Spaced
120 Apart
D Min. Full
Thread
C Max.
B
Dia.
E
Dia
Max.
A
Dia Max.
˚
Shell
Size*
A
Dia.
Max.
B
Dia.
±.005
C Max.
D
Min.
E
Dia.
Max.
H
Thread
Class 2A
J
Thread
Class 2B
Size
16 & 12
Contacts
Size
8, 4, 0
Contacts
8S
844
360
2 031
290
305
5000-20 UNF
5000-28 UNEF
10S
969
435
2 031
290
405
6250-24 UNEF
6250-24 UNEF
10SL
969
441**
2 031
290
405
6250-24 UNEF
6250-24 UNEF
12
1 062
550
2 125
290
549
7500-20 UNEF
7500-20 UNEF
12S
1 062
550
2 031
290
549
7500-20 UNEF
7500-20 UNEF
14
1 156
670
2 125
290
665
8750-20 UNEF
8750-20 UNEF
14S
1 156
670
2 031
290
665
8750-20 UNEF
8750-20 UNEF
16
1 250
800
2 125
2 500
290
790
1 0000-20 UNEF
1 0000-20 UNEF
16S
1 250
800
2 031
290
790
1 0000-20 UNEF
1 0000-20 UNEF
18
1 344
925
2 125
2 500
290
869
1 0625-18 UNEF
1 1250-18 UNEF
20
1 469
1 045
2 125
2 500
290
994
1 1875-18 UNEF
1 2500-18 UNEF
22
1 594
1 170
2 125
2 500
290
1 119
1 3125-18 UNEF
1 3750-18 UNEF
24
1 719
1 295
2 125
2 500
290
1 244
1 4375-18 UNEF
1 5000-18 UNEF
28
1 969
1 515
2 125
2 500
467
1 465
1 7500-18 UNS
1 7500-18 UNS
32
2 219
1 765
2 125
2 500
467
1 715
2 0000-18 UNS
2 0000-18 UNS
36
2 469
1 975
2 125
2 500
467
1 930
2 2500-16 UN
2 2500-16 UN
40
2 719
2 225
2 125
2 500
467
2 145
2 5000-16 UN
2 5000-16 UN
* Consult Amphenol, Sidney, NY for availability of shell sizes 44 and 48
** Tolerance on this dimension is + 000 – 006
MS3456, MIL-DTL-5015 Crimp Rear Release
Straight Plug
MIL-DTL-5015 Connector
Type
Shell
Style
Service
Class
Shell Size–
Insert Arrangement
Contact
Type
Alternate
Rotation
Modification
Number
Military
MS
3456
L
16S–8
P
W
NA
Commercial
944
6
F
16S–8
P
W
xxx
Plug Shell,Threaded Coupling.
To complete, see how to order page 185
PART #


Similar Part No. - MS3459L10SL-3S

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
MS3459LS12S-3S AMPHENOL-MS3459LS12S-3S Datasheet
582Kb / 31P
With Crimp Rear Release, Qualified for Environmental
More results

Similar Description - MS3459L10SL-3S

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
M39029-30-218 AMPHENOL-M39029-30-218 Datasheet
582Kb / 31P
Amphenol /Matrix MS/Standard MIL-DTL-5015 Cylindrical Connectors
MS3450L18-11S AMPHENOL-MS3450L18-11S Datasheet
582Kb / 31P
Amphenol /Matrix MS/Standard MIL-DTL-5015 Cylindrical Connectors
MS3459W24-10P AMPHENOL-MS3459W24-10P Datasheet
582Kb / 31P
Amphenol /Matrix MS/Standard MIL-DTL-5015 Cylindrical Connectors
MS3456L10SL-3S AMPHENOL-MS3456L10SL-3S Datasheet
1,004Kb / 30P
Amphenol MIL-DTL-5015, Matrix
MS3456L12S-3S AMPHENOL-MS3456L12S-3S Datasheet
1,004Kb / 30P
Amphenol MIL-DTL-5015, Matrix
MS3102A12S-3S AMPHENOL-MS3102A12S-3S Datasheet
2Mb / 73P
Amphenol MIL-DTL-5015 and MIL-5015 Type Standard Cylindrical Connectors
MS3102A20-15P AMPHENOL-MS3102A20-15P Datasheet
2Mb / 73P
Amphenol MIL-DTL-5015 and MIL-5015 Type Standard
MS3102R20-27S AMPHENOL-MS3102R20-27S Datasheet
2Mb / 73P
Amphenol MIL-DTL-5015 and MIL-5015 Type Standard Cylindrical Connectors
MS3102A18-3PW AMPHENOL-MS3102A18-3PW Datasheet
2Mb / 73P
Amphenol MIL-DTL-5015 and MIL-5015
logo
Amphenol Aerospace Oper...
1928309 AAO-1928309 Datasheet
3Mb / 33P
MIL-DTL-5015, Matrix
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com