Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MS3459L10SL-3S Datasheet(PDF) 2 Page - Amphenol Corporation

Part # MS3459L10SL-3S
Description  Amphenol MIL-DTL-5015, Matrix
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

MS3459L10SL-3S Datasheet(HTML) 2 Page - Amphenol Corporation

  MS3459L10SL-3S Datasheet HTML 1Page - Amphenol Corporation MS3459L10SL-3S Datasheet HTML 2Page - Amphenol Corporation MS3459L10SL-3S Datasheet HTML 3Page - Amphenol Corporation MS3459L10SL-3S Datasheet HTML 4Page - Amphenol Corporation MS3459L10SL-3S Datasheet HTML 5Page - Amphenol Corporation MS3459L10SL-3S Datasheet HTML 6Page - Amphenol Corporation MS3459L10SL-3S Datasheet HTML 7Page - Amphenol Corporation MS3459L10SL-3S Datasheet HTML 8Page - Amphenol Corporation MS3459L10SL-3S Datasheet HTML 9Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
ContactAmphenolAerospaceformoreinformationat800-678-0141•www.amphenol-aerospace.com
Amphenol
Aerospace
171
MS3450
wall mounting receptacle
MS3451
cable connecting receptacle
MS3452
box mounting receptacle
MS3454
jam nut receptacle
MS3456
plug with threaded
coupling
MS3459
plug with self-locking
coupling nut
Amphenol broadens their MS/Standard family of
connectors with the MIL-DTL-5015 Crimp Rear
Release Series.
This series provides an alternative to the older MIL-C-5015
solder type. It bridges the gap between an old connector
standard and the environmental and high performance needs
of current technologies.
DESIGN CHARACTERISTICS
Medium to heavy weight cylindrical
MS345( ) series intermateable with existing MIL-DTL-5015
solder or crimp versions on existing equipment
Captive coupling nut mechanism, utilizes retaining rings
in combination with “L” washers to prevent inadvertent
disassembly
Multiple interlock systems ensure permanent
insert retention
Positive control of dielectric separation with guaranteed
ease of contact insertion
Positive contact retention provided by a closely toleranced
damage-proof metal retention clip
Completely sealed against environmental extremes with -
• Individualcontactseals(conicalrisersonpininterface)
• Interfacialsealsbetweencontacts
• Peripheralgasketshell-to-shellseals
• Redundantrearwiresealsandinsert-to-shellseals
CUSTOMER OPTIONS
Seven mounting styles, in shell sizes 8 to 48*
Threaded coupling or self-locking plug (MS3459) with an
internal ratcheting mechanism to prevent unmating due to
vibration and shock, eliminating the need for safety wiring
Proprietary quick disconnect plug, with or without
lanyard available
Classes include aluminum or stainless steel shells,
or firewall capability
MS and Proprietary versions available
Some styles are supplied to McDonnell Douglas
Specification BAN 7025, DC60 Series
Accommodation of contact sizes 0 to 16
Over 100 insert arrangement patterns available,
accommodating from a minimum of 1 to a maximum
of 85 circuits
Alternate positioning available
Thermocouple pin and socket contacts are available**
NOTE: MIL-C-5015 is superceded to MIL-DTL-5015 for all Amphenol/Matrix rear
release crimp type contacts.
* Consult Amphenol, Sidney, NY for availability of shell sizes 44 and 48.
** Consult Amphenol, Sidney, NY for information on thermocouple contacts.
Amphenol® /Matrix® MS/Standard Circular
MIL-DTL-5015 with Crimp Rear Release Contacts
Proprietary quick disconnect
plug with/without lanyard


Similar Part No. - MS3459L10SL-3S

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
MS3459LS12S-3S AMPHENOL-MS3459LS12S-3S Datasheet
582Kb / 31P
With Crimp Rear Release, Qualified for Environmental
More results

Similar Description - MS3459L10SL-3S

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
MS3456L10SL-3S AMPHENOL-MS3456L10SL-3S Datasheet
1,004Kb / 30P
Amphenol MIL-DTL-5015, Matrix
MS3456L12S-3S AMPHENOL-MS3456L12S-3S Datasheet
1,004Kb / 30P
Amphenol MIL-DTL-5015, Matrix
MS3102A18-3PW AMPHENOL-MS3102A18-3PW Datasheet
2Mb / 73P
Amphenol MIL-DTL-5015 and MIL-5015
logo
Amphenol Aerospace Oper...
1928309 AAO-1928309 Datasheet
3Mb / 33P
MIL-DTL-5015, Matrix
logo
Amphenol Corporation
M39029-30-218 AMPHENOL-M39029-30-218 Datasheet
582Kb / 31P
Amphenol /Matrix MS/Standard MIL-DTL-5015 Cylindrical Connectors
MS3459W24-10P AMPHENOL-MS3459W24-10P Datasheet
582Kb / 31P
Amphenol /Matrix MS/Standard MIL-DTL-5015 Cylindrical Connectors
MS3102A20-15P AMPHENOL-MS3102A20-15P Datasheet
2Mb / 73P
Amphenol MIL-DTL-5015 and MIL-5015 Type Standard
MS3450L18-11S AMPHENOL-MS3450L18-11S Datasheet
582Kb / 31P
Amphenol /Matrix MS/Standard MIL-DTL-5015 Cylindrical Connectors
MS3102A12S-3S AMPHENOL-MS3102A12S-3S Datasheet
2Mb / 73P
Amphenol MIL-DTL-5015 and MIL-5015 Type Standard Cylindrical Connectors
MS3102R20-27S AMPHENOL-MS3102R20-27S Datasheet
2Mb / 73P
Amphenol MIL-DTL-5015 and MIL-5015 Type Standard Cylindrical Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com