Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MS3459L10SL-3S Datasheet(PDF) 19 Page - Amphenol Corporation

Part # MS3459L10SL-3S
Description  Amphenol MIL-DTL-5015, Matrix
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

MS3459L10SL-3S Datasheet(HTML) 19 Page - Amphenol Corporation

Back Button MS3459L10SL-3S Datasheet HTML 15Page - Amphenol Corporation MS3459L10SL-3S Datasheet HTML 16Page - Amphenol Corporation MS3459L10SL-3S Datasheet HTML 17Page - Amphenol Corporation MS3459L10SL-3S Datasheet HTML 18Page - Amphenol Corporation MS3459L10SL-3S Datasheet HTML 19Page - Amphenol Corporation MS3459L10SL-3S Datasheet HTML 20Page - Amphenol Corporation MS3459L10SL-3S Datasheet HTML 21Page - Amphenol Corporation MS3459L10SL-3S Datasheet HTML 22Page - Amphenol Corporation MS3459L10SL-3S Datasheet HTML 23Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 30 page
background image
Amphenol
Aerospace
188
ContactAmphenolAerospaceformoreinformationat800-678-0141•www.amphenol-aerospace.com
Blue Color Band
E Dia.
Max
J Coupling
Thread
D Max.
F
G
Polarizing
Key
A Typ.
B Typ.
B Typ.
PANEL CUTOUT
C Dia.
4 Holes
C Dia.
L Dia.
Shell
Size*
A
±.031
B
C
Dia.
D Max.
E
Dia.
±.016
F
G
±.015
J
Thread
Class 2A
L
Dia.
±.010
Size
16 & 12
Contacts
Size
8, 4, 0
Contacts
8S
875
594
130/ 115
1 662
500
578/ 562
083
5000-28 UNEF
562
10S
1 000
719
130/ 115
1 662
625
578/ 562
083
6250-24 UNEF
688
10SL
1 000
719
130/ 115
1 662
625
578/ 562
083
6250-24 UNEF
688
12
1 094
812
130/ 115
1 662
750
765/ 750
083
7500-20 UNEF
812
12S
1 094
812
130/ 115
1 662
750
578/ 562
083
7500-20 UNEF
812
14
1 188
906
130/ 115
1 662
875
765/ 750
083
8750-20 UNEF
938
14S
1 188
906
130/ 115
1 662
875
577/ 562
083
8750-20 UNEF
938
16
1 281
969
130/ 115
1 662
1 937
1 000
765/ 750
083
1 0000-20 UNEF
1 062
16S
1 281
969
130/ 115
1 662
1 000
577/ 562
083
1 0000-20 UNEF
1 062
18
1 375
1 062
130/ 115
1 662
1 937
1 062
765/ 750
125
1 1250-18 UNEF
1 188
20
1 500
1 156
130/ 115
1 662
1 937
1 187
765/ 750
125
1 2500-18 UNEF
1 312
22
1 625
1 250
130/ 115
1 662
1 937
1 312
765/ 750
125
1 3750-18 UNEF
1 438
24
1 750
1 375
157/ 142
1 662
1 937
1 437
827/ 812
125
1 5000-18 UNEF
1 562
28
2 000
1 562
157/ 142
1 662
1 937
1 750
827/ 812
125
1 7500-18 UNS
1 812
32
2 250
1 750
183/ 168
1 662
1 937
2 000
988/ 875
125
2 0000-18 UNS
2 062
36
2 500
1 938
183/ 168
1 662
1 937
2 250
988/ 875
125
2 2500-16 UN
2 312
40
2 750
2 188
183/ 168
1 662
1 937
2 500
988/ 875
125
2 5000-16 UN
2 562
* Consult Amphenol, Sidney, NY for availability of shell sizes 44 and 48
MS3452, MIL-DTL-5015 Crimp Rear Release
Box Mounting Receptacle
MIL-DTL-5015 Connector
Type
Shell
Style
Service
Class
Shell Size–
Insert Arrangement
Contact
Type
Alternate
Rotation
Modification
Number
Military
MS
3452
L
16S–8
P
W
NA
Commercial
944
2
F
16S–8
P
W
xxx
Receptacle Shell, Flange Mount,Threaded Coupling.
To complete, see how to order page 185
PART #


Similar Part No. - MS3459L10SL-3S

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
MS3459LS12S-3S AMPHENOL-MS3459LS12S-3S Datasheet
582Kb / 31P
With Crimp Rear Release, Qualified for Environmental
More results

Similar Description - MS3459L10SL-3S

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
M39029-30-218 AMPHENOL-M39029-30-218 Datasheet
582Kb / 31P
Amphenol /Matrix MS/Standard MIL-DTL-5015 Cylindrical Connectors
MS3450L18-11S AMPHENOL-MS3450L18-11S Datasheet
582Kb / 31P
Amphenol /Matrix MS/Standard MIL-DTL-5015 Cylindrical Connectors
MS3459W24-10P AMPHENOL-MS3459W24-10P Datasheet
582Kb / 31P
Amphenol /Matrix MS/Standard MIL-DTL-5015 Cylindrical Connectors
MS3456L10SL-3S AMPHENOL-MS3456L10SL-3S Datasheet
1,004Kb / 30P
Amphenol MIL-DTL-5015, Matrix
MS3456L12S-3S AMPHENOL-MS3456L12S-3S Datasheet
1,004Kb / 30P
Amphenol MIL-DTL-5015, Matrix
MS3102A12S-3S AMPHENOL-MS3102A12S-3S Datasheet
2Mb / 73P
Amphenol MIL-DTL-5015 and MIL-5015 Type Standard Cylindrical Connectors
MS3102A20-15P AMPHENOL-MS3102A20-15P Datasheet
2Mb / 73P
Amphenol MIL-DTL-5015 and MIL-5015 Type Standard
MS3102R20-27S AMPHENOL-MS3102R20-27S Datasheet
2Mb / 73P
Amphenol MIL-DTL-5015 and MIL-5015 Type Standard Cylindrical Connectors
MS3102A18-3PW AMPHENOL-MS3102A18-3PW Datasheet
2Mb / 73P
Amphenol MIL-DTL-5015 and MIL-5015
logo
Amphenol Aerospace Oper...
1928309 AAO-1928309 Datasheet
3Mb / 33P
MIL-DTL-5015, Matrix
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com