Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MS3459L10SL-3S Datasheet(PDF) 17 Page - Amphenol Corporation

Part # MS3459L10SL-3S
Description  Amphenol MIL-DTL-5015, Matrix
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

MS3459L10SL-3S Datasheet(HTML) 17 Page - Amphenol Corporation

Back Button MS3459L10SL-3S Datasheet HTML 13Page - Amphenol Corporation MS3459L10SL-3S Datasheet HTML 14Page - Amphenol Corporation MS3459L10SL-3S Datasheet HTML 15Page - Amphenol Corporation MS3459L10SL-3S Datasheet HTML 16Page - Amphenol Corporation MS3459L10SL-3S Datasheet HTML 17Page - Amphenol Corporation MS3459L10SL-3S Datasheet HTML 18Page - Amphenol Corporation MS3459L10SL-3S Datasheet HTML 19Page - Amphenol Corporation MS3459L10SL-3S Datasheet HTML 20Page - Amphenol Corporation MS3459L10SL-3S Datasheet HTML 21Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 30 page
background image
Amphenol
Aerospace
186
ContactAmphenolAerospaceformoreinformationat800-678-0141•www.amphenol-aerospace.com
H Accessory Thread
3 Teeth Equally
Placed 120 Apart
Blue Color Band
E Dia.
Max
G Min. Full
Thread
J Coupling
Thread
D Max.
F
K
Polarizing
Key
A Typ.
B Typ.
B Typ.
PANEL CUTOUT
C Dia.
4 Holes
C Dia.
L Dia.
˚
Shell
Size*
A
±.031
B
C Dia.
+.010
–.005
D Max.
E
Dia.
Max.
F
G
Min.
H
Thread
Class 2A
J
Thread
Class 2A
K
L
Dia.
±.010
Class
A, F, R, W
Class
K
Size
16 & 12
Contacts
Size
8, 4, 0
Contacts
8S
875
594
120
150
2 031
305
593/ 562
290
5000-20 UNEF
5000-28 UNEF
083
562
10S
1 000
719
120
150
2 031
405
593/ 562
290
6250-24 UNEF
6250-24 UNEF
083
688
10SL 1 000
719
120
150
2 031
405
593/ 562
290
6250-24 UNEF
6250-24 UNEF
083
688
12
1 094
812
120
150
2 125
549
781/ 750
290
7500-20 UNEF
7500-20 UNEF
083
812
12S
1 094
812
120
150
2 031
549
593/ 562
290
7500-20 UNEF
7500-20 UNEF
083
812
14
1 188
906
120
150
2 125
665
781/ 750
290
8750-20 UNEF
8750-20 UNEF
083
938
14S
1 188
906
120
150
2 031
665
593/ 562
290
8750-20 UNEF
8750-20 UNEF
083
938
16
1 281
969
120
150
2 125
2 500
790
781/ 750
290
1 0000-20 UNEF
1 0000-20 UNEF
083
1 062
16S
1 281
969
120
150
2 031
790
593/ 562
290
1 0000-20 UNEF
1 0000-20 UNEF
083
1 062
18
1 375
1 062
120
177
2 125
2 500
869
781/ 750
290
1 0625-18 UNEF
1 1250-18 UNEF
125
1 188
20
1 500
1 156
120
177
2 125
2 500
994
781/ 750
290
1 1875-18 UNEF
1 2500-18 UNEF
125
1 312
22
1 625
1 250
120
177
2 125
2 500
1 119
781/ 750
290
1 3125-18 UNEF
1 3750-18 UNEF
125
1 438
24
1 750
1 375
147
177
2 125
2 500
1 244
843/ 812
290
1 4375-18 UNEF
1 5000-18 UNEF
125
1 562
28
2 000
1 562
147
177
2 125
2 500
1 465
843/ 812
467
1 7500-18 UNS
1 7500-18 UNS
125
1 812
32
2 250
1 750
173
209
2 125
2 500
1 715
906/ 875
467
2 0000-18 UNS
2 0000-18 UNS
125
2 062
36
2 500
1 938
173
209
2 125
2 500
1 930
906/ 875
467
2 2500-16 UN
2 2500-16 UN
125
2 312
40
2 750
2 188
173
209
2 125
2 500
2 145
906/ 875
467
2 5000-16 UN
2 5000-16 UN
125
2 562
* Consult Amphenol, Sidney, NY for availability of shell sizes 44 and 48
MS3450, MIL-DTL-5015 Crimp Rear Release
Wall Mounting Receptacle
MIL-DTL-5015 Connector
Type
Shell
Style
Service
Class
Shell Size–
Insert Arrangement
Contact
Type
Alternate
Rotation
Modification
Number
Military
MS
3450
L
16S–8
P
W
NA
Commercial
944
0
F
16S–8
P
W
xxx
Receptacle Shell, Flange Wall Mount,Threaded Coupling.
To complete, see how to order page 185
PART #


Similar Part No. - MS3459L10SL-3S

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
MS3459LS12S-3S AMPHENOL-MS3459LS12S-3S Datasheet
582Kb / 31P
With Crimp Rear Release, Qualified for Environmental
More results

Similar Description - MS3459L10SL-3S

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
M39029-30-218 AMPHENOL-M39029-30-218 Datasheet
582Kb / 31P
Amphenol /Matrix MS/Standard MIL-DTL-5015 Cylindrical Connectors
MS3450L18-11S AMPHENOL-MS3450L18-11S Datasheet
582Kb / 31P
Amphenol /Matrix MS/Standard MIL-DTL-5015 Cylindrical Connectors
MS3459W24-10P AMPHENOL-MS3459W24-10P Datasheet
582Kb / 31P
Amphenol /Matrix MS/Standard MIL-DTL-5015 Cylindrical Connectors
MS3456L10SL-3S AMPHENOL-MS3456L10SL-3S Datasheet
1,004Kb / 30P
Amphenol MIL-DTL-5015, Matrix
MS3456L12S-3S AMPHENOL-MS3456L12S-3S Datasheet
1,004Kb / 30P
Amphenol MIL-DTL-5015, Matrix
MS3102A12S-3S AMPHENOL-MS3102A12S-3S Datasheet
2Mb / 73P
Amphenol MIL-DTL-5015 and MIL-5015 Type Standard Cylindrical Connectors
MS3102A20-15P AMPHENOL-MS3102A20-15P Datasheet
2Mb / 73P
Amphenol MIL-DTL-5015 and MIL-5015 Type Standard
MS3102R20-27S AMPHENOL-MS3102R20-27S Datasheet
2Mb / 73P
Amphenol MIL-DTL-5015 and MIL-5015 Type Standard Cylindrical Connectors
MS3102A18-3PW AMPHENOL-MS3102A18-3PW Datasheet
2Mb / 73P
Amphenol MIL-DTL-5015 and MIL-5015
logo
Amphenol Aerospace Oper...
1928309 AAO-1928309 Datasheet
3Mb / 33P
MIL-DTL-5015, Matrix
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com