Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MS3459L10SL-3S Datasheet(PDF) 14 Page - Amphenol Corporation

Part # MS3459L10SL-3S
Description  Amphenol MIL-DTL-5015, Matrix
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

MS3459L10SL-3S Datasheet(HTML) 14 Page - Amphenol Corporation

Back Button MS3459L10SL-3S Datasheet HTML 10Page - Amphenol Corporation MS3459L10SL-3S Datasheet HTML 11Page - Amphenol Corporation MS3459L10SL-3S Datasheet HTML 12Page - Amphenol Corporation MS3459L10SL-3S Datasheet HTML 13Page - Amphenol Corporation MS3459L10SL-3S Datasheet HTML 14Page - Amphenol Corporation MS3459L10SL-3S Datasheet HTML 15Page - Amphenol Corporation MS3459L10SL-3S Datasheet HTML 16Page - Amphenol Corporation MS3459L10SL-3S Datasheet HTML 17Page - Amphenol Corporation MS3459L10SL-3S Datasheet HTML 18Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 30 page
background image
ContactAmphenolAerospaceformoreinformationat800-678-0141•www.amphenol-aerospace.com
Amphenol
Aerospace
183
MIL-DTL-5015 Crimp Rear Release
Class Descriptions, Performance Specifications
CLASS DESCRIPTIONS
Military MIL-DTL-5015
Class L*
Aluminum shell, electroless nickel finish,
fluid resistant insert
Class W
Aluminum shell, cadmium olive drab finish,
fluid resistant insert
Class LS
Stainless steel shell, passivated, fluid
resistant insert
Class KT**
Firewall, steel shell, cadmium olive drab finish,
non-flammable hard dielectric and fluid resistant insert
Class KS
Firewall, stainless steel shell, passivated,
non-flammable hard dielectric and fluid resistant insert
* Class L inactivates older Class U (aluminum, electroless nickel)
** Class KT (ferrous alloy, cadmium/olive drab) inactivates older Class K
(ferrous alloy, electroless nickel)
Amphenol/Matrix
Class A
Aluminum shell, black anodize finish,
fluid resistant insert
Class F
Aluminum shell, electroless nickel finish,
fluid resistant insert
Class W
Aluminum shell, cadmium/olive drab finish,
fluid resistant insert
Class FS
Stainless steel shell, passivated, fluid resistant insert
Class KT
Firewall, steel shell, cadmium olive drab finish,
non-flammable hard dielectric and fluid resistant insert
Class KS
Firewall, stainless steel shell, passivated,
non-flammable hard dielectric and fluid resistant insert
PERFORMANCE SPECIFICATIONS
VOLTAGE RATING
Altitude
Inst.
A
D
E
B
C
Sea Level
1000
2000
2800
3500
4500
7000
50,000 ft
400
600
675
750
825
975
70,000 ft
260
360
400
440
480
560
110,000 ft
200
200
200
200
200
200
SHOCK
Wired, mated connectors are subjected to one shock in each of three mutually
perpendicular axes with pulse of an approximate half sine wave of 50g magnitude for a
duration of 11 milliseconds All contacts wired in series circuit with 100 ±10 Milliamperes
of current flow
OPERATING TEMPERATURE RANGE
Classes L, LS and KS have temperature range of
–55°C (–75°F) to 200°C (392°F)
Classes W and KT have temperature range of
–55°C (–75°F) to 175°C (347°F)
ENVIRONMENTAL SEAL
Wired, mated connectors with the specified accessory attached will meet the
altitude immersion test specified in MIL-DTL-5015
DURABILITY
Minimum of 100 mating cycles


Similar Part No. - MS3459L10SL-3S

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
MS3459LS12S-3S AMPHENOL-MS3459LS12S-3S Datasheet
582Kb / 31P
With Crimp Rear Release, Qualified for Environmental
More results

Similar Description - MS3459L10SL-3S

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
M39029-30-218 AMPHENOL-M39029-30-218 Datasheet
582Kb / 31P
Amphenol /Matrix MS/Standard MIL-DTL-5015 Cylindrical Connectors
MS3450L18-11S AMPHENOL-MS3450L18-11S Datasheet
582Kb / 31P
Amphenol /Matrix MS/Standard MIL-DTL-5015 Cylindrical Connectors
MS3459W24-10P AMPHENOL-MS3459W24-10P Datasheet
582Kb / 31P
Amphenol /Matrix MS/Standard MIL-DTL-5015 Cylindrical Connectors
MS3456L10SL-3S AMPHENOL-MS3456L10SL-3S Datasheet
1,004Kb / 30P
Amphenol MIL-DTL-5015, Matrix
MS3456L12S-3S AMPHENOL-MS3456L12S-3S Datasheet
1,004Kb / 30P
Amphenol MIL-DTL-5015, Matrix
MS3102A12S-3S AMPHENOL-MS3102A12S-3S Datasheet
2Mb / 73P
Amphenol MIL-DTL-5015 and MIL-5015 Type Standard Cylindrical Connectors
MS3102A20-15P AMPHENOL-MS3102A20-15P Datasheet
2Mb / 73P
Amphenol MIL-DTL-5015 and MIL-5015 Type Standard
MS3102R20-27S AMPHENOL-MS3102R20-27S Datasheet
2Mb / 73P
Amphenol MIL-DTL-5015 and MIL-5015 Type Standard Cylindrical Connectors
MS3102A18-3PW AMPHENOL-MS3102A18-3PW Datasheet
2Mb / 73P
Amphenol MIL-DTL-5015 and MIL-5015
logo
Amphenol Aerospace Oper...
1928309 AAO-1928309 Datasheet
3Mb / 33P
MIL-DTL-5015, Matrix
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com