Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MS3459L10SL-3S Datasheet(PDF) 11 Page - Amphenol Corporation

Part # MS3459L10SL-3S
Description  Amphenol MIL-DTL-5015, Matrix
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

MS3459L10SL-3S Datasheet(HTML) 11 Page - Amphenol Corporation

Back Button MS3459L10SL-3S Datasheet HTML 7Page - Amphenol Corporation MS3459L10SL-3S Datasheet HTML 8Page - Amphenol Corporation MS3459L10SL-3S Datasheet HTML 9Page - Amphenol Corporation MS3459L10SL-3S Datasheet HTML 10Page - Amphenol Corporation MS3459L10SL-3S Datasheet HTML 11Page - Amphenol Corporation MS3459L10SL-3S Datasheet HTML 12Page - Amphenol Corporation MS3459L10SL-3S Datasheet HTML 13Page - Amphenol Corporation MS3459L10SL-3S Datasheet HTML 14Page - Amphenol Corporation MS3459L10SL-3S Datasheet HTML 15Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
Amphenol
Aerospace
180
ContactAmphenolAerospaceformoreinformationat800-678-0141•www.amphenol-aerospace.com
A
B
C
D
E
F
G
H
J
K
L
M
N
O
P
R
S
T
U
V
W
X
Y
Z
a
b
c
d
e
f
g
h
j
k
m
n
p
r
t
q
s
u
v
x
y
z
AA
AB
AC
AD
AE
AF
AG
w
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
41
42
43
44
45
46
A
B
C
D
E
F
A
B
C
D
A
B
C
D
E
F
A
B
C
D
E
F
G
H
I
J
K
L
M
N
O
P
R
S
T
U
V
W
X
Y
Z
a
b
c
d
e
f
g
h
j
k
m
n
p
r
t
s
u
v
x
y
z
w
A
B
C
D
E
F
G
H
I
J
K
L
M
N
O
P
R
S
T
U
V
W
X
Y
Z
a
b
c
d
e
f
g
h
j
k
m
n
p
r
t
u
v
w
s
x
y
z
A
B
C
D
E
F
G
H
I
J
K
L
M
N
O
P
R
S
T
U
V
W
X
Y
Z
a
b
c
d
e
f
A
B
C
D
E
F
G
H
J
K
L
M
N
O
P
Q
R
S
T
U
V
W
X
Y
Z
a
b
c
d
e
f
g
h
j
k
m
n
p
r
t
u
v
w
s
x
y
z
q
100˚
A
B
C
D
E
F
G
H
J
K
L
M
N
O
P
Q
R
S
T
U
V
W
X
Y
Z
a
b
c
d
e
f
g
h
j
k
m
n
p
r
t
u
v
w
s
x
y
z
q
260° Rotation
of 32-6
* Consult Amphenol, Sidney, NY for availability
100° Rotation
of 36-10
A
B
C
D
E
F
G
H
J
K
L
M
N
O
P
R
S
T
U
V
W
I
X
260˚
A
B
C
D
E
Insert Arrangement
32-20
32-22*
32-63
32-73
Service Rating
A
A
D
A
Number of Contacts
2
3
2
16
54
5
46
Contact Size
4
8
12
16
16
4
16
Insert Arrangement
36-3
36-5
36-6
36-7
Service Rating
D
A
A
A
Number of Contacts
3
3
4
2
4
7
40
Contact Size
0
12
0
0
4
12
16
Insert Arrangement
36-8
36-9
36-10
36-11
Service Rating
A
A
A
A
Number of Contacts
1
46
1
2
14
14
48
48
Contact Size
12
16
4
8
12
16
16
16
CONTACT LEGEND
16
12
8
4
0
Front Face of Pin Insert or Rear Face of Socket Insert Illustrated
MIL-DTL-5015 Crimp Rear Release
Insert Arrangements


Similar Part No. - MS3459L10SL-3S

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
MS3459LS12S-3S AMPHENOL-MS3459LS12S-3S Datasheet
582Kb / 31P
With Crimp Rear Release, Qualified for Environmental
More results

Similar Description - MS3459L10SL-3S

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
M39029-30-218 AMPHENOL-M39029-30-218 Datasheet
582Kb / 31P
Amphenol /Matrix MS/Standard MIL-DTL-5015 Cylindrical Connectors
MS3450L18-11S AMPHENOL-MS3450L18-11S Datasheet
582Kb / 31P
Amphenol /Matrix MS/Standard MIL-DTL-5015 Cylindrical Connectors
MS3459W24-10P AMPHENOL-MS3459W24-10P Datasheet
582Kb / 31P
Amphenol /Matrix MS/Standard MIL-DTL-5015 Cylindrical Connectors
MS3456L10SL-3S AMPHENOL-MS3456L10SL-3S Datasheet
1,004Kb / 30P
Amphenol MIL-DTL-5015, Matrix
MS3456L12S-3S AMPHENOL-MS3456L12S-3S Datasheet
1,004Kb / 30P
Amphenol MIL-DTL-5015, Matrix
MS3102A12S-3S AMPHENOL-MS3102A12S-3S Datasheet
2Mb / 73P
Amphenol MIL-DTL-5015 and MIL-5015 Type Standard Cylindrical Connectors
MS3102A20-15P AMPHENOL-MS3102A20-15P Datasheet
2Mb / 73P
Amphenol MIL-DTL-5015 and MIL-5015 Type Standard
MS3102R20-27S AMPHENOL-MS3102R20-27S Datasheet
2Mb / 73P
Amphenol MIL-DTL-5015 and MIL-5015 Type Standard Cylindrical Connectors
MS3102A18-3PW AMPHENOL-MS3102A18-3PW Datasheet
2Mb / 73P
Amphenol MIL-DTL-5015 and MIL-5015
logo
Amphenol Aerospace Oper...
1928309 AAO-1928309 Datasheet
3Mb / 33P
MIL-DTL-5015, Matrix
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com