Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MS3459L10SL-3S Datasheet(PDF) 9 Page - Amphenol Corporation

Part # MS3459L10SL-3S
Description  Amphenol MIL-DTL-5015, Matrix
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

MS3459L10SL-3S Datasheet(HTML) 9 Page - Amphenol Corporation

Back Button MS3459L10SL-3S Datasheet HTML 5Page - Amphenol Corporation MS3459L10SL-3S Datasheet HTML 6Page - Amphenol Corporation MS3459L10SL-3S Datasheet HTML 7Page - Amphenol Corporation MS3459L10SL-3S Datasheet HTML 8Page - Amphenol Corporation MS3459L10SL-3S Datasheet HTML 9Page - Amphenol Corporation MS3459L10SL-3S Datasheet HTML 10Page - Amphenol Corporation MS3459L10SL-3S Datasheet HTML 11Page - Amphenol Corporation MS3459L10SL-3S Datasheet HTML 12Page - Amphenol Corporation MS3459L10SL-3S Datasheet HTML 13Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
Amphenol
Aerospace
178
ContactAmphenolAerospaceformoreinformationat800-678-0141•www.amphenol-aerospace.com
A
B
C
D
E
F
G
H
J
K
A
B
C
D
A
B
C
D
E
F
G
A
B
C
D
E
F
G
H
J
K
L
M
N
P
Q
R
S
T
U
V
W
X
Y
Z
A
B
C
D
E
F
G
H
J
A
B
C
D
E
F
G
H
J
K
L
M
N
P
A
B
C
A
B
C
D
P
S
E
F
G
A
B
C
D
E
A
B
C
D
E
F
G
H
J
K
L
M
250° Rotation
of 24-5
* Consult Amphenol, Sidney, NY for availability
A
B
C
D
E
F
G
H
J
K
L
M
N
P
S
R
250˚
A
B
C
D
E
F
G
H
K
L
M
N
P
Q
R
S
T
U
V
W
X
Z
J
Insert Arrangement
24-21*
24-22
24-24
24-27*
24-28
Service Rating
D
D
A
E
Inst.
Number of Contacts
1
9
4
16
7
24
Contact Size
8
16
8
16
16
16
Insert Arrangement
24-80*
28-1
28-2
28-3*
28-4*
Service Rating
Inst.
A, J, E = D; Bal. = A
D
E
G, P, S = E; Bal. = D
Number of Contacts
23
3
6
2
12
3
2
7
Contact Size
16
8
12
12
16
8
12
16
Insert Arrangement
28-5*
28-8*
28-9
28-10
28-11
Service Rating
D
L, M = E; B = D; Bal. = A
D
G = D, Bal. = A
A
Number of Contacts
2
1
2
2
10
6
6
2
2
3
4
18
Contact Size
4
12
16
12
16
12
16
4
8
12
12
16
CONTACT LEGEND
16
12
8
4
0
Front Face of Pin Insert or Rear Face of Socket Insert Illustrated
A
B
C
D
E
F
G
H
J
K
L
M
A
B
C
D
E
F
G
A
B
C
D
E
F
G
H
J
K
L
M
I
N
P
R
S
T
U
V
W
X
A
B
C
D
E
F
G
H
J
K
L
M
P
R
N
S
T
U
V
W
X
Y
Z
a
b
d
100˚
A
B
C
D
E
F
G
H
J
K
L
M
P
R
N
S
T
U
V
W
X
Y
Z
a
b
d
A
B
C D
E
F G
H
J
K
L
M
P
R
S
T
N
W
X
Y
Z
U
V
a
b
c
d
e
f
g
h
j
k
m
l
A
B
C
D
E
F
G
H
J
K
L
M
P
Q
R
S
T
U
V
N
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
100° Rotation
of 28-12
Insert Arrangement
28-12
28-13
28-15
28-16**
28-17
Service Rating
A
A
A
A
R = B; M, N, P = D; Bal. = A
Number of Contacts
26
26
35
20
15
Contact Size
16
16
16
16
16
MIL-DTL-5015 Crimp Rear Release
Insert Arrangements


Similar Part No. - MS3459L10SL-3S

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
MS3459LS12S-3S AMPHENOL-MS3459LS12S-3S Datasheet
582Kb / 31P
With Crimp Rear Release, Qualified for Environmental
More results

Similar Description - MS3459L10SL-3S

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
MS3456L10SL-3S AMPHENOL-MS3456L10SL-3S Datasheet
1,004Kb / 30P
Amphenol MIL-DTL-5015, Matrix
MS3456L12S-3S AMPHENOL-MS3456L12S-3S Datasheet
1,004Kb / 30P
Amphenol MIL-DTL-5015, Matrix
MS3102A18-3PW AMPHENOL-MS3102A18-3PW Datasheet
2Mb / 73P
Amphenol MIL-DTL-5015 and MIL-5015
logo
Amphenol Aerospace Oper...
1928309 AAO-1928309 Datasheet
3Mb / 33P
MIL-DTL-5015, Matrix
logo
Amphenol Corporation
M39029-30-218 AMPHENOL-M39029-30-218 Datasheet
582Kb / 31P
Amphenol /Matrix MS/Standard MIL-DTL-5015 Cylindrical Connectors
MS3459W24-10P AMPHENOL-MS3459W24-10P Datasheet
582Kb / 31P
Amphenol /Matrix MS/Standard MIL-DTL-5015 Cylindrical Connectors
MS3102A20-15P AMPHENOL-MS3102A20-15P Datasheet
2Mb / 73P
Amphenol MIL-DTL-5015 and MIL-5015 Type Standard
MS3450L18-11S AMPHENOL-MS3450L18-11S Datasheet
582Kb / 31P
Amphenol /Matrix MS/Standard MIL-DTL-5015 Cylindrical Connectors
MS3102A12S-3S AMPHENOL-MS3102A12S-3S Datasheet
2Mb / 73P
Amphenol MIL-DTL-5015 and MIL-5015 Type Standard Cylindrical Connectors
MS3102R20-27S AMPHENOL-MS3102R20-27S Datasheet
2Mb / 73P
Amphenol MIL-DTL-5015 and MIL-5015 Type Standard Cylindrical Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com