Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MS3459L10SL-3S Datasheet(PDF) 8 Page - Amphenol Corporation

Part # MS3459L10SL-3S
Description  Amphenol MIL-DTL-5015, Matrix
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

MS3459L10SL-3S Datasheet(HTML) 8 Page - Amphenol Corporation

Back Button MS3459L10SL-3S Datasheet HTML 4Page - Amphenol Corporation MS3459L10SL-3S Datasheet HTML 5Page - Amphenol Corporation MS3459L10SL-3S Datasheet HTML 6Page - Amphenol Corporation MS3459L10SL-3S Datasheet HTML 7Page - Amphenol Corporation MS3459L10SL-3S Datasheet HTML 8Page - Amphenol Corporation MS3459L10SL-3S Datasheet HTML 9Page - Amphenol Corporation MS3459L10SL-3S Datasheet HTML 10Page - Amphenol Corporation MS3459L10SL-3S Datasheet HTML 11Page - Amphenol Corporation MS3459L10SL-3S Datasheet HTML 12Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
ContactAmphenolAerospaceformoreinformationat800-678-0141•www.amphenol-aerospace.com
Amphenol
Aerospace
177
A
B
C
D
E
F
G
H
J
K
L
M
N
U
V
R
S
T
P
A
B
E
F
C
D
A
B
C
D
E
F
G
H
J
A
B
C
D
E
F
G
H
A
B
C
D
E
F
G
H
J
K
L
M
N
P
A
B
C
* Consult Amphenol, Sidney, NY for availability
** Inactive for new design
Insert Arrangement
22-14
22-15*
22-17*
22-18*
22-19
22-21
Service Rating
A
D = 3; Bal. = A
A = D; Bal. = A
C, D, E = A: Bal. = D
A
A
Number of Contacts
19
5
1
1
8
8
14
1
2
Contact Size
16
12
16
12
16
16
16
0
16
CONTACT LEGEND
16
12
8
4
0
Front Face of Pin Insert or Rear Face of Socket Insert Illustrated
A
B
C
D
A
B
C
D
E
F
G
H
A
B
C
D
E
F
G
H
J
A
B
C
D
E
F
G
H
A
B
C
D
E
F
G
A
B
C
D
E
F
G
H
J
K
L
M
N
P
S
R
A
B
C
D
E
F
G
H
A
B
C
D
E
F
G
H
J
K
L
M
N
P
I
O
A
B
C
D
E
F
G
A
B
C
D
E
F
G
H
I
A
B
C
D
E
260° Rotation
of 22-5
A
B
C
D
E
F
G
H
J
K
L
M
N
U
V
R
S
T
P
260˚
A
B
C
D
E
F
260˚
A
B
B
C
D
A
Insert Arrangement
22-22
22-23
22-27*
22-30
22-32
22-36*
Service Rating
A
H = D; Bal. = A
J = D; Bal. = A
A
D
H = D; Bal. = A
Number of Contacts
4
8
1
8
19
2
4
8
Contact Size
8
12
8
16
16
12
16
12
260° Rotation
of 22-14
Insert Arrangement
24-1**
24-2
24-4*
24-5**
24-6*
24-7
Service Rating
D
D
D
A
A, G, H = D; Bal. = A
A
Number of Contacts
1
1
7
1
3
16
8
2
14
Contact Size
0
12
12
0
16
16
12
12
16
Insert Arrangement
24-10
24-11
24-12
24-15
24-16*
24-20
Service Rating
A
A
A
A
A, B, F, G = D; C, D, E = A
D
Number of Contacts
7
3
6
2
3
16
1
3
3
2
9
Contact Size
8
8
12
4
12
16
8
12
16
12
16
A
B
C
D
E
F
G
A
B
C
D
E
F
G
H
J
K
L
100° Rotation
of 24-5
A
B
C
D
E
F
G
H
J
K
L
M
N
P
S
R
100˚
MIL-DTL-5015 Crimp Rear Release
Insert Arrangements


Similar Part No. - MS3459L10SL-3S

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
MS3459LS12S-3S AMPHENOL-MS3459LS12S-3S Datasheet
582Kb / 31P
With Crimp Rear Release, Qualified for Environmental
More results

Similar Description - MS3459L10SL-3S

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
MS3456L10SL-3S AMPHENOL-MS3456L10SL-3S Datasheet
1,004Kb / 30P
Amphenol MIL-DTL-5015, Matrix
MS3456L12S-3S AMPHENOL-MS3456L12S-3S Datasheet
1,004Kb / 30P
Amphenol MIL-DTL-5015, Matrix
MS3102A18-3PW AMPHENOL-MS3102A18-3PW Datasheet
2Mb / 73P
Amphenol MIL-DTL-5015 and MIL-5015
logo
Amphenol Aerospace Oper...
1928309 AAO-1928309 Datasheet
3Mb / 33P
MIL-DTL-5015, Matrix
logo
Amphenol Corporation
M39029-30-218 AMPHENOL-M39029-30-218 Datasheet
582Kb / 31P
Amphenol /Matrix MS/Standard MIL-DTL-5015 Cylindrical Connectors
MS3459W24-10P AMPHENOL-MS3459W24-10P Datasheet
582Kb / 31P
Amphenol /Matrix MS/Standard MIL-DTL-5015 Cylindrical Connectors
MS3102A20-15P AMPHENOL-MS3102A20-15P Datasheet
2Mb / 73P
Amphenol MIL-DTL-5015 and MIL-5015 Type Standard
MS3450L18-11S AMPHENOL-MS3450L18-11S Datasheet
582Kb / 31P
Amphenol /Matrix MS/Standard MIL-DTL-5015 Cylindrical Connectors
MS3102A12S-3S AMPHENOL-MS3102A12S-3S Datasheet
2Mb / 73P
Amphenol MIL-DTL-5015 and MIL-5015 Type Standard Cylindrical Connectors
MS3102R20-27S AMPHENOL-MS3102R20-27S Datasheet
2Mb / 73P
Amphenol MIL-DTL-5015 and MIL-5015 Type Standard Cylindrical Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com