Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MS3459L10SL-3S Datasheet(PDF) 29 Page - Amphenol Corporation

Part # MS3459L10SL-3S
Description  Amphenol MIL-DTL-5015, Matrix
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

MS3459L10SL-3S Datasheet(HTML) 29 Page - Amphenol Corporation

Back Button MS3459L10SL-3S Datasheet HTML 22Page - Amphenol Corporation MS3459L10SL-3S Datasheet HTML 23Page - Amphenol Corporation MS3459L10SL-3S Datasheet HTML 24Page - Amphenol Corporation MS3459L10SL-3S Datasheet HTML 25Page - Amphenol Corporation MS3459L10SL-3S Datasheet HTML 26Page - Amphenol Corporation MS3459L10SL-3S Datasheet HTML 27Page - Amphenol Corporation MS3459L10SL-3S Datasheet HTML 28Page - Amphenol Corporation MS3459L10SL-3S Datasheet HTML 29Page - Amphenol Corporation MS3459L10SL-3S Datasheet HTML 30Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 29 / 30 page
background image
Amphenol
Aerospace
198
ContactAmphenolAerospaceformoreinformationat800-678-0141•www.amphenol-aerospace.com
MIL-DTL-5015 and MIL-5015 Type Standard Circular
Connectors with solder or crimp
(non-rear release) contacts
Amphenol has long been the accepted leader in providing MS
Standard MIL-5015 type connectors These connectors represent
well-proven electrical capability at an economical cost for most
equipment where durability is important
The MS/Standard family of connectors (3100 Series) is a very
broad range of product with the following features:
Medium to heavy weight cylindrical with resilient inserts
Environmental resistant
Threaded couplings, single key/keyway shell polarization
Operating voltage to 3000 VAC (RMS) at sea level
5 shell styles, 19 shell sizes, 280 contact arrangements
Solder or crimp contacts (non-rear-release type),
sizes 16–0 accepting 22–0 AWG
Coaxial or thermocouple contact options
Alternate insert positioning
Hermetic configurations available
Zinc alloy plating (cadmium-free) available
The 3100 Series has five classes of connectors to meet different requirements Within these connector styles, MIL-C-5015
has been replaced as follows: Environmental classes F and R are updated to and produced in strict accordance to MIL-
DTL-5015 Classes A, C and E are still produced, but are no longer listed on the qualified products listing (QPL) Class
designations and brief descriptions are as follows:
A –
Solid Shell – for general, non-environmental applications
C –
Pressurized – for use on pressurized bulkheads or pressure barriers; limits air leakage regardless of type and
class of plug mated with them
E/F – Environmental Resisting with Strain Relief – designed for applications where the connector will be exposed to
moisture, vibration, and rapid changes in pressure and temperature
R –
Lightweight Environmental Resisting – shorter in length, lighter in weight than the E & F classes, the MS-R offers a
high degree of reliability under adverse conditions: recommended for new design applications
Ask for Amphenol catalog 12-020 which gives detailed information on this family of connectors or visit
www amphenol-industrial com
MIL-5015 Modifications
In order to supplement standard MS shell styles and provide a greater variety of styles for the electrical connector user,
there are several MS and MS Modified cylindrical connectors offered by Amphenol These types include flange mount
plugs, thru bulkhead receptacles, jam nut receptacles, connectors for potting and connectors designed specifically to
terminate jacketed cable Ask for Amphenol catalog 12-021 for detailed information or visit
www amphenol-industrial com
97 Series, MIL-5015 Type Connectors
The low cost, general duty connector used extensively in the machine
tool industry, welding industry and numerous other industrial applications,
is the Amphenol® 97 Series Offered in non-environmental styles, these
connectors have hard dielectric inserts and threaded coupling They are
Underwriters Laboratories Recognized and Canadian
Standards Association Certified
Recent addition to this family is the 97E environmental styles, still an
economical choice The 97E can be used in a variety of industrial
applications where environmental sealing is required, such as automotive
and robotics
Ask for Amphenol catalog 12-022 for detailed information or visit
www amphenol-industrial com
Additional MIL-DTL-5015 Connectors
Offered by Amphenol
97 Series, MIL-5015 Type Connectors
MS/Standard 3100 Series, MIL-5015 Type Connectors


Similar Part No. - MS3459L10SL-3S

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
MS3459LS12S-3S AMPHENOL-MS3459LS12S-3S Datasheet
582Kb / 31P
With Crimp Rear Release, Qualified for Environmental
More results

Similar Description - MS3459L10SL-3S

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
M39029-30-218 AMPHENOL-M39029-30-218 Datasheet
582Kb / 31P
Amphenol /Matrix MS/Standard MIL-DTL-5015 Cylindrical Connectors
MS3450L18-11S AMPHENOL-MS3450L18-11S Datasheet
582Kb / 31P
Amphenol /Matrix MS/Standard MIL-DTL-5015 Cylindrical Connectors
MS3459W24-10P AMPHENOL-MS3459W24-10P Datasheet
582Kb / 31P
Amphenol /Matrix MS/Standard MIL-DTL-5015 Cylindrical Connectors
MS3456L10SL-3S AMPHENOL-MS3456L10SL-3S Datasheet
1,004Kb / 30P
Amphenol MIL-DTL-5015, Matrix
MS3456L12S-3S AMPHENOL-MS3456L12S-3S Datasheet
1,004Kb / 30P
Amphenol MIL-DTL-5015, Matrix
MS3102A12S-3S AMPHENOL-MS3102A12S-3S Datasheet
2Mb / 73P
Amphenol MIL-DTL-5015 and MIL-5015 Type Standard Cylindrical Connectors
MS3102A20-15P AMPHENOL-MS3102A20-15P Datasheet
2Mb / 73P
Amphenol MIL-DTL-5015 and MIL-5015 Type Standard
MS3102R20-27S AMPHENOL-MS3102R20-27S Datasheet
2Mb / 73P
Amphenol MIL-DTL-5015 and MIL-5015 Type Standard Cylindrical Connectors
MS3102A18-3PW AMPHENOL-MS3102A18-3PW Datasheet
2Mb / 73P
Amphenol MIL-DTL-5015 and MIL-5015
logo
Amphenol Aerospace Oper...
1928309 AAO-1928309 Datasheet
3Mb / 33P
MIL-DTL-5015, Matrix
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com