Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MS3459L10SL-3S Datasheet(PDF) 26 Page - Amphenol Corporation

Part # MS3459L10SL-3S
Description  Amphenol MIL-DTL-5015, Matrix
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

MS3459L10SL-3S Datasheet(HTML) 26 Page - Amphenol Corporation

Back Button MS3459L10SL-3S Datasheet HTML 22Page - Amphenol Corporation MS3459L10SL-3S Datasheet HTML 23Page - Amphenol Corporation MS3459L10SL-3S Datasheet HTML 24Page - Amphenol Corporation MS3459L10SL-3S Datasheet HTML 25Page - Amphenol Corporation MS3459L10SL-3S Datasheet HTML 26Page - Amphenol Corporation MS3459L10SL-3S Datasheet HTML 27Page - Amphenol Corporation MS3459L10SL-3S Datasheet HTML 28Page - Amphenol Corporation MS3459L10SL-3S Datasheet HTML 29Page - Amphenol Corporation MS3459L10SL-3S Datasheet HTML 30Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 26 / 30 page
background image
ContactAmphenolAerospaceformoreinformationat800-678-0141•www.amphenol-aerospace.com
Amphenol
Aerospace
195
D
A THD
L
C
A THD
L
D
C
B
A THD
L
C
PLUG PROTECTION CAP 10-329393-XX*
PLUG PROTECTION CAP 10-229125-XX*
PLUG PROTECTION CAP MS25042-XXDA*
Assembly
Number
A
Thread
Class 2A
B Dia.
+.010
–.000
C
Approx.
L
Max.
10-329393-10
625-24UNEF
641
3 5
1 312
10-329393-11
625-24UNEF
641
3 5
1 312
10-329393-12
750-20UNEF
766
3 5
1 500
10-329393-14
875-20UNEF
891
3 5
1 500
10-329393-16
1 000-20UNEF
1 016
3 5
1 500
10-329393-18
1 125-18UNEF
1 141
3 5
1 500
10-329393-20
1 250-18UNEF
1 266
4 0
1 500
10-329393-22
1 375-18UNEF
1 391
4 0
1 500
10-329393-24
1 500-18UNEF
1 641
4 5
1 500
10-329393-28
1 750-18UNS
1 891
4 5
1 500
10-329393-32
2 000-18UNS
2 078
5 0
1 500
10-329393-36
2 250-16UN
2 328
5 0
1 500
10-329393-40
2 500-16UN
2 641
5 0
1 500
10-329393-44
2 750-16UN
2 891
6 0
1 500
Assembly
Number
A
Thread
Class 2A
C
Approx.
D
Ref.
L
Max.
10-229125-10
625-24NEF
3 0
140
1 233
10-229125-12
750-20UNEF
3 5
140
1 421
10-229125-14
875-20UNEF
3 5
140
1 421
10-229125-16
1 000-20UNEF
3 5
140
1 421
10-229125-18
1 125-18NEF
3 5
140
1 421
10-229125-20
1 250-18NEF
3 5
193
1 421
10-229125-22
1 375-18NEF
3 5
193
1 421
10-229125-24
1 500-18NEF
4 5
193
1 421
10-229125-28
1 750-18NS
4 5
193
1 421
10-229125-32
2 000-18NS
5 0
193
1 421
10-229125-36
2 250-16UN
5 0
193
1 421
10-229125-40
2 500-16UN
5 0
193
1 421
MS
Number
A
Thread
Class 2A
B Dia.
+.010
–.005
C
Approx.
L
Max.
MS25042-8DA
500-28UNEF
156
4 00
969
MS25042-10DA
625-24UNEF
156
4 00
969
MS25042-12DA
750-20UNEF
156
4 50
1 156
MS25042-14DA
875-20UNEF
156
4 50
1 156
MS25042-16DA
1 000-20UNEF
156
4 50
1 156
MS25042-18DA
1 125-18UNEF
156
4 50
1 156
MS25042-20DA
1 250-18UNEF
187
5 00
1 156
MS25042-22DA
1 375-18UNEF
187
5 00
1 156
MS25042-24DA
1 500-18UNEF
187
5 50
1 156
MS25042-28DA
1 750-18UNS
187
7 75
1 156
MS25042-32DA
2 000-18UNS
218
7 75
1 156
MS25042-36DA
2 250-16UN
218
7 75
1 156
MS25042-40DA
2 500-16UN
218
7 75
1 156
* Protective caps are illustrated with sash chains and are available with beaded
chains or without chains Optional terminations are also available Consult
Amphenol, Sidney, NY when ordering
MIL-DTL-5015 Accessories
Protection Caps – Plug


Similar Part No. - MS3459L10SL-3S

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
MS3459LS12S-3S AMPHENOL-MS3459LS12S-3S Datasheet
582Kb / 31P
With Crimp Rear Release, Qualified for Environmental
More results

Similar Description - MS3459L10SL-3S

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
M39029-30-218 AMPHENOL-M39029-30-218 Datasheet
582Kb / 31P
Amphenol /Matrix MS/Standard MIL-DTL-5015 Cylindrical Connectors
MS3450L18-11S AMPHENOL-MS3450L18-11S Datasheet
582Kb / 31P
Amphenol /Matrix MS/Standard MIL-DTL-5015 Cylindrical Connectors
MS3459W24-10P AMPHENOL-MS3459W24-10P Datasheet
582Kb / 31P
Amphenol /Matrix MS/Standard MIL-DTL-5015 Cylindrical Connectors
MS3456L10SL-3S AMPHENOL-MS3456L10SL-3S Datasheet
1,004Kb / 30P
Amphenol MIL-DTL-5015, Matrix
MS3456L12S-3S AMPHENOL-MS3456L12S-3S Datasheet
1,004Kb / 30P
Amphenol MIL-DTL-5015, Matrix
MS3102A12S-3S AMPHENOL-MS3102A12S-3S Datasheet
2Mb / 73P
Amphenol MIL-DTL-5015 and MIL-5015 Type Standard Cylindrical Connectors
MS3102A20-15P AMPHENOL-MS3102A20-15P Datasheet
2Mb / 73P
Amphenol MIL-DTL-5015 and MIL-5015 Type Standard
MS3102R20-27S AMPHENOL-MS3102R20-27S Datasheet
2Mb / 73P
Amphenol MIL-DTL-5015 and MIL-5015 Type Standard Cylindrical Connectors
MS3102A18-3PW AMPHENOL-MS3102A18-3PW Datasheet
2Mb / 73P
Amphenol MIL-DTL-5015 and MIL-5015
logo
Amphenol Aerospace Oper...
1928309 AAO-1928309 Datasheet
3Mb / 33P
MIL-DTL-5015, Matrix
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com