Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GL822 Datasheet(PDF) 6 Page - GENESYS LOGIC

Part # GL822
Description  USB 2.0 SD 3.0/MMC/MS Card Reader Controller
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESYS [GENESYS LOGIC]
Direct Link  http://www.genesyslogic.com
Logo GENESYS - GENESYS LOGIC

GL822 Datasheet(HTML) 6 Page - GENESYS LOGIC

  GL822 Datasheet HTML 1Page - GENESYS LOGIC GL822 Datasheet HTML 2Page - GENESYS LOGIC GL822 Datasheet HTML 3Page - GENESYS LOGIC GL822 Datasheet HTML 4Page - GENESYS LOGIC GL822 Datasheet HTML 5Page - GENESYS LOGIC GL822 Datasheet HTML 6Page - GENESYS LOGIC  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
GL822 Product Overview
©2012 Genesys Logic, Inc. - All rights reserved.
Page 6
MCU
8051 micro-controller inside.
 8051 Core
Compliant with Intel 8051 high speed micro-controller
 ROM
FW code on ROM
 SRAM
Internal RAM area for MCU access
MHE
 MIF
Media Interface: SD/MMC/MS/MS PRO/MS PRO-HG
 MCFIFO
It can access by MCU for memory card short data packet.
Regulator
 5V to 3.3V
Band Gap Regulator for stable voltage supply for USB PHY, PMOS..
When Power source is 3.3V, the 5V to 3.3V regulator will be disabled.
 3.3V to 1.8V
For core logic and internal memory.
PMOS
On-Chip power MOSFETs provide Over-Current protection mechanism.


Similar Part No. - GL822

ManufacturerPart #DatasheetDescription
logo
GENESYS LOGIC
GL823K GENESYS-GL823K Datasheet
368Kb / 15P
   USB 2.0 SD/MSPRO Card Reader Controller
Revision 1.03 Dec. 17, 2014
GL823K-HCYXX GENESYS-GL823K-HCYXX Datasheet
368Kb / 15P
   USB 2.0 SD/MSPRO Card Reader Controller
Revision 1.03 Dec. 17, 2014
GL824 GENESYS-GL824 Datasheet
1Mb / 56P
   USB 2.0 On-The-Go Controller
GL824-MZGXX GENESYS-GL824-MZGXX Datasheet
1Mb / 56P
   USB 2.0 On-The-Go Controller
GL824C GENESYS-GL824C Datasheet
1Mb / 56P
   USB 2.0 On-The-Go Controller
More results

Similar Description - GL822

ManufacturerPart #DatasheetDescription
logo
Prolific Technology Inc...
MA8168A PROLIFIC-MA8168A Datasheet
200Kb / 2P
   USB 2.0 SD/MMC/MS/xD/CF Card Reader Controller
logo
GENESYS LOGIC
GL827L GENESYS-GL827L Datasheet
599Kb / 21P
   USB 2.0 Single Slot SD/MMC/MS Card Reader Controller
logo
Prolific Technology Inc...
MA8121K PROLIFIC-MA8121K Datasheet
201Kb / 2P
   USB 2.0 SD/MMC Card Reader Controller
logo
GENESYS LOGIC
GL817E GENESYS-GL817E Datasheet
166Kb / 19P
   USB 2.0 MS/ MS PRO/ SD/ MMC Controller
GL828 GENESYS-GL828 Datasheet
501Kb / 23P
   USB 2.0 SD/MMC Single Slot Card Reader Controller
logo
Prolific Technology Inc...
MA8125D PROLIFIC-MA8125D Datasheet
103Kb / 1P
   USB 2.0 Card Reader Controller for SD/MMC or MS Pro/M2/MSHG
logo
GENESYS LOGIC
GL827 GENESYS-GL827 Datasheet
1Mb / 47P
   USB 2.0 Single Slot SD/MMC/MS/SM/xD-Picture Card Reader Controller
logo
Winbond
W81386D WINBOND-W81386D Datasheet
544Kb / 22P
   Winbond USB Interface MS/SD/MMC Reader
logo
Realtek Semiconductor C...
RTS5169 REALTEK-RTS5169 Datasheet
183Kb / 15P
   USB 2.0 SD/MMC/MS/MSPRO/xD-Picture & Smart Card / SIM Card Reader
logo
List of Unclassifed Man...
AU6333 ETC2-AU6333 Datasheet
624Kb / 20P
   USB2.0 SD/MMC/MS Single/Dual LUN Card Reader Controller
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com