Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM3914N-1 Datasheet(PDF) 13 Page - Texas Instruments

Part # LM3914N-1
Description  LM3914 Dot/Bar Display Driver
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3914N-1 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM3914N-1 Datasheet HTML 9Page - Texas Instruments LM3914N-1 Datasheet HTML 10Page - Texas Instruments LM3914N-1 Datasheet HTML 11Page - Texas Instruments LM3914N-1 Datasheet HTML 12Page - Texas Instruments LM3914N-1 Datasheet HTML 13Page - Texas Instruments LM3914N-1 Datasheet HTML 14Page - Texas Instruments LM3914N-1 Datasheet HTML 15Page - Texas Instruments LM3914N-1 Datasheet HTML 16Page - Texas Instruments LM3914N-1 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
LM3914
www.ti.com
SNVS761B – JANUARY 2000 – REVISED MARCH 2013
*This application illustrates that the LED supply needs practically no filtering
Calibration: With a precision meter between pins 4 and 6 adjust R1 for voltage VD of 1.20V. Apply 4.94V to pin 5,
and adjust R4 until LED No. 5 just lights. The adjustments are non-interacting.
Figure 17. Expanded Scale Meter, Dot or Bar
Table 1. Application Example: Grading 5V Regulators
Highest No.
Color
VOUT(MIN)
LED on
10
Red
5.54
9
Red
5.42
8
Yellow
5.30
7
Green
5.18
6
Green
5.06
5V
5
Green
4.94
4
Green
4.82
3
Yellow
4.7
2
Red
4.58
1
Red
4.46
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LM3914


Similar Part No. - LM3914N-1

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3914N-1 NSC-LM3914N-1 Datasheet
365Kb / 19P
   Dot/Bar Display Driver
More results

Similar Description - LM3914N-1

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3915 NSC-LM3915 Datasheet
1Mb / 25P
   Dot/Bar Display Driver
LM3916 NSC-LM3916 Datasheet
509Kb / 27P
   Dot/Bar Display Driver
LM3914 NSC-LM3914 Datasheet
365Kb / 19P
   Dot/Bar Display Driver
LM3914 NSC-LM3914_03 Datasheet
809Kb / 22P
   Dot/Bar Display Driver
logo
Texas Instruments
LM3915N-1 TI-LM3915N-1 Datasheet
1Mb / 31P
[Old version datasheet]   LM3915 Dot/Bar Display Driver
LM3916 TI1-LM3916 Datasheet
1Mb / 32P
[Old version datasheet]   LM3916 Dot/Bar Display Driver
LM3915N-1 TI1-LM3915N-1 Datasheet
1Mb / 31P
[Old version datasheet]   LM3915 Dot/Bar Display Driver
logo
NTE Electronics
NTE1549 NTE-NTE1549 Datasheet
29Kb / 4P
   Integrated Circuit Dot/Bar Display Driver
NTE1508 NTE-NTE1508 Datasheet
31Kb / 3P
   Integrated Circuit 10-Step Dot/Bar Display Driver for Linear Scale
NTE1509 NTE-NTE1509 Datasheet
30Kb / 4P
   Integrated Circuit 10-Step Dot/Bar Display Driver for Logarithmic Scale
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com