Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM3914N-1 Datasheet(PDF) 10 Page - Texas Instruments

Part # LM3914N-1
Description  LM3914 Dot/Bar Display Driver
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3914N-1 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM3914N-1 Datasheet HTML 6Page - Texas Instruments LM3914N-1 Datasheet HTML 7Page - Texas Instruments LM3914N-1 Datasheet HTML 8Page - Texas Instruments LM3914N-1 Datasheet HTML 9Page - Texas Instruments LM3914N-1 Datasheet HTML 10Page - Texas Instruments LM3914N-1 Datasheet HTML 11Page - Texas Instruments LM3914N-1 Datasheet HTML 12Page - Texas Instruments LM3914N-1 Datasheet HTML 13Page - Texas Instruments LM3914N-1 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
LM3914
SNVS761B – JANUARY 2000 – REVISED MARCH 2013
www.ti.com
MODE PIN FUNCTIONAL DESCRIPTION
This pin actually performs two functions. Refer to the simplified block diagram below.
*High for bar
Figure 14. Block Diagram of Mode Pin Description
DOT OR BAR MODE SELECTION
The voltage at pin 9 is sensed by comparator C1, nominally referenced to (V+
− 100mV). The chip is in bar mode
when pin 9 is above this level; otherwise it's in dot mode. The comparator is designed so that pin 9 can be left
open circuit for dot mode.
Taking into account comparator gain and variation in the 100mV reference level, pin 9 should be no more than
20mV below V+ for bar mode and more than 200mV below V+ (or open circuit) for dot mode. In most
applications, pin 9 is either open (dot mode) or tied to V+ (bar mode). In bar mode, pin 9 should be connected
directly to pin 3. Large currents drawn from the power supply (LED current, for example) should not share this
path so that large IR drops are avoided.
DOT MODE CARRY
In order for the display to make sense when multiple LM3914s are cascaded in dot mode, special circuitry has
been included to shut off LED No. 10 of the first device when LED No. 1 of the second device comes on. The
connection for cascading in dot mode has already been described and is depicted below.
As long as the input signal voltage is below the threshold of the second LM3914, LED No. 11 is off. Pin 9 of
LM3914 No. 1 thus sees effectively an open circuit so the chip is in dot mode. As soon as the input voltage
reaches the threshold of LED No. 11, pin 9 of LM3914 No. 1 is pulled an LED drop (1.5V or more) below VLED.
This condition is sensed by comparator C2, referenced 600mV below VLED. This forces the output of C2 low,
which shuts off output transistor Q2, extinguishing LED No. 10.
VLED is sensed via the 20k resistor connected to pin 11. The very small current (less than 100μA) that is diverted
from LED No. 9 does not noticeably affect its intensity.
An auxiliary current source at pin 1 keeps at least 100
μA flowing through LED No. 11 even if the input voltage
rises high enough to extinguish the LED. This ensures that pin 9 of LM3914 No. 1 is held low enough to force
LED No. 10 off when any higher LED is illuminated. While 100
μA does not normally produce significant LED
illumination, it may be noticeable when using high-efficiency LEDs in a dark environment. If this is bothersome,
the simple cure is to shunt LED No. 11 with a 10k resistor. The 1V IR drop is more than the 900mV worst case
required to hold off LED No. 10 yet small enough that LED No. 11 does not conduct significantly.
10
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: LM3914


Similar Part No. - LM3914N-1

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3914N-1 NSC-LM3914N-1 Datasheet
365Kb / 19P
   Dot/Bar Display Driver
More results

Similar Description - LM3914N-1

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3915 NSC-LM3915 Datasheet
1Mb / 25P
   Dot/Bar Display Driver
LM3916 NSC-LM3916 Datasheet
509Kb / 27P
   Dot/Bar Display Driver
LM3914 NSC-LM3914 Datasheet
365Kb / 19P
   Dot/Bar Display Driver
LM3914 NSC-LM3914_03 Datasheet
809Kb / 22P
   Dot/Bar Display Driver
logo
Texas Instruments
LM3915N-1 TI-LM3915N-1 Datasheet
1Mb / 31P
[Old version datasheet]   LM3915 Dot/Bar Display Driver
LM3916 TI1-LM3916 Datasheet
1Mb / 32P
[Old version datasheet]   LM3916 Dot/Bar Display Driver
LM3915N-1 TI1-LM3915N-1 Datasheet
1Mb / 31P
[Old version datasheet]   LM3915 Dot/Bar Display Driver
logo
NTE Electronics
NTE1549 NTE-NTE1549 Datasheet
29Kb / 4P
   Integrated Circuit Dot/Bar Display Driver
NTE1508 NTE-NTE1508 Datasheet
31Kb / 3P
   Integrated Circuit 10-Step Dot/Bar Display Driver for Linear Scale
NTE1509 NTE-NTE1509 Datasheet
30Kb / 4P
   Integrated Circuit 10-Step Dot/Bar Display Driver for Logarithmic Scale
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com