Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM3914N-1 Datasheet(PDF) 20 Page - Texas Instruments

Part # LM3914N-1
Description  LM3914 Dot/Bar Display Driver
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3914N-1 Datasheet(HTML) 20 Page - Texas Instruments

Back Button LM3914N-1 Datasheet HTML 16Page - Texas Instruments LM3914N-1 Datasheet HTML 17Page - Texas Instruments LM3914N-1 Datasheet HTML 18Page - Texas Instruments LM3914N-1 Datasheet HTML 19Page - Texas Instruments LM3914N-1 Datasheet HTML 20Page - Texas Instruments LM3914N-1 Datasheet HTML 21Page - Texas Instruments LM3914N-1 Datasheet HTML 22Page - Texas Instruments LM3914N-1 Datasheet HTML 23Page - Texas Instruments LM3914N-1 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 29 page
background image
LM3914
SNVS761B – JANUARY 2000 – REVISED MARCH 2013
www.ti.com
ADJUSTING LINEARITY OF SEVERAL STACKED DIVIDERS
Three internal voltage dividers are shown connected in series to provide a 30-step display. If the resulting analog
meter is to be accurate and linear the voltage on each divider must be adjusted, preferably without affecting any
other adjustments. To do this, adjust R2 first, so that the voltage across R5 is exactly 1V. Then the voltages
across R3 and R4 can be independently adjusted by shunting each with selected resistors of 6k
Ω or higher
resistance. This is possible because the reference of LM3914 No. 3 is acting as a constant current source.
The references associated with LM3914s No. 1 and No. 2 should have their Ref Adj pins (pin 8) wired to ground,
and their Ref Outputs loaded by a 620
Ω resistor to ground. This makes available similar 20mA current outputs to
all the LEDs in the system.
If an independent LED brightness control is desired (as in the previous application), a unity gain buffer, such as
the LM310, should be placed between pin 7 and R1, similar to the previous application.
(4.5V to 5V, Bar or Dot Mode)
Figure 26. Non-Interacting Adjustments for Expanded Scale Meter
20
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: LM3914


Similar Part No. - LM3914N-1

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3914N-1 NSC-LM3914N-1 Datasheet
365Kb / 19P
   Dot/Bar Display Driver
More results

Similar Description - LM3914N-1

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3915 NSC-LM3915 Datasheet
1Mb / 25P
   Dot/Bar Display Driver
LM3916 NSC-LM3916 Datasheet
509Kb / 27P
   Dot/Bar Display Driver
LM3914 NSC-LM3914 Datasheet
365Kb / 19P
   Dot/Bar Display Driver
LM3914 NSC-LM3914_03 Datasheet
809Kb / 22P
   Dot/Bar Display Driver
logo
Texas Instruments
LM3915N-1 TI-LM3915N-1 Datasheet
1Mb / 31P
[Old version datasheet]   LM3915 Dot/Bar Display Driver
LM3916 TI1-LM3916 Datasheet
1Mb / 32P
[Old version datasheet]   LM3916 Dot/Bar Display Driver
LM3915N-1 TI1-LM3915N-1 Datasheet
1Mb / 31P
[Old version datasheet]   LM3915 Dot/Bar Display Driver
logo
NTE Electronics
NTE1549 NTE-NTE1549 Datasheet
29Kb / 4P
   Integrated Circuit Dot/Bar Display Driver
NTE1508 NTE-NTE1508 Datasheet
31Kb / 3P
   Integrated Circuit 10-Step Dot/Bar Display Driver for Linear Scale
NTE1509 NTE-NTE1509 Datasheet
30Kb / 4P
   Integrated Circuit 10-Step Dot/Bar Display Driver for Logarithmic Scale
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com