Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM3914N-1 Datasheet(PDF) 19 Page - Texas Instruments

Part # LM3914N-1
Description  LM3914 Dot/Bar Display Driver
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3914N-1 Datasheet(HTML) 19 Page - Texas Instruments

Back Button LM3914N-1 Datasheet HTML 15Page - Texas Instruments LM3914N-1 Datasheet HTML 16Page - Texas Instruments LM3914N-1 Datasheet HTML 17Page - Texas Instruments LM3914N-1 Datasheet HTML 18Page - Texas Instruments LM3914N-1 Datasheet HTML 19Page - Texas Instruments LM3914N-1 Datasheet HTML 20Page - Texas Instruments LM3914N-1 Datasheet HTML 21Page - Texas Instruments LM3914N-1 Datasheet HTML 22Page - Texas Instruments LM3914N-1 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 29 page
background image
LM3914
www.ti.com
SNVS761B – JANUARY 2000 – REVISED MARCH 2013
If LED turn ON seems slow (bar mode) or several LEDs light (dot mode), oscillation or excessive noise is usually
the problem. In cases where proper wiring and bypassing fail to stop oscillations, V+ voltage at pin 3 is usually
below suggested limits. Expanded scale meter applications may have one or both ends of the internal voltage
divider terminated at relatively high value resistors. These high-impedance ends should be bypassed to pin 2
with at least a 0.001
μF capacitor, or up to 0.1μF in noisy environments.
Power dissipation, especially in bar mode should be given consideration. For example, with a 5V supply and all
LEDs programmed to 20mA the driver will dissipate over 600mW. In this case a 7.5
Ω resistor in series with the
LED supply will cut device heating in half. The negative end of the resistor should be bypassed with a 2.2
μF solid
tantalum capacitor to pin 2 of the LM3914.
Turning OFF of most of the internal current sources is accomplished by pulling positive on the reference with a
current source or resistance supplying 100
μA or so. Alternately, the input signal can be gated OFF with a
transistor switch.
Other special features and applications characteristics will be illustrated in the following applications schematics.
Notes have been added in many cases, attempting to cover any special procedures or unusual characteristics of
these applications. A special section called APPLICATION TIPS FOR THE LM3914 ADJUSTABLE REFERENCE
has been included with these schematics.
APPLICATION TIPS FOR THE LM3914 ADJUSTABLE REFERENCE
Greatly Expanded Scale (Bar Mode Only)
Placing the LM3914 internal resistor divider in parallel with a section (
≃230Ω) of a stable, low resistance divider
greatly reduces voltage changes due to IC resistor value changes with temperature. Voltage V1 should be
trimmed to 1.1V first by use of R2. Then the voltage V2 across the IC divider string can be adjusted to 200mV,
using R5 without affecting V1. LED current will be approximately 10mA.
Non-Interacting Adjustments For Expanded Scale Meter (4.5V to 5V, Bar or Dot Mode)
This arrangement allows independent adjustment of LED brightness regardless of meter span and zero
adjustments.
First, V1 is adjusted to 5V, using R2. Then the span (voltage across R4) can be adjusted to exactly 0.5V using
R6 without affecting the previous adjustment.
R9 programs LED currents within a range of 2.2mA to 20mA after the above settings are made.
Figure 25. Greatly Expanded Scale (Bar Mode Only)
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Links: LM3914


Similar Part No. - LM3914N-1

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3914N-1 NSC-LM3914N-1 Datasheet
365Kb / 19P
   Dot/Bar Display Driver
More results

Similar Description - LM3914N-1

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3915 NSC-LM3915 Datasheet
1Mb / 25P
   Dot/Bar Display Driver
LM3916 NSC-LM3916 Datasheet
509Kb / 27P
   Dot/Bar Display Driver
LM3914 NSC-LM3914 Datasheet
365Kb / 19P
   Dot/Bar Display Driver
LM3914 NSC-LM3914_03 Datasheet
809Kb / 22P
   Dot/Bar Display Driver
logo
Texas Instruments
LM3915N-1 TI-LM3915N-1 Datasheet
1Mb / 31P
[Old version datasheet]   LM3915 Dot/Bar Display Driver
LM3916 TI1-LM3916 Datasheet
1Mb / 32P
[Old version datasheet]   LM3916 Dot/Bar Display Driver
LM3915N-1 TI1-LM3915N-1 Datasheet
1Mb / 31P
[Old version datasheet]   LM3915 Dot/Bar Display Driver
logo
NTE Electronics
NTE1549 NTE-NTE1549 Datasheet
29Kb / 4P
   Integrated Circuit Dot/Bar Display Driver
NTE1508 NTE-NTE1508 Datasheet
31Kb / 3P
   Integrated Circuit 10-Step Dot/Bar Display Driver for Linear Scale
NTE1509 NTE-NTE1509 Datasheet
30Kb / 4P
   Integrated Circuit 10-Step Dot/Bar Display Driver for Logarithmic Scale
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com