Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM3914N-1 Datasheet(PDF) 18 Page - Texas Instruments

Part # LM3914N-1
Description  LM3914 Dot/Bar Display Driver
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3914N-1 Datasheet(HTML) 18 Page - Texas Instruments

Back Button LM3914N-1 Datasheet HTML 14Page - Texas Instruments LM3914N-1 Datasheet HTML 15Page - Texas Instruments LM3914N-1 Datasheet HTML 16Page - Texas Instruments LM3914N-1 Datasheet HTML 17Page - Texas Instruments LM3914N-1 Datasheet HTML 18Page - Texas Instruments LM3914N-1 Datasheet HTML 19Page - Texas Instruments LM3914N-1 Datasheet HTML 20Page - Texas Instruments LM3914N-1 Datasheet HTML 21Page - Texas Instruments LM3914N-1 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 29 page
background image
LM3914
SNVS761B – JANUARY 2000 – REVISED MARCH 2013
www.ti.com
*The exact wiring arrangement of this schematic shows the need for Mode Select (pin 9) to sense the V+ voltage
exactly as it appears on pin 3.
Programs LEDs to 10mA
Figure 24. 20-Segment Meter with Mode Switch
APPLICATION HINTS
Three of the most commonly needed precautions for using the LM3914 are shown in the first typical application
drawing showing a 0V–5V bar graph meter. The most difficult problem occurs when large LED currents are being
drawn, especially in bar graph mode. These currents flowing out of the ground pin cause voltage drops in
external wiring, and thus errors and oscillations. Bringing the return wires from signal sources, reference ground
and bottom of the resistor string (as illustrated) to a single point very near pin 2 is the best solution.
Long wires from VLED to LED anode common can cause oscillations. Depending on the severity of the problem
0.05
μF to 2.2μF decoupling capacitors from LED anode common to pin 2 will damp the circuit. If LED anode line
wiring is inaccessible, often similar decoupling from pin 1 to pin 2 will be sufficient.
18
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: LM3914


Similar Part No. - LM3914N-1

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3914N-1 NSC-LM3914N-1 Datasheet
365Kb / 19P
   Dot/Bar Display Driver
More results

Similar Description - LM3914N-1

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3915 NSC-LM3915 Datasheet
1Mb / 25P
   Dot/Bar Display Driver
LM3916 NSC-LM3916 Datasheet
509Kb / 27P
   Dot/Bar Display Driver
LM3914 NSC-LM3914 Datasheet
365Kb / 19P
   Dot/Bar Display Driver
LM3914 NSC-LM3914_03 Datasheet
809Kb / 22P
   Dot/Bar Display Driver
logo
Texas Instruments
LM3915N-1 TI-LM3915N-1 Datasheet
1Mb / 31P
[Old version datasheet]   LM3915 Dot/Bar Display Driver
LM3916 TI1-LM3916 Datasheet
1Mb / 32P
[Old version datasheet]   LM3916 Dot/Bar Display Driver
LM3915N-1 TI1-LM3915N-1 Datasheet
1Mb / 31P
[Old version datasheet]   LM3915 Dot/Bar Display Driver
logo
NTE Electronics
NTE1549 NTE-NTE1549 Datasheet
29Kb / 4P
   Integrated Circuit Dot/Bar Display Driver
NTE1508 NTE-NTE1508 Datasheet
31Kb / 3P
   Integrated Circuit 10-Step Dot/Bar Display Driver for Linear Scale
NTE1509 NTE-NTE1509 Datasheet
30Kb / 4P
   Integrated Circuit 10-Step Dot/Bar Display Driver for Logarithmic Scale
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com