Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MM74HC574SJX Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # MM74HC574SJX
Description  3-STATE Octal D-Type Edge-Triggered Flip-Flop
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MM74HC574SJX Datasheet(HTML) 3 Page - Fairchild Semiconductor

  MM74HC574SJX Datasheet HTML 1Page - Fairchild Semiconductor MM74HC574SJX Datasheet HTML 2Page - Fairchild Semiconductor MM74HC574SJX Datasheet HTML 3Page - Fairchild Semiconductor MM74HC574SJX Datasheet HTML 4Page - Fairchild Semiconductor MM74HC574SJX Datasheet HTML 5Page - Fairchild Semiconductor MM74HC574SJX Datasheet HTML 6Page - Fairchild Semiconductor MM74HC574SJX Datasheet HTML 7Page - Fairchild Semiconductor MM74HC574SJX Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
www.fairchildsemi.com
AC Electrical Characteristics
VCC
5V, TA 25qC, tr tf 6 ns
AC Electrical Characteristics
VCC
2.0
 6.0V, CL 50 pF, tr tf 6 ns (unless otherwise specified)
Symbol
Parameter
Conditions
Typ
Guaranteed
Units
Limit
fMAX
Maximum Operating Frequency
60
33
MHz
tPHL, tPLH
Maximum Propagation Delay, Clock to Q
CL 45 pF
17
27
ns
tPZH, tPZL
Maximum Output Enable Time
RL 1 k:
19
28
ns
CL 45 pF
tPHZ, tPLZ
Maximum Output Disable Time
RL 1 k:
14
25
ns
CL 5 pF
tS
Minimum Setup Time, Data to Clock
10
12
ns
tH
Minimum Hold Time, Clock to Data
35ns
tW
Minimum Pulse Clock Width
8
15
ns
Symbol
Parameter
Conditions
VCC
TA 25qCTA 40 to 85qCTA 55 to 125qC
Units
Typ
Guaranteed Limits
fMAX
Maximum Operating Frequency
CL 50 pF
2.0V
33
28
23
MHz
4.5V
30
24
20
6.0V
35
28
23
tPHL, tPLH
Maximum Propagation
CL 50 pF
2.0V
18
30
38
45
ns
Delay, Clock to Q
CL 150 pF
2.0V
51
155
194
233
CL 50 pF
4.5V
13
23
29
35
ns
CL 150 pF
4.5V
19
31
47
47
CL 50 pF
6.0V
12
20
25
30
ns
CL 150 pF
6.0V
18
27
34
41
tPZH, tPZL
Maximum Output Enable
RL 1 k:
Time
CL 50 pF
2.0V
22
30
38
45
ns
CL 150 pF
2.0V
59
180
225
270
CL 50 pF
4.5V
14
28
35
42
ns
CL 150 pF
4.5V
20
36
45
54
CL 50 pF
6.0V
12
24
30
36
ns
CL 150 pF
6.0V
18
31
39
47
tPHZ, tPLZ
Maximum Output Disable Time
RL 1 k:
2.0V
15
30
38
45
ns
CL 50 pF
4.5V
12
25
31
38
6.0V
10
21
27
32
tS
Minimum Setup Time
2.0V
6
12
15
18
ns
Data to Clock
4.5V
20
25
30
6.0V
17
21
25
tH
Minimum Hold Time
2.0V
15
6
8
ns
Clock to Data
4.5V
0
0
0
6.0V
0
0
0
tTHL, tTLH
Maximum Output Rise
CL 50 pF
2.0V
6
12
15
18
ns
and Fall Time
4.5V
7
12
15
18
6.0V
6
10
13
15
tW
Minimum Clock Pulse Width
2.0V
30
15
20
24
ns
4.5V
9
16
20
24
6.0V
8
14
18
20
tr,tf
Maximum Clock Input Rise
2.0V
1000
1000
1000
ns
and Fall Time
4.5V
500
500
500
6.0V
400
400
400
CPD
Power Dissipation Capacitance
OC
VCC
5
pF
(Note 5) (per latch)
OC
GND
58
CIN
Maximum Input Capacitance
5
10
10
10
pF


Similar Part No. - MM74HC574SJX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MM74HC574SJ FAIRCHILD-MM74HC574SJ Datasheet
90Kb / 8P
   3-STATE Octal D-Type Edge-Triggered Flip-Flop
logo
ON Semiconductor
MM74HC574SJ ONSEMI-MM74HC574SJ Datasheet
145Kb / 8P
   3-State Octal D-Type Edge-Triggered Flip-Flop
November, 2017 ??Rev. 2
More results

Similar Description - MM74HC574SJX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
DM74ALS374 FAIRCHILD-DM74ALS374 Datasheet
72Kb / 7P
   Octal 3-STATE D-Type Edge-Triggered Flip-Flop
MM74HC574 FAIRCHILD-MM74HC574 Datasheet
90Kb / 8P
   3-STATE Octal D-Type Edge-Triggered Flip-Flop
logo
ON Semiconductor
MM74HC574 ONSEMI-MM74HC574 Datasheet
145Kb / 8P
   3-State Octal D-Type Edge-Triggered Flip-Flop
November, 2017 ??Rev. 2
logo
Texas Instruments
74AC11374 TI-74AC11374 Datasheet
116Kb / 7P
[Old version datasheet]   OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOP WITH 3-STATE OUTPUTS
SN74F574 TI-SN74F574 Datasheet
69Kb / 5P
[Old version datasheet]   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
74ACT11374 TI1-74ACT11374_15 Datasheet
855Kb / 18P
[Old version datasheet]   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74LV374A-Q1 TI1-SN74LV374A-Q1 Datasheet
199Kb / 11P
[Old version datasheet]   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74LV374AT TI1-SN74LV374AT Datasheet
874Kb / 21P
[Old version datasheet]   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74LV374A-EP TI1-SN74LV374A-EP Datasheet
446Kb / 10P
[Old version datasheet]   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
SN64BCT374 TI1-SN64BCT374 Datasheet
77Kb / 4P
[Old version datasheet]   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com