Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CL31B104KCFNNNF Datasheet(PDF) 27 Page - Samsung semiconductor

Part # CL31B104KCFNNNF
Description  Multilayer Ceramic Capacitor
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

CL31B104KCFNNNF Datasheet(HTML) 27 Page - Samsung semiconductor

Back Button CL31B104KCFNNNF Datasheet HTML 23Page - Samsung semiconductor CL31B104KCFNNNF Datasheet HTML 24Page - Samsung semiconductor CL31B104KCFNNNF Datasheet HTML 25Page - Samsung semiconductor CL31B104KCFNNNF Datasheet HTML 26Page - Samsung semiconductor CL31B104KCFNNNF Datasheet HTML 27Page - Samsung semiconductor CL31B104KCFNNNF Datasheet HTML 28Page - Samsung semiconductor CL31B104KCFNNNF Datasheet HTML 29Page - Samsung semiconductor CL31B104KCFNNNF Datasheet HTML 30Page - Samsung semiconductor CL31B104KCFNNNF Datasheet HTML 31Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 35 page
background image
Multilayer Ceramic Capacitor - General
- 26 -
■ CHARACTERISTIC GRAPH
0
50 100
1000
10000
0
10
-10
-20
-30
Time(Hr)
ΔC
%
C0G
X7R
Y5V
▶CAPACITANCE CHANGE - AGING
-60
140
0
-20
20
60
100
Temperature(℃)
ΔC
%
0
5
-5
-10
10
C0G
UJ
TH
RH
SH
▶ IMPEDANCE - FREQUENCY CHARACTERISTICS
▶ CAPACITANCE - DC VOLTAGE CHARACTERISTICS
C0G
0.01
0.1
1
10
100
1.E+06
1.E+07
1.E+08
1.E+09
1.E+10
Ohm
1MHz
10MHz
100MHz
1GHz
10GHz
1000pF
100pF
10pF
X7R/Y5V
0.01
0.1
1
10
100
1.E+06
1.E+07
1.E+08
1.E+09
Ohm
0.1㎌
0.01㎌
0.001㎌
1MHz
10MHz
100MHz
1GHz
-100
-80
-60
-40
-20
0
20
40
0
5
10
15
20
25
30
35
40
DC V o l t a g e (V d c )
C0G 50V
ΔC
%
X7R
50V
Y5V
50V
-60
120
0
-20
20 40
80
-80
-60
-40
-20
0
20
X7R
Y5V
Temperature(℃)
ΔC
%
▶ CAPACITANCE - TEMPERATURE CHARACTERISTICS
● ELECTRICAL CHARACTERISTICS


Similar Part No. - CL31B104KCFNNNF

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
CL31B104KCFNNNE SAMSUNG-CL31B104KCFNNNE Datasheet
143Kb / 2P
CAP, 100?? 100V, 짹10%, X7R, 1206
More results

Similar Description - CL31B104KCFNNNF

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
CL21C220 SAMSUNG-CL21C220 Datasheet
552Kb / 35P
Multilayer Ceramic Capacitor
logo
EPCOS
X7R EPCOS-X7R Datasheet
432Kb / 19P
Multilayer ceramic capacitor
B37931K5104K0 EPCOS-B37931K5104K0 Datasheet
64Kb / 5P
Multilayer ceramic capacitor
B37941X EPCOS-B37941X Datasheet
413Kb / 14P
Multilayer ceramic capacitor
logo
Samsung semiconductor
CL03C101JA3ANNC SAMSUNG-CL03C101JA3ANNC Datasheet
620Kb / 35P
Multilayer Ceramic Capacitor
CL05B104KONC SAMSUNG-CL05B104KONC Datasheet
549Kb / 35P
Multilayer Ceramic Capacitor
CL10C180JB8NNNC SAMSUNG-CL10C180JB8NNNC Datasheet
620Kb / 35P
Multilayer Ceramic Capacitor
CL21C100CBANNNC SAMSUNG-CL21C100CBANNNC Datasheet
620Kb / 35P
Multilayer Ceramic Capacitor
CL10B101KB8NNNC SAMSUNG-CL10B101KB8NNNC Datasheet
620Kb / 35P
Multilayer Ceramic Capacitor
logo
Murata Manufacturing Co...
GRM31CF11H475ZA01L MURATA1-GRM31CF11H475ZA01L Datasheet
47Kb / 1P
Capacitor Ceramic Multilayer
2015/01/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com