Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CL31B104KCFNNNF Datasheet(PDF) 23 Page - Samsung semiconductor

Part # CL31B104KCFNNNF
Description  Multilayer Ceramic Capacitor
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

CL31B104KCFNNNF Datasheet(HTML) 23 Page - Samsung semiconductor

Back Button CL31B104KCFNNNF Datasheet HTML 19Page - Samsung semiconductor CL31B104KCFNNNF Datasheet HTML 20Page - Samsung semiconductor CL31B104KCFNNNF Datasheet HTML 21Page - Samsung semiconductor CL31B104KCFNNNF Datasheet HTML 22Page - Samsung semiconductor CL31B104KCFNNNF Datasheet HTML 23Page - Samsung semiconductor CL31B104KCFNNNF Datasheet HTML 24Page - Samsung semiconductor CL31B104KCFNNNF Datasheet HTML 25Page - Samsung semiconductor CL31B104KCFNNNF Datasheet HTML 26Page - Samsung semiconductor CL31B104KCFNNNF Datasheet HTML 27Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 35 page
background image
Multilayer Ceramic Capacitor - General
- 22 -
NO
ITEM
PERFORMANCE
TEST CONDITION
7
CAPACITANCE
TEMPERATURE
COEFFICIENT
CLASS
THESE SYMMETRICAL TOLERANCE APPLY TO
2 POINT MEASUREMENT OF TEMPERATURE
COEFFICIENT: ONE AT 25℃ AND AT 85℃
8
TEMPERATURE
CHARACTERISTIC
S
CLASS
CAPACITANCE CHANGE
The change of capacitance should be got from
the capacitance at 25℃.
After capacitance measured from Min. Temp. to
Max. Temp.,
it shouldbecalculatedfromthe formulabelow.
C2 - C1
C1
C1 : CAPACITANCE AT STANDARD
TEMPERATURE(25℃)
C2 : CAPACITANCE AT EACH
TEMPERATURE
9
ADHESIVE STRENGTH
OF TERMINATION
NO INDICATION OF PEELING SHALL
OCCUR ON THE TERMINAL
ELECTRODE.
A 500g.f PRESSURE SHALL BE
APPLIED FOR 10±1 SECOND.
SEE (FIG.1)
10
BENDING
STRENGTH
APPEARANCE
NO MECHANICAL DAMAGE SHALL
OCCUR.
BENDING SHALL BE APPLIED TO
THE LIMIT(1mm) WITH 0.3mm/SEC.
KEEP THE TEST BOARD AT THE LIMIT POINT
IN 5 SEC., THEN MEASURE CAPACITANCE.
SEE (FIG.2)
CAPACITANCE
CHARACTER
CHANGE OF
CAPACITANCE
CLASS I
WITHIN ±5%
OR ± 0.5 pF
WHICHEVER IS
LARGER
CLASS II
A,B
WITHIN ±12.5%
F
WITHIN ±30%
CHAR.
CAP. CHANGE(%)
A,B
±
15%
F
+22% ~ -82%
500g.f
× 100 %
○○
50
R=340
20
45±1
45±1
BENDING
LIMIT
CHARACTER
LIMIT
C, A, B, F
1mm
CHARACTERISTIC
TEMP. COEFFICIENT
(PPM/℃)
C0G
0 ± 30
PH
-150 ± 60
RH
-220 ± 60
SH
-330 ± 60
TH
-470 ± 60
UL
-750 ± 120
SL
+350 ~ -1000
STEP
TEMPERATURE
1
25 ± 2
2
MIN RATED TEMP ± 2
3
25 ± 2
4
MAX RATED TEMP ± 2
5
25 ± 2


Similar Part No. - CL31B104KCFNNNF

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
CL31B104KCFNNNE SAMSUNG-CL31B104KCFNNNE Datasheet
143Kb / 2P
   CAP, 100?? 100V, 짹10%, X7R, 1206
More results

Similar Description - CL31B104KCFNNNF

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
CL21C220 SAMSUNG-CL21C220 Datasheet
552Kb / 35P
   Multilayer Ceramic Capacitor
logo
EPCOS
X7R EPCOS-X7R Datasheet
432Kb / 19P
   Multilayer ceramic capacitor
B37931K5104K0 EPCOS-B37931K5104K0 Datasheet
64Kb / 5P
   Multilayer ceramic capacitor
B37941X EPCOS-B37941X Datasheet
413Kb / 14P
   Multilayer ceramic capacitor
logo
Samsung semiconductor
CL03C101JA3ANNC SAMSUNG-CL03C101JA3ANNC Datasheet
620Kb / 35P
   Multilayer Ceramic Capacitor
CL05B104KONC SAMSUNG-CL05B104KONC Datasheet
549Kb / 35P
   Multilayer Ceramic Capacitor
CL10C180JB8NNNC SAMSUNG-CL10C180JB8NNNC Datasheet
620Kb / 35P
   Multilayer Ceramic Capacitor
CL21C100CBANNNC SAMSUNG-CL21C100CBANNNC Datasheet
620Kb / 35P
   Multilayer Ceramic Capacitor
CL10B101KB8NNNC SAMSUNG-CL10B101KB8NNNC Datasheet
620Kb / 35P
   Multilayer Ceramic Capacitor
logo
Murata Manufacturing Co...
GRM31CF11H475ZA01L MURATA1-GRM31CF11H475ZA01L Datasheet
47Kb / 1P
   Capacitor Ceramic Multilayer
2015/01/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com