Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CL31B104KCFNNNF Datasheet(PDF) 14 Page - Samsung semiconductor

Part # CL31B104KCFNNNF
Description  Multilayer Ceramic Capacitor
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

CL31B104KCFNNNF Datasheet(HTML) 14 Page - Samsung semiconductor

Back Button CL31B104KCFNNNF Datasheet HTML 10Page - Samsung semiconductor CL31B104KCFNNNF Datasheet HTML 11Page - Samsung semiconductor CL31B104KCFNNNF Datasheet HTML 12Page - Samsung semiconductor CL31B104KCFNNNF Datasheet HTML 13Page - Samsung semiconductor CL31B104KCFNNNF Datasheet HTML 14Page - Samsung semiconductor CL31B104KCFNNNF Datasheet HTML 15Page - Samsung semiconductor CL31B104KCFNNNF Datasheet HTML 16Page - Samsung semiconductor CL31B104KCFNNNF Datasheet HTML 17Page - Samsung semiconductor CL31B104KCFNNNF Datasheet HTML 18Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 35 page
background image
Multilayer Ceramic Capacitor - General
- 13 -
■ PACKAGING
● CARDBOARD PAPER TAPE
Symbol
W
F
E
P1
P2
P0
D
t
A
B
Type
D
i
m
e
n
s
i
o
n
03
8.0
±
0.3
3.5
±
0.05
1.75
±
0.1
2.0
±
0.05
2.0
±
0.05
4.0
±
0.1
Φ
1.5
+0.1/-0
0.37
±
0.03
0.38
±
0.03
0.68
±
0.03
05
0.6
±
0.05
0.65
+0.05/-0.1
1.15
+0.05/-0.1
10
4.0
±
0.1
1.1
MAX
1.1
±
0.2
1.9
±
0.2
21
1.6
±
0.2
2.4
±
0.2
31
2.0
±
0.2
3.6
±
0.2
unit:mm
● EMBOSSED PLASTIC TAPE
Symbol
W
F
E
P1
P2
P0
D
t0
t1
A
B
Type
D
i
m
e
n
s
i
o
n
21
8.0
±
0.3
3.5
±
0.05
1.75
±
0.1
4.0
±
0.1
2.0
±
0.05
4.0
±
0.1
Φ
1.5
+0.1/-0
0.6
max
2.5
max
1.45
±
0.2
2.3
±
0.2
31
2.0
±
0.2
3.6
±
0.2
32
2.9
±
0.2
3.6
±
0.2
43
3.6
±
0.2
4.9
±
0.2
55
5.4
±
0.2
6.0
±
0.2
unit : mm
A
B
Feeding round holes
Perforated square
holes for inserting a chip
D
P0
P1
P2
W
F
E
t1
t0
A
B
Feeding round holes
Perforated square
holes for inserting a chip
D
P0
P1
P2
W
F
E
t


Similar Part No. - CL31B104KCFNNNF

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
CL31B104KCFNNNE SAMSUNG-CL31B104KCFNNNE Datasheet
143Kb / 2P
   CAP, 100?? 100V, 짹10%, X7R, 1206
More results

Similar Description - CL31B104KCFNNNF

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
CL21C220 SAMSUNG-CL21C220 Datasheet
552Kb / 35P
   Multilayer Ceramic Capacitor
logo
EPCOS
X7R EPCOS-X7R Datasheet
432Kb / 19P
   Multilayer ceramic capacitor
B37931K5104K0 EPCOS-B37931K5104K0 Datasheet
64Kb / 5P
   Multilayer ceramic capacitor
B37941X EPCOS-B37941X Datasheet
413Kb / 14P
   Multilayer ceramic capacitor
logo
Samsung semiconductor
CL03C101JA3ANNC SAMSUNG-CL03C101JA3ANNC Datasheet
620Kb / 35P
   Multilayer Ceramic Capacitor
CL05B104KONC SAMSUNG-CL05B104KONC Datasheet
549Kb / 35P
   Multilayer Ceramic Capacitor
CL10C180JB8NNNC SAMSUNG-CL10C180JB8NNNC Datasheet
620Kb / 35P
   Multilayer Ceramic Capacitor
CL21C100CBANNNC SAMSUNG-CL21C100CBANNNC Datasheet
620Kb / 35P
   Multilayer Ceramic Capacitor
CL10B101KB8NNNC SAMSUNG-CL10B101KB8NNNC Datasheet
620Kb / 35P
   Multilayer Ceramic Capacitor
logo
Murata Manufacturing Co...
GRM31CF11H475ZA01L MURATA1-GRM31CF11H475ZA01L Datasheet
47Kb / 1P
   Capacitor Ceramic Multilayer
2015/01/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com