Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CL31B104KCFNNNF Datasheet(PDF) 13 Page - Samsung semiconductor

Part # CL31B104KCFNNNF
Description  Multilayer Ceramic Capacitor
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

CL31B104KCFNNNF Datasheet(HTML) 13 Page - Samsung semiconductor

Back Button CL31B104KCFNNNF Datasheet HTML 9Page - Samsung semiconductor CL31B104KCFNNNF Datasheet HTML 10Page - Samsung semiconductor CL31B104KCFNNNF Datasheet HTML 11Page - Samsung semiconductor CL31B104KCFNNNF Datasheet HTML 12Page - Samsung semiconductor CL31B104KCFNNNF Datasheet HTML 13Page - Samsung semiconductor CL31B104KCFNNNF Datasheet HTML 14Page - Samsung semiconductor CL31B104KCFNNNF Datasheet HTML 15Page - Samsung semiconductor CL31B104KCFNNNF Datasheet HTML 16Page - Samsung semiconductor CL31B104KCFNNNF Datasheet HTML 17Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 35 page
background image
Multilayer Ceramic Capacitor - General
- 12 -
▶ CAPACITANCE vs CHIP THICKNESS STANDARD
Description
0603
(0201)
1005
(0402)
1608
(0603)
2012 Type
(0805)
3216 Type
(1206)
3225 Type
(1210)
4532 Type
(1812)
5750 Type
(2220)
Dimension
(mm)
L
0.6
±
0.03
1.0
±
0.05
1.6
±
0.1
2.0±0.1
3.2±0.15
3.2
±
0.2
3.2±0.3
4.5±0.4
5.7±0.4
W
0.3
±
0.03
0.5
±
0.05
0.8
±
0.1
1.25±0.1
1.6±0.15
1.6
±
0.2
2.5±0.2
3.2±0.3
5.0±0.4
T
0.3
±
0.03
0.5~
±
0.05
0.8
±
0.1
0.65
±
0.1
0.85
±
0.1
1.25
±
0.1
0.85
±
0.15
1.25
±
0.15
1.6
±
0.2
1.25
±
0.2
1.6
±
0.2
2.0
±
0.2
2.5
±
0.2
1.25
±
0.2
1.6
±
0.2
2.0
±
0.2
2.5
±
0.2
1.6
±
0.2
2.0
±
0.2
2.5
±
0.2
C
A
P
A
C
I
T
A
N
C
E
R
A
N
G
E
p
F
SL
50V
-
0.5~
240
0.5 ~
1000
0.5
~1000
1100 ~
1500
1600~
2700
0.5 ~
2700
3000~
5600
6200~
8200
-
-
-
-
-
-
-
-
-
-
-
C, TC
(Except
SL,UJ)
25V
0.5~
47
0.5~
220
0.5 ~
1000
-
-
3300~
8200
1500~
3600
3900~
6800
7500~
10000
-
-
-
-
-
100000
-
-
-
-
-
50V
-
0.5 ~
180
0.5 ~
1000
0.5 ~
560
620~
1000
1100~
3300
0.5 ~
2200
2400~
4700
-
560~
10000
11000
~
22000
24000~
47000
-
1000~
13000
15000~
22000
24000~
47000
62000~
68000 43000 93000 130000
C
A
P
A
C
I
T
A
N
C
E
R
A
N
G
E
n
F
A
(X5R)
6.3V
10
220
2200
-
-
10000
-
-
10000
-
-
-
22000
-
-
-
47000
-
-
47000
10V
10
100
1000
-
-
2200
-
-
4700~
10000
-
-
-
22000
-
-
-
-
-
-
47000
16V
-
47
330~
470
-
-
1000
-
-
4700
-
-
-
6800~
10000
-
-
-
-
-
-
-
25V
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
50V
-
6.8~
10
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
B
(X7R)
6.3V
0.1~
10
47~
100
470~
1000
-
-
1000
-
-
6800~
10000
-
-
-
22000
-
-
-
-
-
-
-
10V
0.1~
10
33~
100
220~
470
220~
270
330~
470
560~
1000
-
1000~
3300
4700 1500~
2200 3300
3900~
4700
-
-
-
-
22000
-
-
-
16V
0.1~
1
10~
33
100~
220
68~
200
220~
330
390~
1000
330~
680
1000~
1500
2200~
3300
1500~
2200 3300
3900~
4700
-
-
-
2200
-
-
-
-
25V
-
4.7~
10
47~
100
39~
68
82~
100
150~
470
100~
330
470~
620
680~
1000
680~
1500 1800
2200
-
-
-
1000
-
-
-
10000
50V
-
0.22~
4.7
0.22~
100
0.22~
39
47~
100
220
1~
150
220
390~
1000
2.2~
680
820~
1000
-
-
10~
1000
-
-
-
-
-
3300~
4700
F
(Y5V)
6.3V
10~
100
-
2200
-
-
10000
-
-
-
-
-
47000
-
-
-
-
-
-
-
-
10V
-
220~
330
100~
1000
-
-
4700
-
4700 10000~
22000
-
-
-
22000
-
-
-
-
-
-
100000
16V
-
10~
220
100~
1000
10~
680
820~
1000
1200~
2200
1000~
2200
2700~
4700 10000
3300~
6800 10000 15000
-
-
-
22000
-
-
-
-
25V
-
10~
33
22~
330
10~
220
270~
470
560~
1000
470~
1000
1200~
2200
2700~
3300
1000~
3300
4700~
10000
-
-
-
-
-
10000
-
-
-
50V
-
2.2~
10
2.2~
100
2.2~
68
82~
150
180~
1000
10~
470
560~
1000
-
100~
1000
-
-
-
-
-
-
10000
-
-
-


Similar Part No. - CL31B104KCFNNNF

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
CL31B104KCFNNNE SAMSUNG-CL31B104KCFNNNE Datasheet
143Kb / 2P
CAP, 100?? 100V, 짹10%, X7R, 1206
More results

Similar Description - CL31B104KCFNNNF

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
CL21C220 SAMSUNG-CL21C220 Datasheet
552Kb / 35P
Multilayer Ceramic Capacitor
logo
EPCOS
X7R EPCOS-X7R Datasheet
432Kb / 19P
Multilayer ceramic capacitor
B37941X EPCOS-B37941X Datasheet
413Kb / 14P
Multilayer ceramic capacitor
B37931K5104K0 EPCOS-B37931K5104K0 Datasheet
64Kb / 5P
Multilayer ceramic capacitor
logo
Samsung semiconductor
CL03C101JA3ANNC SAMSUNG-CL03C101JA3ANNC Datasheet
620Kb / 35P
Multilayer Ceramic Capacitor
CL10B101KB8NNNC SAMSUNG-CL10B101KB8NNNC Datasheet
620Kb / 35P
Multilayer Ceramic Capacitor
CL10C180JB8NNNC SAMSUNG-CL10C180JB8NNNC Datasheet
620Kb / 35P
Multilayer Ceramic Capacitor
CL21C100CBANNNC SAMSUNG-CL21C100CBANNNC Datasheet
620Kb / 35P
Multilayer Ceramic Capacitor
CL05B104KONC SAMSUNG-CL05B104KONC Datasheet
549Kb / 35P
Multilayer Ceramic Capacitor
logo
Murata Manufacturing Co...
GRM31CF11H475ZA01L MURATA1-GRM31CF11H475ZA01L Datasheet
47Kb / 1P
Capacitor Ceramic Multilayer
2015/01/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com