Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CL10B101KB8NNNC Datasheet(PDF) 17 Page - Samsung semiconductor

Part # CL10B101KB8NNNC
Description  Multilayer Ceramic Capacitor
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

CL10B101KB8NNNC Datasheet(HTML) 17 Page - Samsung semiconductor

Back Button CL10B101KB8NNNC Datasheet HTML 13Page - Samsung semiconductor CL10B101KB8NNNC Datasheet HTML 14Page - Samsung semiconductor CL10B101KB8NNNC Datasheet HTML 15Page - Samsung semiconductor CL10B101KB8NNNC Datasheet HTML 16Page - Samsung semiconductor CL10B101KB8NNNC Datasheet HTML 17Page - Samsung semiconductor CL10B101KB8NNNC Datasheet HTML 18Page - Samsung semiconductor CL10B101KB8NNNC Datasheet HTML 19Page - Samsung semiconductor CL10B101KB8NNNC Datasheet HTML 20Page - Samsung semiconductor CL10B101KB8NNNC Datasheet HTML 21Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 35 page
background image
Multilayer Ceramic Capacitor - General
- 16 -
■ CHARACTERISTIC MAP
● CLASS Ⅰ
Temperature
Characteristics
Size
Voltage
Capacitance Range (㎊)
SL,UJ
05
(0402)
50V
10
(0603)
50V
21
(0805)
50V
31
(1206)
50V
C(COG) &
TC Series
03
(0201)
25V
05
(0402)
25V
50V
10
(0603)
25V
50V
21
(0805)
25V
50V
31
(1206)
25V
50V
 
32
(1210)
50V
100V
43
(1812)
25V
50V
55
(2220)
50V
10
100
1000
10000
100000 1000000 10000000 100000000
0.5
240
2700
8200
1000
1000
10000
1500
3300
4700
1000
180
220
47
8200
3300
18000
4700
560
47000
68000
1000
100000
130000
43000


Similar Part No. - CL10B101KB8NNNC

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
CL10B101KB8NNN SAMSUNG-CL10B101KB8NNN Datasheet
242Kb / 17P
   Wide temperature compensation and voltage range
More results

Similar Description - CL10B101KB8NNNC

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
CL21C220 SAMSUNG-CL21C220 Datasheet
552Kb / 35P
   Multilayer Ceramic Capacitor
CL31B104KCFNNNF SAMSUNG-CL31B104KCFNNNF Datasheet
620Kb / 35P
   Multilayer Ceramic Capacitor
logo
EPCOS
X7R EPCOS-X7R Datasheet
432Kb / 19P
   Multilayer ceramic capacitor
B37931K5104K0 EPCOS-B37931K5104K0 Datasheet
64Kb / 5P
   Multilayer ceramic capacitor
B37941X EPCOS-B37941X Datasheet
413Kb / 14P
   Multilayer ceramic capacitor
logo
Samsung semiconductor
CL03C101JA3ANNC SAMSUNG-CL03C101JA3ANNC Datasheet
620Kb / 35P
   Multilayer Ceramic Capacitor
CL05B104KONC SAMSUNG-CL05B104KONC Datasheet
549Kb / 35P
   Multilayer Ceramic Capacitor
CL10C180JB8NNNC SAMSUNG-CL10C180JB8NNNC Datasheet
620Kb / 35P
   Multilayer Ceramic Capacitor
CL21C100CBANNNC SAMSUNG-CL21C100CBANNNC Datasheet
620Kb / 35P
   Multilayer Ceramic Capacitor
logo
Murata Manufacturing Co...
GRM31CF11H475ZA01L MURATA1-GRM31CF11H475ZA01L Datasheet
47Kb / 1P
   Capacitor Ceramic Multilayer
2015/01/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com