Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CL10B101KB8NNNC Datasheet(PDF) 34 Page - Samsung semiconductor

Part # CL10B101KB8NNNC
Description  Multilayer Ceramic Capacitor
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

CL10B101KB8NNNC Datasheet(HTML) 34 Page - Samsung semiconductor

Back Button CL10B101KB8NNNC Datasheet HTML 27Page - Samsung semiconductor CL10B101KB8NNNC Datasheet HTML 28Page - Samsung semiconductor CL10B101KB8NNNC Datasheet HTML 29Page - Samsung semiconductor CL10B101KB8NNNC Datasheet HTML 30Page - Samsung semiconductor CL10B101KB8NNNC Datasheet HTML 31Page - Samsung semiconductor CL10B101KB8NNNC Datasheet HTML 32Page - Samsung semiconductor CL10B101KB8NNNC Datasheet HTML 33Page - Samsung semiconductor CL10B101KB8NNNC Datasheet HTML 34Page - Samsung semiconductor CL10B101KB8NNNC Datasheet HTML 35Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 34 / 35 page
background image
Multilayer Ceramic Capacitor - General
- 33 -
KYOCERA : CM105X7R104K25AT
CM
105
X7R
104
K
25
A
T
MURATA : GRM188R71E104KA01D
GRM
18
8
R7
1E
104
K
A01
D
NOVACAP : 0603B104K250N_TM
1206
B
104
K
250
N
-
T
M
PANASONIC : ECJ1EB1E104K
ECJ
1
E
B
1E
104
K
Series
Size
03 = 0201
05 = 0402
105 = 0603
21 = 0805
316 = 1206
32 = 1210
42 = 1808
43 = 1812
55 = 2220
Dielectric
CG
X8R
X7R
X5R
Z5U
Y5V
Y5U
Capacitance
2
significant
figures
+
number
of zeros
Use "R" for
decimal point
Tolerance
B= ±0.1pF
C= ±0.25pF
D= ±0.5pF
F= ±1%
G= ±2%
J= ±5%
K= ±10%
M= ±20%
Z = +80, -20%
P= +100, 0%
Voltage
04 = 4V
06 = 6.3V
10 = 10V
16 = 16V
25 = 25V
50 = 50V
100 = 100V
250 = 250V
500 = 500V
1000 = 1000V
Termination
A = Ni Barrier
Packaging
T = 7" Reel (4mm Pitch)
L = 13" Reel (4mm Pitch)
H = 7" Reel (2mm Pitch)
N = 13" Reel (2mm Pitch)
B= Bulk (Vinyl Bags)
C = Bulk Cassette
Series
Ni Barrier
Size
03 = 0201
15 = 0402
18 = 0603
21 = 0805
31 = 1206
32 = 1210
42 = 1808
43 = 1812
55 = 2220
Thickness
3=0.3mm
5=0.5mm
8=0.8mm
A= 1.0mm
B = 1.25mm
C = 1.6mm
D = 2.0mm
E= 2.5mm
F = 3.2mm
Dielectric
5C = C0G
R7 = X7R
R6 = X5R
E4 = Z5U
F5 = Y5V
Voltage
0J = 6.3V
1A = 10V
1C = 16V
1E = 25V
1H = 50V
2A = 100V
2E = 250V
2H = 500V
3A = 1000V
Capacitance
2
significant
figures
+
number
of zeros
Use "R" for
decimal
point
Tolerance
B= ±0.1pF
C= ±0.25pF
D= ±0.5pF
F= ±1%
G= ±2%
J= ±5%
K= ±10%
M= ±20%
Z = +80,-20%
P= +100, 0%
Individual
Specification
Code
Packaging
D = 7" Reel Paper
L = 7" Reel Plastic
J = 13" Reel Paper
K = 13" Reel Plastic
B= Bulk
C = Bulk Cassette
T= Bulk Tray
Size
0402
0603
0805
1005
1206
1210
1808
1812
2220
Dielectric
N=C0G
B= X7R
X= BX
Z= Z5U
Y= Y5V
Capacitance
2
significant
figures
+
number
of zeros
Use "R" for
decimal point
Tolerance
B= ±0.1pF
C= ±0.25pF
D= ±0.5pF
F= ±1%
G= ±2%
J= ±5%
K= ±10%
M= ±20%
Z = +80,-20%
P = +100,
0%
Voltage
2
significant
figures
+
number
of zeros
Termination
P= Pd/Ag
N=Ni Barrier
(Sn 100%)
Y = Ni Barrier
(Sn/Pb)
Thickness
Per Specified
Packaging
T = Reel
None = Bulk
W= Waffle Pack
Marking
Series
Size
Z = 0201
0 = 0402
1 = 0603
2 = 0805
3 = 1206
4 = 1210
Packaging
X= Bulk
E = Paper 2mm
V = Paper 4mm
F, Y = Plastic 4mm
W = Large Reels 2mm
Z = Large Reels 4mm
C = Bulk Cassette
Dielectric
C=C0G
B = X7R, X5R
F= Y5V
Voltage
0J = 6.3V
1A = 10V
1C = 16V
1E = 25V
1H = 50V
2A = 100V
2D = 200V
Tolerance
C= ±0.25pF
D= ±0.5pF
F= ±1%
J= ±5%
K= ±10%
M= ±20%
Z = +80, -20%
Capacitance
2
significant
figures
+
number
of zeros
Use "R" for
decimal point


Similar Part No. - CL10B101KB8NNNC

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
CL10B101KB8NNN SAMSUNG-CL10B101KB8NNN Datasheet
242Kb / 17P
   Wide temperature compensation and voltage range
More results

Similar Description - CL10B101KB8NNNC

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
CL21C220 SAMSUNG-CL21C220 Datasheet
552Kb / 35P
   Multilayer Ceramic Capacitor
CL31B104KCFNNNF SAMSUNG-CL31B104KCFNNNF Datasheet
620Kb / 35P
   Multilayer Ceramic Capacitor
logo
EPCOS
X7R EPCOS-X7R Datasheet
432Kb / 19P
   Multilayer ceramic capacitor
B37931K5104K0 EPCOS-B37931K5104K0 Datasheet
64Kb / 5P
   Multilayer ceramic capacitor
B37941X EPCOS-B37941X Datasheet
413Kb / 14P
   Multilayer ceramic capacitor
logo
Samsung semiconductor
CL03C101JA3ANNC SAMSUNG-CL03C101JA3ANNC Datasheet
620Kb / 35P
   Multilayer Ceramic Capacitor
CL05B104KONC SAMSUNG-CL05B104KONC Datasheet
549Kb / 35P
   Multilayer Ceramic Capacitor
CL10C180JB8NNNC SAMSUNG-CL10C180JB8NNNC Datasheet
620Kb / 35P
   Multilayer Ceramic Capacitor
CL21C100CBANNNC SAMSUNG-CL21C100CBANNNC Datasheet
620Kb / 35P
   Multilayer Ceramic Capacitor
logo
Murata Manufacturing Co...
GRM31CF11H475ZA01L MURATA1-GRM31CF11H475ZA01L Datasheet
47Kb / 1P
   Capacitor Ceramic Multilayer
2015/01/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com