Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CL03C101JA3ANNC Datasheet(PDF) 25 Page - Samsung semiconductor

Part # CL03C101JA3ANNC
Description  Multilayer Ceramic Capacitor
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

CL03C101JA3ANNC Datasheet(HTML) 25 Page - Samsung semiconductor

Back Button CL03C101JA3ANNC Datasheet HTML 21Page - Samsung semiconductor CL03C101JA3ANNC Datasheet HTML 22Page - Samsung semiconductor CL03C101JA3ANNC Datasheet HTML 23Page - Samsung semiconductor CL03C101JA3ANNC Datasheet HTML 24Page - Samsung semiconductor CL03C101JA3ANNC Datasheet HTML 25Page - Samsung semiconductor CL03C101JA3ANNC Datasheet HTML 26Page - Samsung semiconductor CL03C101JA3ANNC Datasheet HTML 27Page - Samsung semiconductor CL03C101JA3ANNC Datasheet HTML 28Page - Samsung semiconductor CL03C101JA3ANNC Datasheet HTML 29Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 35 page
background image
Multilayer Ceramic Capacitor - General
- 24 -
NO
ITEM
PERFORMANCE
TEST CONDITION
14
HUMIDITY
(STEADY
STATE)
APPEARANCE
NO MECHANICAL DAMAGE SHALL OCCUR
TEMPERATURE
: 40±2 ℃
RELATIVE HUMIDITY:90~95 %RH
TEST TIME
: 500 +12/-0 Hr.
MEASURE AT ROOM TEMPERATURE
AFTER COOLING FOR
CLASSⅠ :24±2Hr.
CLASSⅡ :48±4Hr.
CAPACITANCE
CHARACTERISTIC
CAPACITANCE CHANGE
CLASS Ⅰ
WITHIN ±5% OR
±
0.5㎊ WHICHEVER
IS LARGER
CLASS
A,B
WITHIN ±12.5%
F
WITHIN ±30%
Q
CLASSⅠ
30㎊ AND OVER : Q≥ 350
10 ~30㎊
:Q≥ 275 + 2.5×C
LESS THAN 10pF : Q≥ 200 + 10×C
Tanδ
CLASS Ⅱ
INSULATION
RESISTANCE
MINIMUM INSULATION RESISTANCE:
1,000 ㏁ OR 50㏁∙㎌ PRODUCT WHICHEVER IS
SMALLER
15
MOISTURE
RESISTANCE
APPEARANCE
NO MECHANICAL DAMAGE SHALL OCCUR
APPLIED VOLTAGE :
RATED VOLTAGE
TEMPERATURE : 40±2 ℃
RELATIVE HUMIDITY:90~95%RH
TEST TIME : 500 +12/-0 Hr.
CURRENT APPLIED : 50㎃ MAX.
<INITIAL MEASUREMENT>
CLASS Ⅱ SHOULD BE MEASURED
INITIAL VALUE AFTER BE HEAT-TREATED
FOR 1 HR IN 150℃+0/-10℃ AND BE LEFT
FOR 48±4HR AT ROOM TEMPERATURE.
<LATTER MEASUREMENT>
CLASSⅠ SHOULD BE MEASURED AFTER
LEFT FOR 24±2 HRS IN ROOM
TEMPERATURE AND HUMIDITY.
CLASS Ⅱ SHOULD BE MEASURED
LATTERVALUE AFTERBE
HEAT-TREATED FOR 1 HR IN 150℃+0/-10
AND BE LEFT FOR 48±4HR AT ROOM
TEMPERATURE.
CAPACITANCE
CHARACTERISTIC
CAPACITANCE CHANGE
CLASS Ⅰ
WITHIN ±7.5% OR
±
0.75㎊ WHICHEVER
IS LARGER
CLASS
A,B
WITHIN ±12.5%
F
WITHIN ±30%
WITHIN +30~-40%
1005 C>0.47μF
1608 C>1.0μF
2012 C>4.7μF
3216 C>10.0μF
3225 C>22.0μF
4532 C>47.0μF
Q
CLASSⅠ
30㎊ AND OVER : Q≥ 200
30㎊ AND BELOW : Q≥ 100 + 10/3×C
Tanδ
CLASSⅡ
INSULATION
RESISTANCE
MINIMUM INSULATION RESISTANCE:
500 ㏁ OR 25㏁∙㎌ PRODUCT,
WHICHEVER IS SMALLER.
CHAR.
25V
AND
OVER
16V
10V
6.3V
4V
A,B
0.05
0.05 MAX
0.05
MAX
0.075
MAX
0.1
MAX
F
0.075
MAX
0.1MAX
(C〈1.0㎌)
0.125
MAX
(C≥1.0㎌)
0.15
MAX
0.195
MAX
0.25
MAX
CHAR.
25V
AND
OVER
16V
10V
6.3V
4V
A,B
0.05
MAX
0.05
MAX
0.05
MAX
0.075
MAX
0.1
MAX
F
0.075
MAX
0.1MAX
(C〈1.0㎌)
0.125MAX
(C≥1.0㎌)
0.15
MAX
0.195
MAX
0.25
MAX
6.3V
Tanδ
0.125 MAX *Condition
CLASSⅡ
(A,B)
1005 C ≥0.22㎌
1608 C ≥2.2㎌
2012 C ≥4.7㎌
3216 C ≥10.0㎌
3225 C ≥22.0㎌
4532 C ≥47.0㎌
5750 C ≥100.0㎌
6.3V Tanδ
0.125 MAX *Condition
CLASSⅡ
(A,B)
1005 C ≥0.22㎌
1608 C ≥2.2㎌
2012 C ≥4.7㎌
3216 C ≥10.0㎌
3225 C ≥22.0㎌
4532 C ≥47.0㎌
5750 C ≥100.0㎌


Similar Part No. - CL03C101JA3ANNC

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
CL03C180JA3 SAMSUNG-CL03C180JA3 Datasheet
151Kb / 2P
Samsung electro-mechanics
CL03C180JA3ANNC SAMSUNG-CL03C180JA3ANNC Datasheet
151Kb / 2P
Samsung electro-mechanics
More results

Similar Description - CL03C101JA3ANNC

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
CL21C220 SAMSUNG-CL21C220 Datasheet
552Kb / 35P
Multilayer Ceramic Capacitor
CL31B104KCFNNNF SAMSUNG-CL31B104KCFNNNF Datasheet
620Kb / 35P
Multilayer Ceramic Capacitor
logo
EPCOS
X7R EPCOS-X7R Datasheet
432Kb / 19P
Multilayer ceramic capacitor
B37931K5104K0 EPCOS-B37931K5104K0 Datasheet
64Kb / 5P
Multilayer ceramic capacitor
B37941X EPCOS-B37941X Datasheet
413Kb / 14P
Multilayer ceramic capacitor
logo
Samsung semiconductor
CL05B104KONC SAMSUNG-CL05B104KONC Datasheet
549Kb / 35P
Multilayer Ceramic Capacitor
CL10C180JB8NNNC SAMSUNG-CL10C180JB8NNNC Datasheet
620Kb / 35P
Multilayer Ceramic Capacitor
CL21C100CBANNNC SAMSUNG-CL21C100CBANNNC Datasheet
620Kb / 35P
Multilayer Ceramic Capacitor
CL10B101KB8NNNC SAMSUNG-CL10B101KB8NNNC Datasheet
620Kb / 35P
Multilayer Ceramic Capacitor
logo
Murata Manufacturing Co...
GRM31CF11H475ZA01L MURATA1-GRM31CF11H475ZA01L Datasheet
47Kb / 1P
Capacitor Ceramic Multilayer
2015/01/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com