Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CL03C101JA3ANNC Datasheet(PDF) 22 Page - Samsung semiconductor

Part # CL03C101JA3ANNC
Description  Multilayer Ceramic Capacitor
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

CL03C101JA3ANNC Datasheet(HTML) 22 Page - Samsung semiconductor

Back Button CL03C101JA3ANNC Datasheet HTML 18Page - Samsung semiconductor CL03C101JA3ANNC Datasheet HTML 19Page - Samsung semiconductor CL03C101JA3ANNC Datasheet HTML 20Page - Samsung semiconductor CL03C101JA3ANNC Datasheet HTML 21Page - Samsung semiconductor CL03C101JA3ANNC Datasheet HTML 22Page - Samsung semiconductor CL03C101JA3ANNC Datasheet HTML 23Page - Samsung semiconductor CL03C101JA3ANNC Datasheet HTML 24Page - Samsung semiconductor CL03C101JA3ANNC Datasheet HTML 25Page - Samsung semiconductor CL03C101JA3ANNC Datasheet HTML 26Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 35 page
background image
Multilayer Ceramic Capacitor - General
- 21 -
■ RELIABILITY TEST DATA
NO
ITEM
PERFORMANCE
TEST CONDITION
1
APPEARANCE
NO ABNORMAL EXTERIOR APPEARANCE
THROUGH MICROSCOPE(×10)
2
INSULATION
RESISTANCE
10,000㏁ OR 500㏁∙㎌ PRODUCT WHICHEVER IS
SMALLER
(RATED VOLTAGE IS BELOW 16V
: 10,000㏁ OR 100㏁∙㎌)
RATED VOLTAGE SHALL BE APPLIED.
MEASUREMENT TIME IS 60 ~ 120 RATED VOLTAGE
TIME 60 SEC.
3
WITHSTANDING
VOLTAGE
NO DIELECTRIC BREAKDOWN OR
MECHANICAL BREAKDOWN
CLASSⅠ: 300% OF THE RATED VOLTAGE FOR 1~5 SEC,
CLASSⅡ:250% OF THE RATED VOLTAGE FOR 1~5 SEC
IS APPLIED WITH LESS THAN 50㎃ CURRENT
4
CAPACIT
ANCE
CLASS
WITHIN THE SPECIFIED
TOLERANCE
CAPACITANCE
FREQUENCY
VOLTAGE
1,000㎊ AND
BELOW
1㎒±10%
0.5 ~ 5
Vrms
MORE THAN
1,000㎊
1㎑±10%
CLASS
WITHIN THE SPECIFIED
TOLERANCE
CAPACITANCE
FREQUENCY
VOLTAGE
10㎌ AND BELOW
1㎑±10%
1.0±0.2Vrms
MORE THAN
10㎌
120㎐±20%
0.5±0.1Vrms
5
Q
CLASS
OVER 30㎊ :Q ≥1,000
LESS THAN 30㎊:Q ≥400 +20C
( C : CAPACITANCE )
CAPACITANCE
FREQUENCY
VOLTAGE
1,000㎊ AND
BELOW
1㎒±10%
0.5 ~ 5
Vrms
MORE THAN
1,000㎊
1㎑±10%
6
Tanδ
CLASS
1. CHAR : B
2. CHAR : F
CAPACITANCE
FREQUENCY
VOLTAGE
10㎌ AND BELOW
1㎑±10%
1.0±0.2Vrms
MORE THAN 10㎌
120㎐±20%
0.5±0.1Vrms
RATED VOLTAGE
DF SPEC
6.3V
0.05 max
10V
0.05 max
16V
0.035 max
25V
0.025 max
50V 이상
0.025 max
6.3V
10V
16V
25V
50V
1005
-
0.125max
0.09max (C<220nF)
0.125max (C≥220nF)
0.05max
0.05max
1608
0.16max
0.125max
0.09max
0.05max(C≤100nF)
0.07max(C>100nF)
0.05max
2012
0.16max
0.125max
0.09max
0.07max
0.05max
3216
0.16max
0.125max
0.09max
0.07max
0.05max
3225
0.16max
0.125max
0.09max
0.07max(C≤6.8㎌)
0.09max(C>6.8㎌)
0.05max
4532
0.16max
0.16max
0.09max
-
-
5750
0.125max
-
-
-


Similar Part No. - CL03C101JA3ANNC

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
CL03C180JA3 SAMSUNG-CL03C180JA3 Datasheet
151Kb / 2P
Samsung electro-mechanics
CL03C180JA3ANNC SAMSUNG-CL03C180JA3ANNC Datasheet
151Kb / 2P
Samsung electro-mechanics
More results

Similar Description - CL03C101JA3ANNC

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
CL21C220 SAMSUNG-CL21C220 Datasheet
552Kb / 35P
Multilayer Ceramic Capacitor
CL31B104KCFNNNF SAMSUNG-CL31B104KCFNNNF Datasheet
620Kb / 35P
Multilayer Ceramic Capacitor
logo
EPCOS
X7R EPCOS-X7R Datasheet
432Kb / 19P
Multilayer ceramic capacitor
B37931K5104K0 EPCOS-B37931K5104K0 Datasheet
64Kb / 5P
Multilayer ceramic capacitor
B37941X EPCOS-B37941X Datasheet
413Kb / 14P
Multilayer ceramic capacitor
logo
Samsung semiconductor
CL05B104KONC SAMSUNG-CL05B104KONC Datasheet
549Kb / 35P
Multilayer Ceramic Capacitor
CL10C180JB8NNNC SAMSUNG-CL10C180JB8NNNC Datasheet
620Kb / 35P
Multilayer Ceramic Capacitor
CL21C100CBANNNC SAMSUNG-CL21C100CBANNNC Datasheet
620Kb / 35P
Multilayer Ceramic Capacitor
CL10B101KB8NNNC SAMSUNG-CL10B101KB8NNNC Datasheet
620Kb / 35P
Multilayer Ceramic Capacitor
logo
Murata Manufacturing Co...
GRM31CF11H475ZA01L MURATA1-GRM31CF11H475ZA01L Datasheet
47Kb / 1P
Capacitor Ceramic Multilayer
2015/01/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com