Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CL03C101JA3ANNC Datasheet(PDF) 18 Page - Samsung semiconductor

Part # CL03C101JA3ANNC
Description  Multilayer Ceramic Capacitor
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

CL03C101JA3ANNC Datasheet(HTML) 18 Page - Samsung semiconductor

Back Button CL03C101JA3ANNC Datasheet HTML 14Page - Samsung semiconductor CL03C101JA3ANNC Datasheet HTML 15Page - Samsung semiconductor CL03C101JA3ANNC Datasheet HTML 16Page - Samsung semiconductor CL03C101JA3ANNC Datasheet HTML 17Page - Samsung semiconductor CL03C101JA3ANNC Datasheet HTML 18Page - Samsung semiconductor CL03C101JA3ANNC Datasheet HTML 19Page - Samsung semiconductor CL03C101JA3ANNC Datasheet HTML 20Page - Samsung semiconductor CL03C101JA3ANNC Datasheet HTML 21Page - Samsung semiconductor CL03C101JA3ANNC Datasheet HTML 22Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 35 page
background image
Multilayer Ceramic Capacitor - General
- 17 -
● CLASS Ⅱ ,A(X5R)
Temperature
Characteristics
Size
Voltage
Capacitance Range (㎊)
A(X5R)
0603
(0201)
6.3V
10V
1005
(0402)
6.3V
10V
16V
50V
1608
(0603)
6.3V
10V
16V
2012
(0805)
6.3V
10V
16V
3216
(1206)
6.3V
10V
16V
3225
(1210)
6.3V
10V
16V
4532
(1812)
6.3V
5750
(2220)
6.3V
10V
10
100
1000
10000
100000
1000000 10000000 100000000
10000
100000
10000
10000000
4700000
22000000
2200000
10000000
4700000
22000000
47000000
47000
10000
6800
1000000
2200000
1000000
470000
330000
10000000
10000000
6800000
47000000
47000000
220000


Similar Part No. - CL03C101JA3ANNC

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
CL03C180JA3 SAMSUNG-CL03C180JA3 Datasheet
151Kb / 2P
   Samsung electro-mechanics
CL03C180JA3ANNC SAMSUNG-CL03C180JA3ANNC Datasheet
151Kb / 2P
   Samsung electro-mechanics
More results

Similar Description - CL03C101JA3ANNC

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
CL21C220 SAMSUNG-CL21C220 Datasheet
552Kb / 35P
   Multilayer Ceramic Capacitor
CL31B104KCFNNNF SAMSUNG-CL31B104KCFNNNF Datasheet
620Kb / 35P
   Multilayer Ceramic Capacitor
logo
EPCOS
X7R EPCOS-X7R Datasheet
432Kb / 19P
   Multilayer ceramic capacitor
B37931K5104K0 EPCOS-B37931K5104K0 Datasheet
64Kb / 5P
   Multilayer ceramic capacitor
B37941X EPCOS-B37941X Datasheet
413Kb / 14P
   Multilayer ceramic capacitor
logo
Samsung semiconductor
CL05B104KONC SAMSUNG-CL05B104KONC Datasheet
549Kb / 35P
   Multilayer Ceramic Capacitor
CL10C180JB8NNNC SAMSUNG-CL10C180JB8NNNC Datasheet
620Kb / 35P
   Multilayer Ceramic Capacitor
CL21C100CBANNNC SAMSUNG-CL21C100CBANNNC Datasheet
620Kb / 35P
   Multilayer Ceramic Capacitor
CL10B101KB8NNNC SAMSUNG-CL10B101KB8NNNC Datasheet
620Kb / 35P
   Multilayer Ceramic Capacitor
logo
Murata Manufacturing Co...
GRM31CF11H475ZA01L MURATA1-GRM31CF11H475ZA01L Datasheet
47Kb / 1P
   Capacitor Ceramic Multilayer
2015/01/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com