Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CL03C101JA3ANNC Datasheet(PDF) 16 Page - Samsung semiconductor

Part # CL03C101JA3ANNC
Description  Multilayer Ceramic Capacitor
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

CL03C101JA3ANNC Datasheet(HTML) 16 Page - Samsung semiconductor

Back Button CL03C101JA3ANNC Datasheet HTML 12Page - Samsung semiconductor CL03C101JA3ANNC Datasheet HTML 13Page - Samsung semiconductor CL03C101JA3ANNC Datasheet HTML 14Page - Samsung semiconductor CL03C101JA3ANNC Datasheet HTML 15Page - Samsung semiconductor CL03C101JA3ANNC Datasheet HTML 16Page - Samsung semiconductor CL03C101JA3ANNC Datasheet HTML 17Page - Samsung semiconductor CL03C101JA3ANNC Datasheet HTML 18Page - Samsung semiconductor CL03C101JA3ANNC Datasheet HTML 19Page - Samsung semiconductor CL03C101JA3ANNC Datasheet HTML 20Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 35 page
background image
Multilayer Ceramic Capacitor - General
- 15 -
Size
05(0402)
10(0603)
21(0805)
T≤0.85mm
T≥1.0mm
Quantity
50,000
10,000~15,000*
10,000
5,000
● BULK CASE PACKAGING
- Bulk case packaging can reduce the stock space and transportation costs.
- The bulk feeding system can increase the productivity.
- It can eliminate the components loss.
A
BT
C
D
E
F
W
L
G
H
I
Symbol
A
B
T
C
D
E
Dimension
6.8±0.1
8.8±0.1
12±0.1
1.5+0.1/-0
2+0/-0.1
4.7±0.1
Symbol
F
W
G
H
L
I
Dimension
31.5+0.2/-0
36+0/-0.2
19±0.35
7±0.35
110±0.7
5±0.35
● QUANTITY
*Option


Similar Part No. - CL03C101JA3ANNC

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
CL03C180JA3 SAMSUNG-CL03C180JA3 Datasheet
151Kb / 2P
   Samsung electro-mechanics
CL03C180JA3ANNC SAMSUNG-CL03C180JA3ANNC Datasheet
151Kb / 2P
   Samsung electro-mechanics
More results

Similar Description - CL03C101JA3ANNC

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
CL21C220 SAMSUNG-CL21C220 Datasheet
552Kb / 35P
   Multilayer Ceramic Capacitor
CL31B104KCFNNNF SAMSUNG-CL31B104KCFNNNF Datasheet
620Kb / 35P
   Multilayer Ceramic Capacitor
logo
EPCOS
X7R EPCOS-X7R Datasheet
432Kb / 19P
   Multilayer ceramic capacitor
B37931K5104K0 EPCOS-B37931K5104K0 Datasheet
64Kb / 5P
   Multilayer ceramic capacitor
B37941X EPCOS-B37941X Datasheet
413Kb / 14P
   Multilayer ceramic capacitor
logo
Samsung semiconductor
CL05B104KONC SAMSUNG-CL05B104KONC Datasheet
549Kb / 35P
   Multilayer Ceramic Capacitor
CL10C180JB8NNNC SAMSUNG-CL10C180JB8NNNC Datasheet
620Kb / 35P
   Multilayer Ceramic Capacitor
CL21C100CBANNNC SAMSUNG-CL21C100CBANNNC Datasheet
620Kb / 35P
   Multilayer Ceramic Capacitor
CL10B101KB8NNNC SAMSUNG-CL10B101KB8NNNC Datasheet
620Kb / 35P
   Multilayer Ceramic Capacitor
logo
Murata Manufacturing Co...
GRM31CF11H475ZA01L MURATA1-GRM31CF11H475ZA01L Datasheet
47Kb / 1P
   Capacitor Ceramic Multilayer
2015/01/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com