Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CL03C101JA3ANNC Datasheet(PDF) 35 Page - Samsung semiconductor

Part # CL03C101JA3ANNC
Description  Multilayer Ceramic Capacitor
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

CL03C101JA3ANNC Datasheet(HTML) 35 Page - Samsung semiconductor

Back Button CL03C101JA3ANNC Datasheet HTML 27Page - Samsung semiconductor CL03C101JA3ANNC Datasheet HTML 28Page - Samsung semiconductor CL03C101JA3ANNC Datasheet HTML 29Page - Samsung semiconductor CL03C101JA3ANNC Datasheet HTML 30Page - Samsung semiconductor CL03C101JA3ANNC Datasheet HTML 31Page - Samsung semiconductor CL03C101JA3ANNC Datasheet HTML 32Page - Samsung semiconductor CL03C101JA3ANNC Datasheet HTML 33Page - Samsung semiconductor CL03C101JA3ANNC Datasheet HTML 34Page - Samsung semiconductor CL03C101JA3ANNC Datasheet HTML 35Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 35 / 35 page
background image
Multilayer Ceramic Capacitor - General
- 34 -
ROHM : MCH182C104KKN
MCH
18
2
C
104
K
K
N
TAIYO-YUDEN : TMK107BJ104K_T
TM
K
107
BJ
104
K
-T
TDK : C1608X7R1E104KT
C
1608
X7R
1E
104
K
T
VITRAMON : VJ0603Y104KXXMC
VJ
0603
Y
104
K
X
X
M
C
Series
Size
15 = 0402
18 = 0603
21 = 0805
31 = 1206
32 = 1210
43 = 1812
Voltag
e
4 = 10V
3 = 16V
2 = 25V
5 = 50V
Dielectric
A= C0G
C=X7R
F= Y5V
Capacitance
2
significant
figures
+
number
of zeros
Use "R" for
decimal point
Tolerance
B= ±0.1pF
C= ±0.25pF
D= ±0.5pF
F= ±1%
G= ±2%
J= ±5%
K= ±10%
M= ±20%
Z = +80,-20%
P = +100, 0%
Packaging
K = 7" Reel Paper
P= 7" Reel Plastic
L = 13" Reel Paper
Q = 13" Reel Plastic
B= Bulk
C = Bulk Cassette
Marking/Thickness
N=Marked
Special Thickness
Voltage
A= 4V
J = 6.3V
L= 10V
E= 16V
T= 25V
U = 50V
Type
M = Multilayer
V= Hi Q
Termination
K = Ni Barrier
Size
105 = 0402
107 = 0603
212 = 0805
316 = 1206
325 = 1210
432 = 1812
550 = 2220
Dielectric
CG = C0G
CH = C0H
CJ = C0J
CK = C0K
BJ = X5R,
X7R
F= Y5V
Capacitance
2
significant
figures
+
number
of zeros
Use "R" for
decimal point
Tolerance
C= ±0.25pF
D= ±0.5pF
F= ±1%
G= ±2%
J= ±5%
K= ±10%
M= ±20%
Z = +80,-20%
Special
Various
Packaging
T = Reel
B= Bulk
Series
Size
0603 = 0201
1005 = 0402
1608 = 0603
2012 = 0805
3216 = 1206
3225 = 1210
4532 = 1812
5650 = 2220
Dielectric
CG
X7R
Z5U
Y5V
Voltage
0J = 6.3V
1A = 10V
1C = 16V
1E = 25V
1H = 50V
Capacitance
2
significant
figures
+
number
of zeros
Use "R" for
decimal point
Tolerance
C= ±0.25pF
D= ±0.5pF
F= ±1%
G= ±2%
J= ±5%
K= ±10%
M= ±20%
Z = +80, -20%
Packaging
T= Reel
B= Bulk
Series
Size
0402
0603
0805
1206
1210
1812
2225
Dielectric
X= BX
A,N = C0G
Y= X7R
U=Z5U
H=X8R
Capacitance
2
significant
figures
+
number
of zeros
Use "R" for
decimal point
Tolerance
B= ±0.1pF
C= ±0.25pF
D= ±0.5pF
F= ±1%
G= ±2%
J= ±5%
K= ±10%
M= ±20%
Z = +80, -20%
P= +100, 0%
Termination
X= Silver,
Ni Barrier
Tin Plated
Voltage
J=16V
X= 25V
A= 50V
B= 100V
C = 200V
Marking
M = Marking
A = No Marking
Packaging
C = 7" Reel Paper
T = 7" Reel Plastic
P = 13" Reel Paper
R = 13" Reel Plastic
B= Bulk


Similar Part No. - CL03C101JA3ANNC

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
CL03C180JA3 SAMSUNG-CL03C180JA3 Datasheet
151Kb / 2P
Samsung electro-mechanics
CL03C180JA3ANNC SAMSUNG-CL03C180JA3ANNC Datasheet
151Kb / 2P
Samsung electro-mechanics
More results

Similar Description - CL03C101JA3ANNC

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
CL21C220 SAMSUNG-CL21C220 Datasheet
552Kb / 35P
Multilayer Ceramic Capacitor
logo
EPCOS
X7R EPCOS-X7R Datasheet
432Kb / 19P
Multilayer ceramic capacitor
B37941X EPCOS-B37941X Datasheet
413Kb / 14P
Multilayer ceramic capacitor
B37931K5104K0 EPCOS-B37931K5104K0 Datasheet
64Kb / 5P
Multilayer ceramic capacitor
logo
Samsung semiconductor
CL10B101KB8NNNC SAMSUNG-CL10B101KB8NNNC Datasheet
620Kb / 35P
Multilayer Ceramic Capacitor
CL31B104KCFNNNF SAMSUNG-CL31B104KCFNNNF Datasheet
620Kb / 35P
Multilayer Ceramic Capacitor
CL10C180JB8NNNC SAMSUNG-CL10C180JB8NNNC Datasheet
620Kb / 35P
Multilayer Ceramic Capacitor
CL21C100CBANNNC SAMSUNG-CL21C100CBANNNC Datasheet
620Kb / 35P
Multilayer Ceramic Capacitor
CL05B104KONC SAMSUNG-CL05B104KONC Datasheet
549Kb / 35P
Multilayer Ceramic Capacitor
logo
Murata Manufacturing Co...
GRM31CF11H475ZA01L MURATA1-GRM31CF11H475ZA01L Datasheet
47Kb / 1P
Capacitor Ceramic Multilayer
2015/01/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com