Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DC3217BY Datasheet(PDF) 3 Page - Intel Corporation

Part # DC3217BY
Description  The Shape that Fits the Future
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

DC3217BY Datasheet(HTML) 3 Page - Intel Corporation

  DC3217BY Datasheet HTML 1Page - Intel Corporation DC3217BY Datasheet HTML 2Page - Intel Corporation DC3217BY Datasheet HTML 3Page - Intel Corporation DC3217BY Datasheet HTML 4Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
4” (10cm)
...with Intel® Desktop Board D33217CK
Full PC functionality in its simplest form
Intel® QS77 Express chipset
Intel® Core™ i3-3217U processor
Dual USB 2.0 Ports
Intel® Thunderbolt port for extreme connectivity and transfer rates
HDMI port supporting
HDMI 1.4a for best in class display
19V, 65W DC
Power connector
Front Panel USB 2.0 Port
Dual Mini PCIe slots
for expandability
Dual SO-DIMM sockets
for memory expandability upto 16 GB


Similar Part No. - DC3217BY

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
DC3217IYE INTEL-DC3217IYE Datasheet
681Kb / 4P
The Shape that Fits the Future
More results

Similar Description - DC3217BY

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MKL25Z32VFM4 FREESCALE-MKL25Z32VFM4 Datasheet
1Mb / 53P
Part numbers for the chip have fields that identify the specific part.
logo
Intel Corporation
DC3217IYE INTEL-DC3217IYE Datasheet
681Kb / 4P
The Shape that Fits the Future
logo
STMicroelectronics
AN4308 STMICROELECTRONICS-AN4308 Datasheet
270Kb / 14P
The STCCxxxx devices also integrate the autodetect feature that supports both DCP
logo
Wurth Elektronik GmbH &...
784787101 WURTH-784787101 Datasheet
589Kb / 7P
It is recommeded that the temperature of the component does not exceed
784787120 WURTH-784787120 Datasheet
589Kb / 7P
It is recommeded that the temperature of the component does not exceed
784787121 WURTH-784787121 Datasheet
589Kb / 7P
It is recommeded that the temperature of the component does not exceed
logo
Taoglas antenna solutio...
FXP611070092C TAOGLAS-FXP611070092C Datasheet
477Kb / 12P
The CLoud Flexible Polymer Cloud Shape Antenna
logo
TOKYO SEIMITSU CO., LTD
PROBES ACCRETECH-PROBES Datasheet
322Kb / 2P
The only active scanning probe that the measuring force is controllable
logo
SparkFun Electronics
BOK-11499 SPARKFUN-BOK-11499 Datasheet
122Kb / 2P
Robotics: Discover the Science and Technology of the Future
6??1??7
logo
EDA Technology Co.,LTD
ED-CM4NANO10-0232-C EDATEC-ED-CM4NANO10-0232-C Datasheet
3Mb / 6P
The Industrial Raspberry Pi that You Expect
2022-10-24
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com