![]() |
Electronic Components Datasheet Search |
|
IDT70V25L15PFG Datasheet(PDF) 7 Page - Integrated Device Technology |
|
|
IDT70V25L15PFG Datasheet(HTML) 7 Page - Integrated Device Technology |
7 / 25 page ![]() 6.42 7 IDT70V35/34S/L (IDT70V25/24S/L) High-Speed 3.3V 8/4K x 18 (8/4K x 16) Dual-Port Static RAM Industrial and Commercial Temperature Ranges Absolute Maximum Ratings(1) Maximum Operating Temperature and Supply Voltage(1) Capacitance(1) (TA = +25°C, f = 1.0MHz) Recommended DC Operating Conditions NOTES: 1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect reliability. 2. VTERM must not exceed VDD + 0.3V for more than 25% of the cycle time or 10ns maximum, and is limited to < 20mA for the period of VTERM > VDD + 0.3V. NOTES: 1. This parameter is determined by device characterization but is not production tested. 2. COUT also references CI/O. NOTE: 1. This is the parameter TA. This is the "instant on" case temperature. NOTES: 1. VIL > -1.5V for pulse width less than 10ns. 2. VTERM must not exceed VDD + 0.3V. DC Electrical Characteristics Over the Operating Temperature and Supply Voltage Range (VDD = 3.3V ± 0.3V) NOTE: 1. At VDD < 2.0V leakages are undefined. Symbol Rating Commercial & Industrial Unit VTERM(2) Terminal Voltage with Respect to GND -0.5 to +4.6 V TBIAS Temperature Under Bias -55 to +125 oC TSTG Storage Temperature -65 to +150 oC TJN Junction Temperature +150 oC IOUT DC Output Current 50 mA 5624 tbl 04 Grade Ambient Temperature GND VDD Commercial 0OC to +70OC0V 3.3V + 0.3V Industrial -40OC to +85OC0V 3.3V + 0.3V 5624 tbl 05 Symbol Parameter Min. Typ. Max. Unit VDD Supply Voltage 3.0 3.3 3.6 V VSS Ground 0 0 0 V VIH Input High Voltage 2.0 ____ VDD+0.3(2) V VIL Input Low Voltage -0.3(1) ____ 0.8 V 5624 tbl 06 Symbol Parameter Conditions Max. Unit CIN Input Capacitance VIN = 0V 9 pF COUT(2) Output Capacitance VOUT = 0V 10 pF 5624 tbl 07 Symbol Parameter Test Conditions 70V35/34/25/24S 70V35/34/25/24L Unit Min. Max. Min. Max. |ILI| Input Leakage Current(1) VDD = 3.6V, VIN = 0V to VDD ___ 10 ___ 5µ A |ILO| Output Leakage Currentt(1) CE = VIH, VOUT = 0V to VDD ___ 10 ___ 5µ A VOL Output Low Voltage IOL = +4mA ___ 0.4 ___ 0.4 V VOH Output High Voltage IOH = -4mA 2.4 ___ 2.4 ___ V 5624 tbl 08 |
Similar Part No. - IDT70V25L15PFG |
|
Similar Description - IDT70V25L15PFG |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |