Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS65320QPWPRQ1 Datasheet(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65320QPWPRQ1
Description  40-V Step-Down Converter With Eco-mode??Codec and LDO Regulator
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS65320QPWPRQ1 Datasheet(HTML) 25 Page - Texas Instruments

Back Button TPS65320QPWPRQ1 Datasheet HTML 21Page - Texas Instruments TPS65320QPWPRQ1 Datasheet HTML 22Page - Texas Instruments TPS65320QPWPRQ1 Datasheet HTML 23Page - Texas Instruments TPS65320QPWPRQ1 Datasheet HTML 24Page - Texas Instruments TPS65320QPWPRQ1 Datasheet HTML 25Page - Texas Instruments TPS65320QPWPRQ1 Datasheet HTML 26Page - Texas Instruments TPS65320QPWPRQ1 Datasheet HTML 27Page - Texas Instruments TPS65320QPWPRQ1 Datasheet HTML 28Page - Texas Instruments TPS65320QPWPRQ1 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 34 page
background image
SW
1
C8
R4
f
=
p ´
´
out
ESR
C
R
C8
R4
´
=
P _ mod
1
C6
2
R4 f
=
p ´
´
co
out
out
ps
ref
ea
2
f
C
V
R4
gm
V
gm
æ
ö æ
ö
p ´
´
=
´
ç
÷ ç
÷
ç
÷
´
è
ø
è
ø
SW
co
P _ mod
f
f
f
2
=
´
co
P _ mod
Z _ mod
f
f
f
=
´
Z _ mod
ESR
out
1
f
2
R
C
=
p ´
´
m ax
P _ mod
L
out
out
out
I
1
f
2
R
C
2
V
C
=
=
p ´
´
p ´
´
TPS65320-Q1
www.ti.com
SLVSAY9A – DECEMBER 2012 – REVISED APRIL 2013
To get started, calculate the modulator pole, ƒP_mod, and the ESR zero, ƒz_mod using Equation 32 and
Equation 33. For COUT, use a derated value of 40 μF. Use Equation 34 and Equation 35 to estimate a starting
point for the crossover frequency, ƒco, to design the compensation. For the example design, ƒP_mod is 2.39 kHz
and ƒZ_mod is 1.33 MHz. Equation 34 is the geometric mean of the modulator pole and the ESR zero and
Equation 35 is the mean of the modulator pole and the switching frequency. Equation 34 yields 56.4 kHz and
Equation 35 gives 51.3 kHz. Use the lower value of Equation 34 or Equation 35 for an initial crossover frequency.
For this example, the target ƒco is 51.3 kHz. Next, calculate the compensation components. Use a resistor in
series with a capacitor to create a compensating zero. A capacitor in parallel to these two components forms the
compensating pole.
(32)
(33)
(34)
(35)
The total loop gain, which consists of the product of the modulator gain, the feedback voltage-divider gain, and
the error amplifier gain at ƒco should be equal to 1. One can juse Equation 36 to determine the compensation
resistor, R4 (see schematics in Figure 23). Assume the power-stage transconductance, gmps, is 10.5 S. The
output voltage, VOUT, reference voltage, VREF, and amplifier transconductance, gmea, are 5 V, 0.8 V and 310 μS,
respectively. The calculated value for R4 is 24.74 k
Ω; use 27 kΩ in this design. Use Equation 37 to set the
compensation zero to the modulator pole frequency. Equation 35 yields 2468 pF for compensating capacitor C6
(see schematics in Figure 23); use 2700 pF for this design.
(36)
(37)
One can implement a compensation pole if desired using an additional capacitor C8 in parallel with the series
combination of R4 and C6. Use the larger value of Equation 38 and Equation 39 to calculate the C8, to set the
compensation pole. Type 2B compensation does not use C8. This would demand a low ESR of the output
capacitor.
(38)
(39)
LDO
Depending upon an end application, one may use different values of external components. In order to program
the output voltage, select the feedback resistors (R5 and R6) carefully. Using smaller resistors results in higher
current consumption, whereas using very large resistors impacts the sensitivity of the regulator. TI therefore
recommends selecting feedback resistors such that the sum of R5 and R6 is between 20 k
Ω and 200 kΩ.
If the desired regulated output voltage is 3.3 V on selecting R6, one can calculate R5. Knowing VREF = 0.8 V
(typical), VOUT = 3.3 V, and selecting R6 = 20 kΩ, the calculated value of R5 is 62 kΩ.
There may be a requirement for a larger output capacitor during fast load steps to prevent the output from
temporarily dropping down. TI recommends a low-ESR ceramic capacitor with dielectric of type X5R or X7R.
Additionally, one can connect a bypass capacitor at the output to decouple high-frequency noise, per the end
application.
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
25
Product Folder Links: TPS65320-Q1


Similar Part No. - TPS65320QPWPRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65320QPWPRQ1 TI1-TPS65320QPWPRQ1 Datasheet
1Mb / 45P
40-V Step-Down Converter With Eco-mode
More results

Similar Description - TPS65320QPWPRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54260-Q1 TI1-TPS54260-Q1 Datasheet
1Mb / 48P
3.5 V to 60 V STEP DOWN CONVERTER WITH ECO-MODE?
TPS54260QDGQRQ1 TI-TPS54260QDGQRQ1 Datasheet
2Mb / 50P
3.5 V to 60 V STEP DOWN CONVERTER WITH ECO-MODE?
TPS54260QDGQRQ1 TI1-TPS54260QDGQRQ1 Datasheet
2Mb / 50P
3.5 V to 60 V STEP DOWN CONVERTER WITH ECO-MODE
TPS65320-Q1 TI1-TPS65320-Q1 Datasheet
1Mb / 45P
40-V Step-Down Converter With Eco-mode
TPS65321-Q1 TI1-TPS65321-Q1 Datasheet
1Mb / 42P
Step-Down Converter With Eco-mode and LDO Regulator
TPS54540-Q1 TI1-TPS54540-Q1_15 Datasheet
2Mb / 44P
Step-Down DC-DC Converter With Eco-mode
TPS65320C-Q1 TI1-TPS65320C-Q1_16 Datasheet
1Mb / 41P
36-V Step-Down Converter With Eco-mode??and LDO Regulator
TPS65320D-Q1 TI1-TPS65320D-Q1 Datasheet
1Mb / 42P
36-V Step-Down Converter With Eco-mode and LDO Regulator
TPS65321A-Q1 TI1-TPS65321A-Q1 Datasheet
4Mb / 43P
36-V Step-Down Converter With Eco-mode and LDO Regulator
LMR14010A TI1-LMR14010A Datasheet
609Kb / 23P
4-V to 40-V, 1-A Step-Down Converter With High Efficiency Eco-mode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com