Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS65320QPWPRQ1 Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65320QPWPRQ1
Description  40-V Step-Down Converter With Eco-mode??Codec and LDO Regulator
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS65320QPWPRQ1 Datasheet(HTML) 24 Page - Texas Instruments

Back Button TPS65320QPWPRQ1 Datasheet HTML 20Page - Texas Instruments TPS65320QPWPRQ1 Datasheet HTML 21Page - Texas Instruments TPS65320QPWPRQ1 Datasheet HTML 22Page - Texas Instruments TPS65320QPWPRQ1 Datasheet HTML 23Page - Texas Instruments TPS65320QPWPRQ1 Datasheet HTML 24Page - Texas Instruments TPS65320QPWPRQ1 Datasheet HTML 25Page - Texas Instruments TPS65320QPWPRQ1 Datasheet HTML 26Page - Texas Instruments TPS65320QPWPRQ1 Datasheet HTML 27Page - Texas Instruments TPS65320QPWPRQ1 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 34 page
background image
out
out
ss
ssavg
C
V
0.8
T
I
´
´
>
out max
in
in
SW
I
0.25
V
C
f
´
D
=
´
TPS65320-Q1
SLVSAY9A – DECEMBER 2012 – REVISED APRIL 2013
www.ti.com
(30)
Table 3. Capacitor Types
VENDOR
VALUE (
μF)
EIA Size
VOLTAGE
DIALECTRIC
COMMENTS
1 to 2.2
100 V
1210
GRM32 series
1 to 4.7
50 V
Murata
1
100 V
1206
GRM31 series
1 to 2.2
50 V
X7R
1 to 4.7
50 V
1210
1
100 V
AVX
X7R dielectric series
1 to 4.7
50 V
1812
1 to 2.2
100 V
Slow-Start Capacitor
The slow-start capacitor determines the minimum amount of time it takes for the output voltage to reach its
nominal programmed value during power up. This is useful if a load requires a controlled voltage-slew rate. This
is also useful if the output capacitance is large and requires large amounts of current to charge the capacitor
quickly to the output voltage level. The large currents necessary to charge the capacitor may make the
TPS65320-Q1 device reach the current limit, or excessive current draw from the input power supply may cause
the input voltage rail to sag. Limiting the output voltage-slew rate solves both of these problems.
The slow-start time must be long enough to allow the regulator to charge the output capacitor up to the output
voltage without drawing excessive current. One can use Equation 31 to find the minimum slow-start time, tss,
necessary to charge the output capacitor, COUT, from 10% to 90% of the output voltage, VOUT, with an average
slow-start current of Issavg. In the example, to charge the effective output capacitance of 44 µF up to 5 V while
only allowing the average output current to be 3 A would require a 0.088-ms slow-start time.
After knowing the slow-start timen, one can calculate the slow start capacitor value using Equation 1. For the
example circuit, the slow-start time is not too critical, because the output-capacitor value is 2 × 22 µF, which
does not require much current to charge to 5 V. The example circuit has the slow-start time set to an arbitrary
value of 1 ms, which requires a 3.125-nF slow start capacitor. This design uses the next-larger standard value of
3.3 nF.
(31)
Bootstrap Capacitor Selection
Connect a 0.1-µF ceramic capacitor between the BOOT and SW pins for proper operation. TI recommends using
a ceramic capacitor with X5R or better-grade dielectric. The capacitor should have a 10-V or higher voltage
rating.
Output Voltage and Feedback Resistors Selection
The voltage divider of R2 and R3 sets the output voltage. For the example design, the selected value of R3 is 10
k
Ω, and the calculated value of R2 is 53.6 kΩ. Due to current leakage of the VFB1 pin, the current flowing
through the feedback network should be greater than 1
μA in order to maintain the output-voltage accuracy.
Choosing higher resistor values decreases the quiescent current and improves efficiency at low output currents,
but may introduce noise immunity problems.
Compensation
There are several methods used to compensate dc-dc regulators. The method presented here is easy to
calculate and ignores the effects of the slope compensation that is internal to the device. Ignoring the slope
compensation usually causes the actual crossover frequency to be lower than the crossover frequency used in
the calculations. This method assumes the crossover frequency is between the modulator pole and the ESR
zero, and the ESR zero is at least 10 times greater than the modulator pole.
24
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links: TPS65320-Q1


Similar Part No. - TPS65320QPWPRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65320QPWPRQ1 TI1-TPS65320QPWPRQ1 Datasheet
1Mb / 45P
[Old version datasheet]   40-V Step-Down Converter With Eco-mode
More results

Similar Description - TPS65320QPWPRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65321-Q1 TI1-TPS65321-Q1 Datasheet
1Mb / 42P
[Old version datasheet]   Step-Down Converter With Eco-mode and LDO Regulator
TPS65320D-Q1 TI1-TPS65320D-Q1 Datasheet
1Mb / 42P
[Old version datasheet]   36-V Step-Down Converter With Eco-mode and LDO Regulator
TPS65320C-Q1 TI1-TPS65320C-Q1_16 Datasheet
1Mb / 41P
[Old version datasheet]   36-V Step-Down Converter With Eco-mode??and LDO Regulator
TPS65321A-Q1 TI1-TPS65321A-Q1 Datasheet
4Mb / 43P
[Old version datasheet]   36-V Step-Down Converter With Eco-mode and LDO Regulator
TPS65320-Q1 TI1-TPS65320-Q1 Datasheet
1Mb / 45P
[Old version datasheet]   40-V Step-Down Converter With Eco-mode
TPS54260-Q1 TI1-TPS54260-Q1 Datasheet
1Mb / 48P
[Old version datasheet]   3.5 V to 60 V STEP DOWN CONVERTER WITH ECO-MODE?
TPS54260QDGQRQ1 TI1-TPS54260QDGQRQ1 Datasheet
2Mb / 50P
[Old version datasheet]   3.5 V to 60 V STEP DOWN CONVERTER WITH ECO-MODE
TPS54260QDGQRQ1 TI-TPS54260QDGQRQ1 Datasheet
2Mb / 50P
[Old version datasheet]   3.5 V to 60 V STEP DOWN CONVERTER WITH ECO-MODE?
LMR14010A TI1-LMR14010A Datasheet
609Kb / 23P
[Old version datasheet]   4-V to 40-V, 1-A Step-Down Converter With High Efficiency Eco-mode
TPS54540-Q1 TI1-TPS54540-Q1_15 Datasheet
2Mb / 44P
[Old version datasheet]   Step-Down DC-DC Converter With Eco-mode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com